Moteur de recherche de fiches techniques de composants électroniques |
|
MC1458L-D08-T Fiches technique(PDF) 5 Page - Unisonic Technologies |
|
MC1458L-D08-T Fiches technique(HTML) 5 Page - Unisonic Technologies |
5 / 5 page MC1458 LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 5 of 5 www.unisonic.com.tw QW-R105-008,B ■ ELECTRICAL CHARACTERISTICS(Cont.) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Total Harmonic Distortion THD F=1kHz, Av=20dB, RL=2kΩ, VOUT=2Vpp,CL=100pF,Ta=25°C 0.02 % Equivalent Input Noise Voltage eN F=kHz, Rs=100 Ω 45 nV √ Hz Phase Margin φm 65 Deg. Gain Margin Am 11 dB Channel Separation Vo1/Vo2 120 dB UTC assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all UTC products described or contained herein. UTC products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. |
Numéro de pièce similaire - MC1458L-D08-T |
|
Description similaire - MC1458L-D08-T |