Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PI3HDMI1212 Fiches technique(PDF) 3 Page - Pericom Semiconductor Corporation

No de pièce PI3HDMI1212
Description  High-performance HDMI 1.1 and 1.2 Compatible Signal Switch w/ Integrated Side-band Signal Support
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PERICOM [Pericom Semiconductor Corporation]
Site Internet  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3HDMI1212 Fiches technique(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3HDMI1212 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3HDMI1212 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3HDMI1212 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3HDMI1212 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3HDMI1212 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3HDMI1212 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3HDMI1212 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3HDMI1212 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3HDMI1212 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
PS8867B
11/07/06
PI3HDMI1212
High-performance HDMI 1.1 and 1.2 Compatible
Signal Switch w/ Integrated Side-band Signal Support
COMPANY CONFIDENTIAL
DC Electrical Characteristics for Switching over Operating Range
(TA = –40°C to +85°C)
Paramenter
Description
Test Conditions
Min.
Typ(2)
Max.
Units
VIHSEL(3)
Input HIGH Voltage
Guaranteed HIGH level
2.8
V
VIL SEL(3)
Input LOW Voltage
Guaranteed LOW level
2.0
VIKHS(4)
Clamp Diode Voltage VDD=Max., IIN=–18mA
0.9
Notes:
1.
For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2.
Typical values are at TA = 25°C ambient and maximum loading.
3.
VIHSEL + VILSEL are for SEL input only (pin 11)
4.
For High-speed signals only
DC Electrical Characteristics for Switching over Operating Range
(TA = –40°C to +85°C) for high speed signals only
Paramenter
Description
Test Conditions
Min.
Typ(2)
Max.
Units
VIHIN(3)
Input HIGH Voltage
Guaranteed HIGH level
2.1
V
VILIN(3)
Input LOW Voltage
Guaranteed LOW level
0.8
VIKHS (4)
Clamp Diode Voltage VDD=Max., IIN=–18mA
-0.9
IIH
Input HIGH Current
VDD=Max., VIN=VDD
±5
μA
IIL
Input LOW Current
VDD=Max., VIN=VSS
±5
Notes:
1.
For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2.
Typical values are at TA = 25°C ambient and maximum loading.
3.
VIHIN + VILIN are for IN input only.
4.
For Side-speed signals only
06-0291


Numéro de pièce similaire - PI3HDMI1212

FabricantNo de pièceFiches techniqueDescription
logo
Pericom Semiconductor C...
PI3HDMI1210 PERICOM-PI3HDMI1210 Datasheet
626Kb / 14P
   High-performance HDMITM 1.1 and 1.2 Compatible Signal Switch w/ Integrated Side-band Signal Support
More results

Description similaire - PI3HDMI1212

FabricantNo de pièceFiches techniqueDescription
logo
Pericom Semiconductor C...
PI3HDMI1210 PERICOM-PI3HDMI1210 Datasheet
626Kb / 14P
   High-performance HDMITM 1.1 and 1.2 Compatible Signal Switch w/ Integrated Side-band Signal Support
logo
Texas Instruments
TMS320C6472 TI-TMS320C6472 Datasheet
999Kb / 65P
[Old version datasheet]   Digital Signal Processor Silicon Revisions 2.0 1.2 1.1 1.0
TMS320TCI6487 TI-TMS320TCI6487_1 Datasheet
523Kb / 90P
[Old version datasheet]   Digital Signal Processor Silicon Revisions 1.3, 1.2, 1.1, 1.0
logo
Pericom Semiconductor C...
PI3HDMI2410 PERICOM-PI3HDMI2410 Datasheet
508Kb / 15P
   4-Port HDMI Signal Switch with Control
logo
ON Semiconductor
MC12080 ONSEMI-MC12080 Datasheet
42Kb / 4P
   1.1 GHz Prescaler High Frequency Input Signal
February, 2002 ??Rev. 5
logo
Pericom Semiconductor C...
PI3WVR12612 PERICOM-PI3WVR12612 Datasheet
2Mb / 13P
   HDMI 2.0, DisplayPort 1.2 Video Switch
PI3WVR12412 PERICOM-PI3WVR12412 Datasheet
1Mb / 13P
   HDMI 2.0, DisplayPort 1.2 Video Switch
logo
Diodes Incorporated
PI3WVR12412 DIODES-PI3WVR12412 Datasheet
1Mb / 14P
   HDMI 2.0, DisplayPort 1.2 Video Switch
November 2021
logo
Pericom Semiconductor C...
PI3HDMI341AR PERICOM-PI3HDMI341AR Datasheet
528Kb / 12P
   3:1 Active HDMI 1.3 Compatible Switch with Optimized Equalization for Enhanced Signal Integrity
PI3HDMI341ART PERICOM-PI3HDMI341ART Datasheet
740Kb / 11P
   3:1 Active HDMI 1.3 Compatible Switch with Optimized Equalization for Enhanced Signal Integrity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com