Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC74ACT08DR2G Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce MC74ACT08DR2G
Description  Quad 2?묲nput AND Gate
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74ACT08DR2G Fiches technique(HTML) 3 Page - ON Semiconductor

  MC74ACT08DR2G Datasheet HTML 1Page - ON Semiconductor MC74ACT08DR2G Datasheet HTML 2Page - ON Semiconductor MC74ACT08DR2G Datasheet HTML 3Page - ON Semiconductor MC74ACT08DR2G Datasheet HTML 4Page - ON Semiconductor MC74ACT08DR2G Datasheet HTML 5Page - ON Semiconductor MC74ACT08DR2G Datasheet HTML 6Page - ON Semiconductor MC74ACT08DR2G Datasheet HTML 7Page - ON Semiconductor MC74ACT08DR2G Datasheet HTML 8Page - ON Semiconductor MC74ACT08DR2G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MC74AC08, MC74ACT08
http://onsemi.com
3
AC CHARACTERISTICS (For Figures and Waveforms − See Section 3 of the ON Semiconductor FACT Data Book, DL138/D)
Symbol
Parameter
VCC (V)
(Note5 )
74AC
74AC
Unit
Fig.
No.
TA = +25°C
CL = 50 pF
TA = −40°C
to +85°C
CL = 50 pF
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
3.3
1.5
7.5
9.5
1.0
10.0
ns
3−5
5.0
1.5
5.5
7.5
1.0
8.5
tPHL
Propagation Delay
3.3
1.5
7.0
8.5
1.0
9.0
ns
3−5
5.0
1.5
5.5
7.0
1.0
7.5
5. Voltage Range 3.3 V is 3.3 V ±0.3 V.
Voltage Range 5.0 V is 5.0 V ±0.5 V.
DC CHARACTERISTICS
Symbol
Parameter
Conditions
VCC
(V)
74ACT
74ACT
Unit
TA = +25°C
TA =
−40°C to
+85°C
Typ
Guaranteed Limits
VIH
Minimum High Level
Input Voltage
VOUT = 0.1 V
4.5
1.5
2.0
2.0
V
or VCC − 0.1 V
5.5
1.5
2.0
2.0
VIL
Maximum Low Level
Input Voltage
VOUT = 0.1 V
4.5
1.5
0.8
0.8
V
or VCC − 0.1 V
5.5
1.5
0.8
0.8
VOH
Minimum High Level
Output Voltage
IOUT = −50 mA
4.5
4.49
4.4
4.4
V
5.5
5.49
5.4
5.4
VIN = VIL or VIH (Note 6)
V
−24 mA
4.5
3.86
3.76
−24 mA
5.5
4.86
4.76
VOL
Maximum Low Level
Output Voltage
IOUT = 50 mA
4.5
0.001
0.1
0.1
V
5.5
0.001
0.1
0.1
VIN = VIL or VIH (Note 6)
V
24 mA
4.5
0.36
0.44
24 mA
5.5
0.36
0.44
IIN
Maximum Input
Leakage Current
VI = VCC, GND
5.5
±0.1
±1.0
mA
DICCT
Additional Max. ICC/Input
VI = VCC − 2.1 V
5.5
0.6
1.5
mA
IOLD
Minimum Dynamic (Note 7)
Output Current
VOLD = 1.65 V Max
5.5
75
mA
IOHD
VOHD = 3.85 V Min
5.5
−75
mA
ICC
Maximum Quiescent
Supply Current
VIN = VCC or GND
5.5
4.0
40
mA
6. All outputs loaded; thresholds on input associated with output under test.
7. Maximum test duration 2.0 ms, one output loaded at a time.


Numéro de pièce similaire - MC74ACT08DR2G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC74ACT08DR2G ONSEMI-MC74ACT08DR2G Datasheet
87Kb / 8P
   Quad 2-Input AND Gate
January, 2015 ??Rev. 10
More results

Description similaire - MC74ACT08DR2G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10H104 ONSEMI-MC10H104_06 Datasheet
150Kb / 6P
   Quad 2?묲nput AND Gate
February, 2006 ??Rev. 8
MC74VHCT08A ONSEMI-MC74VHCT08A_06 Datasheet
95Kb / 6P
   Quad 2?묲nput AND Gate
March, 2006 ??Rev. 5
MC74VHC08 ONSEMI-MC74VHC08 Datasheet
92Kb / 6P
   Quad 2?묲nput AND Gate
November, 2005 ??Rev. 6
NLSF308 ONSEMI-NLSF308_06 Datasheet
66Kb / 5P
   Quad 2?묲nput AND Gate
May, 2006 ??Rev. 4
MC74VHC02 ONSEMI-MC74VHC02 Datasheet
82Kb / 5P
   Quad 2?묲nput NOR Gate
November, 2005 ??Rev. 4
NLSF302MN ONSEMI-NLSF302MN Datasheet
64Kb / 4P
   Quad 2?묲nput NOR Gate
May, 2006 ??Rev. 4
MC74VHCT02A ONSEMI-MC74VHCT02A_06 Datasheet
156Kb / 8P
   Quad 2?묲nput NOR Gate
March, 2006 ??Rev. 4
MC74VHC00 ONSEMI-MC74VHC00 Datasheet
92Kb / 6P
   Quad 2?묲nput NAND Gate
January, 2006 ??Rev. 5
MC74AC00 ONSEMI-MC74AC00 Datasheet
148Kb / 10P
   Quad 2?묲nput NAND Gate
October, 2006 ??Rev. 9
MC74AC02 ONSEMI-MC74AC02 Datasheet
141Kb / 10P
   Quad 2?묲nput NOR Gate
October, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com