Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MMBD717LT1G Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce MMBD717LT1G
Description  20 VOLT SCHOTTKY BARRIER DETECTOR AND SWITCHING DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBD717LT1G Fiches technique(HTML) 1 Page - ON Semiconductor

  MMBD717LT1G Datasheet HTML 1Page - ON Semiconductor MMBD717LT1G Datasheet HTML 2Page - ON Semiconductor MMBD717LT1G Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© Semiconductor Components Industries, LLC, 2006
February, 2006 − Rev. 7
1
Publication Order Number:
MMBD717LT1/D
MMBD717LT1
Preferred Device
Common Anode
Schottky Barrier Diodes
These Schottky barrier diodes are designed for high speed switching
applications, circuit protection, and voltage clamping. Extremely low
forward voltage reduces conduction loss. Miniature surface mount
package is excellent for hand held and portable applications where
space is limited.
Features
Extremely Fast Switching Speed
Extremely Low Forward Voltage − 0.28 V (Typ) @ IF = 1 mAdc
Pb−Free Package is Available
MAXIMUM RATINGS (TJ = 125°C unless otherwise noted)
Rating
Symbol
Value
Unit
Reverse Voltage
VR
20
V
Forward Power Dissipation
@ TA = 25°C
Derate above 25
°C
PF
200
1.6
mW
mW/
°C
Operating Junction Temperature Range
TJ
−55 to +150
°C
Storage Temperature Range
Tstg
−55 to +150
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
ELECTRICAL CHARACTERISTICS (TA = 125°C unless otherwise noted)
Rating
Symbol
Min
Typ
Max
Unit
Reverse Breakdown Voltage
(IR = 10 mA)
V(BR)R
20
V
Total Capacitance
(VR = 1.0 V, f = 1.0 MHz)
CT
2.0
2.5
PF
Reverse Leakage (VR = 10 V)
(For each individual diode while
the second diode is unbiased)
IR
0.05
1.0
mAdc
Forward Voltage (IF = 1.0 mAdc)
VF
0.28
0.37
Vdc
Preferred devices are recommended choices for future use
and best overall value.
http://onsemi.com
SC−70 / SOT−323
CASE 419
STYLE 4
MARKING DIAGRAM
ANODE
3
CATHODE
1
2
CATHODE
20 VOLT
SCHOTTKY BARRIER
DETECTOR AND SWITCHING
DIODES
*Date Code orientation and/or overbar may
vary depending upon manufacturing location.
B3 M
G
G
B3 = Device Code
M
= Date Code*
G
= Pb−Free Package
(Note: Microdot may be in either location)
Device
Package
Shipping
ORDERING INFORMATION
MMBD717LT1
SC−70
3,000 / Tape & Reel
MMBD717LT1G
SC−70
(Pb−Free)
3,000 / Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
1
1


Numéro de pièce similaire - MMBD717LT1G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MMBD717LT1G ONSEMI-MMBD717LT1G Datasheet
96Kb / 3P
   Common Anode Schottky Barrier Diodes
December, 2011 ??Rev. 9
More results

Description similaire - MMBD717LT1G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
BAT54T1 ONSEMI-BAT54T1_05 Datasheet
54Kb / 4P
   30 VOLT SCHOTTKY BARRIER DETECTOR AND SWITCHING DIODES
October, 2005 ??Rev. 8
logo
Motorola, Inc
BAT54T1 MOTOROLA-BAT54T1 Datasheet
81Kb / 5P
   30 VOLT SCHOTTKY BARRIER DETECTOR AND SWITCHING DIODE
BAT54ALT1 MOTOROLA-BAT54ALT1 Datasheet
78Kb / 4P
   30 VOLTS SCHOTTKY BARRIER DETECTOR AND SWITCHING DIODES
logo
ON Semiconductor
BAT54WT1 ONSEMI-BAT54WT1 Datasheet
78Kb / 4P
   SCHOTTKY BARRIER DETECTOR AND SWITCHING DIODE
1997 REV 3
BAT54T1 ONSEMI-BAT54T1 Datasheet
81Kb / 5P
   SCHOTTKY BARRIER DETECTOR AND SWITCHING DIODE
1997 REV 4
logo
Motorola, Inc
BAT54WT1 MOTOROLA-BAT54WT1 Datasheet
78Kb / 4P
   30 VOLTS SCHOTTKY BARRIER DETECTOR AND SWITCHING DIODE
logo
Guangdong Kexin Industr...
KB160VA-30 KEXIN-KB160VA-30 Datasheet
31Kb / 1P
   Schottky Barrier Switching Diodes
KD103AW KEXIN-KD103AW Datasheet
37Kb / 1P
   Schottky Barrier Switching Diodes
logo
M/A-COM Technology Solu...
SCHOTTKY-DETECTOR-DIODES MA-COM-SCHOTTKY-DETECTOR-DIODES Datasheet
114Kb / 4P
   Schottky Detector Diodes
logo
Tyco Electronics
VXG4 MACOM-VXG4 Datasheet
385Kb / 5P
   Schottky Detector Diodes
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com