Moteur de recherche de fiches techniques de composants électroniques |
|
MC100LVEP16MNR4G Fiches technique(PDF) 7 Page - ON Semiconductor |
|
MC100LVEP16MNR4G Fiches technique(HTML) 7 Page - ON Semiconductor |
7 / 12 page MC10LVEP16, MC100LVEP16 http://onsemi.com 7 Table 10. AC CHARACTERISTICS VCC = 0 V; VEE = −3.8 V to −2.375 V or VCC = 2.375 V to 3.8 V; VEE = 0 V (Note 26) Symbol Characteristic −40°C 25°C 85°C Unit Min Typ Max Min Typ Max Min Typ Max fmax Maximum Frequency (See Figure 2. Fmax/JITTER) > 4 > 4 > 4 GHz tPLH, tPHL Propagation Delay to Output Differential 150 220 300 170 240 320 190 260 330 ps tSKEW Duty Cycle Skew (Note 27) 5.0 20 5.0 20 5.0 20 ps tJITTER CLOCK Random Jitter (RMS) @ v 1.0 GHz @ v 1.5 GHz @ v 2.0 GHz @ v 2.5 GHz @ v 3.0 GHz @ v 3.5 GHz 0.134 0.077 0.115 0.117 0.122 0.123 0.2 0.2 0.2 0.2 0.2 0.2 0.147 0.104 0.141 0.132 0.143 0.145 0.3 0.3 0.3 0.3 0.3 0.3 0.166 0.145 0.153 0.156 0.177 0.202 0.3 0.3 0.3 0.3 0.3 0.3 ps VPP Input Voltage Swing (Differential Configuration) 150 800 1200 150 800 1200 150 800 1200 mV tr tf Output Rise/Fall Times Q, Q (20% − 80%) 70 120 170 80 130 180 100 150 200 ps NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 26.Measured using a 750 mV source, 50% duty cycle clock source. All loading with 50 W to VCC − 2.0 V. 27.Skew is measured between outputs under identical transitions. Duty cycle skew is defined only for differential operation when the delays are measured from the cross point of the inputs to the cross point of the outputs. 0 100 200 300 400 500 600 700 800 900 0 1000 2000 3000 4000 5000 6000 FREQUENCY (MHz) 1 2 3 4 5 6 7 8 (JITTER) Figure 2. Fmax/Jitter 9 |
Numéro de pièce similaire - MC100LVEP16MNR4G |
|
Description similaire - MC100LVEP16MNR4G |