Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC10SX1130D Fiches technique(PDF) 6 Page - ON Semiconductor

No de pièce MC10SX1130D
Description  LED Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10SX1130D Fiches technique(HTML) 6 Page - ON Semiconductor

  MC10SX1130D Datasheet HTML 1Page - ON Semiconductor MC10SX1130D Datasheet HTML 2Page - ON Semiconductor MC10SX1130D Datasheet HTML 3Page - ON Semiconductor MC10SX1130D Datasheet HTML 4Page - ON Semiconductor MC10SX1130D Datasheet HTML 5Page - ON Semiconductor MC10SX1130D Datasheet HTML 6Page - ON Semiconductor MC10SX1130D Datasheet HTML 7Page - ON Semiconductor MC10SX1130D Datasheet HTML 8Page - ON Semiconductor MC10SX1130D Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MC10SX1130
http://onsemi.com
6
APPLICATIONS INFORMATION
Introduction
The MC10SX1130 is intended to be integrated into high
performance fiber optic modules or used stand-alone to
drive a packaged optical LED device. The wide frequency
response of the device allows it to be used to support a
variety of digital communication applications ranging from:
OC1/3 SONET/SDH Links
100 MBit/s FDDI
155 MBit/s ATM
133/266 MBit/s FibreChannel
To support such wide ranging application areas, the LED
Driver incorporates a variety of unique features. These offer
designers added flexibility that could not previously be
realized in less integrated designs.
LED Characteristics
LED devices emit light when forward biased. The optical
power emitted by an LED is determined by the amount of
current flowing through the device. This relationship is a
relatively linear function of the current, until the device
saturates. In some ways, an LED device behaves much like
a traditional small signal silicon diode, although the forward
“ON” voltage of an LED is much larger and ranges from
1.0 V to 2.0 V. In addition, for a fixed amount of current, the
optical power from the LED will decrease if the device
junction temperature increases. Another behavior of most
LED devices is that they have unequal turn-on and turn-off
times. In developing an LED transmitter, the designer must
wrestle with all these behaviors to develop a product that
meets the design targets.
LED Driver
The MC10SX1130 LED Driver accepts a digital binary
data stream which is processed by the driver circuitry to
create a current waveform to modulate the LED device. The
LED Driver contains circuitry to program the modulation
current, pre-distort the input waveform to partially
compensate for the LED turn-on/turn-off delay, and
compensate for the negative optical output power tracking
co-efficient. The LED Driver operates from a +5 V supply
for PECL applications or a −5.2 V supply for traditional
ECL systems. For further information on PECL, please
consult “Designing with PECL Application Note”,
AN1406/D available from a ON Semiconductor
representative.
Circuit Blocks
Some of the key sub-circuits in the LED Driver are listed
below:
Input Line Receiver
Pulse Stretcher
Bias Control Circuitry
Output Current Switch
The data input circuitry has been realized as a traditional
differential ECL line receiver. It can accept either
differential 100K or 10KH style ECL or PECL depending on
the supply voltage used. In addition, a VBB reference is
provided for use in single ended applications. This reference
is useful if the input signal must be AC coupled into the
device.
The pulse stretcher provides two choices of duty cycle
pre-distortion. It is controlled by the input STRETCH
signal. When the pin is left open, no pre-distortion is applied
to the input waveform. If the pin is strapped to the upper or
lower rail, then the output waveform low pulse width will be
increased. In a +5 V application, when the STRETCH pin is
tied to +5 V, the nominal pulse width increase is 155 ps and
when it is connected to 0 V, the nominal pulse width is
increased by 310 ps.
The bias control circuitry regulates the voltage supplied at
the RSET pin of the output current switch. In addition, it
implements a positive tracking circuit which provides open
loop temperature compensation for the LED’s negative
tracking coefficient. An external resistor connected between
the RTCO1 and RTCO2 is used to select the rate of voltage
change at the RSET pin.
The output current switch is the final stage in modulating
the LED. The emitter of the current source is pinned out so
that an external resistor can be used to set the modulation
current. This circuit is implemented using a fully differential
gate where both collectors are brought out. As the LED is
modulated on and off, the current switches from one
collector to another. This architecture minimizes the
switching noise inherent in some LED driver design
topologies where the modulation current is actually turned
on and off.
Design Considerations
Once the user has selected an LED, the driver circuitry
should be optimized to match the characteristics of the LED.
The three circuit blocks previously described allow the user
to control the pulse width adjustment, LED drive current and
temperature tracking rate. A very simple example may best
illustrate the design process steps.
An LED has been selected which has the desired optical
output power when modulated with a waveform of 65mA.
In addition, the LED has an output power tracking
coefficient of −0.5%/
°C. Thus for every 1°C rise in the case
temperature of the LED, the output power will decrease by
0.5% of the nominal value. In addition, the LED forward
voltage is 1.5 V.


Numéro de pièce similaire - MC10SX1130D

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10SX1130 ONSEMI-MC10SX1130 Datasheet
106Kb / 8P
   LED DRIVER
1996 REV 1
More results

Description similaire - MC10SX1130D

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA618 ROHM-BA618 Datasheet
74Kb / 4P
   LED driver
logo
Texas Instruments
TLC5923 TI-TLC5923 Datasheet
246Kb / 15P
[Old version datasheet]   LED DRIVER
TLC5904 TI-TLC5904 Datasheet
414Kb / 27P
[Old version datasheet]   LED DRIVER
TLC5911 TI-TLC5911 Datasheet
474Kb / 30P
[Old version datasheet]   LED DRIVER
TLC5922 TI1-TLC5922_14 Datasheet
378Kb / 19P
[Old version datasheet]   LED DRIVER
logo
Dialog Semiconductor
SLG7NT4082 DIALOG-SLG7NT4082 Datasheet
372Kb / 9P
   LED DRIVER
logo
CUI INC
VLED15-120-350 CUI-VLED15-120-350_13 Datasheet
157Kb / 5P
   LED DRIVER
logo
Infineon Technologies A...
BCR402R INFINEON-BCR402R_09 Datasheet
91Kb / 8P
   LED Driver
2009-11-13
BCR420U INFINEON-BCR420U Datasheet
132Kb / 12P
   LED Driver
2010-01-15
logo
CUI INC
VLED15 CUI-VLED15 Datasheet
171Kb / 5P
   LED DRIVER
logo
List of Unclassifed Man...
CC3512 ETC1-CC3512 Datasheet
131Kb / 2P
   LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com