Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC10H642 Fiches technique(PDF) 5 Page - ON Semiconductor

No de pièce MC10H642
Description  68030/040 PECL to TTL Clock Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H642 Fiches technique(HTML) 5 Page - ON Semiconductor

  MC10H642 Datasheet HTML 1Page - ON Semiconductor MC10H642 Datasheet HTML 2Page - ON Semiconductor MC10H642 Datasheet HTML 3Page - ON Semiconductor MC10H642 Datasheet HTML 4Page - ON Semiconductor MC10H642 Datasheet HTML 5Page - ON Semiconductor MC10H642 Datasheet HTML 6Page - ON Semiconductor MC10H642 Datasheet HTML 7Page - ON Semiconductor MC10H642 Datasheet HTML 8Page - ON Semiconductor MC10H642 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MC10H642, MC100H642
http://onsemi.com
5
Figure 3. MC10H642 Positive PW versus Load
@ ±5% VCC, TA = 25°C
5.25
5.00
4.75
11
10
9
0
1020
304050
60
CAPACITIVE LOAD (pF)
CAPACITIVE LOAD (pF)
Figure 4. MC10H642 Negative PW versus Load
@ ±5% VCC, TA = 25°C
5.25
5.00
4.75
11
10
9
0
10
20
304050
60
CAPACITIVE LOAD (pF)
Figure 5. MC10H642 Positive PW versus Load
@ ±2.5% VCC, TA = 25°C
5.125
5.00
4.875
10.6
10.4
10.2
10.0
9.8
9.6
9.4
9.2
0
10
203040
5060
CAPACITIVE LOAD (pF)
Figure 6. MC10H642 Negative PW versus Load
@ ±2.5% VCC, TA = 25°C
5.125
5.00
4.875
10.8
10.6
10.4
10.2
10.0
9.8
9.6
9.4
0
10
2030
4050
60
TEMPERATURE (°C)
Figure 7. MC10H642 Positive PW versus Temperature,
VCC = 5.0 V
50 pF
25 pF
0 pF
10.4
10.2
10.0
9.8
9.6
9.4
0
2040
6080
100
Figure 8. MC10H642 Negative PW versus
Temperature, VCC = 5.0 V
50 pF
25 pF
0 pF
10.5
10.3
10.1
9.9
9.7
9.5
0
20
40
60
80
100
TEMPERATURE (°C)
10/100H642 − DUTY CYCLE CONTROL
To maintain a duty cycle of ±5% at 50 MHz, limit the load capacitance and/or power supply variation as shown in Figures
1 and 2. For a ±2.5% duty cycle limit, see Figures 3 and 4. Figures 5 and 6 show duty cycle variation with temperature.
Figure 7 shows typical TPD versus load. Figure 8 shows reset recovery time. Figure 9 shows output states after power up.
Best duty cycle control is obtained with a single
mP load and minimum line length.


Numéro de pièce similaire - MC10H642

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10H642 ONSEMI-MC10H642 Datasheet
239Kb / 9P
   68030/040 PECL-TTL CLOCK DRIVER
1996 REV 4
More results

Description similaire - MC10H642

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10H644 ONSEMI-MC10H644 Datasheet
101Kb / 5P
   68030/040 PECL-TTL CLOCK DRIVER
1996 REV 3
MC10H644 ONSEMI-MC10H644_06 Datasheet
167Kb / 6P
   68030/040 PECL to TTL Clock Driver
June, 2006 ??Rev. 6
MC10H640 ONSEMI-MC10H640_06 Datasheet
140Kb / 9P
   68030/040 PECL to TTL Clock Driver
November, 2006 ??Rev. 8
MC10H642 ONSEMI-MC10H642 Datasheet
239Kb / 9P
   68030/040 PECL-TTL CLOCK DRIVER
1996 REV 4
MC10H640 ONSEMI-MC10H640_16 Datasheet
155Kb / 8P
   PECL to TTL Clock Driver
August, 2016 ??Rev. 9
MC10H640 ONSEMI-MC10H640 Datasheet
133Kb / 8P
   PECL-TTL CLOCK DRIVER
1996 REV 3
MC10H646 ONSEMI-MC10H646 Datasheet
122Kb / 6P
   PENTIUM MICROPROCESSOR PECL/TTL-TTL CLOCK DRIVER
1996 REV 1
MC10ELT28 ONSEMI-MC10ELT28 Datasheet
94Kb / 3P
   TTL to Differential PECL/Differential PECL to TTL Translator
1996 REV 2
logo
Integrated Device Techn...
ICS558-01 IDT-ICS558-01 Datasheet
122Kb / 6P
   PECL/CMOS TO CMOS CLOCK DRIVER
logo
Renesas Technology Corp
ICS558-01 RENESAS-ICS558-01 Datasheet
322Kb / 7P
   PECL/CMOS TO CMOS CLOCK DRIVER
051310
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com