Moteur de recherche de fiches techniques de composants électroniques |
|
MC10H116MEL Fiches technique(PDF) 5 Page - ON Semiconductor |
|
MC10H116MEL Fiches technique(HTML) 5 Page - ON Semiconductor |
5 / 6 page MC10H116 http://onsemi.com 5 PACKAGE DIMENSIONS CDIP−16 L SUFFIX CERAMIC DIP PACKAGE CASE 620A−01 ISSUE O NOTES: 1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. 4. DIMENSION F MAY NARROW TO 0.76 (0.030) WHERE THE LEAD ENTERS THE CERAMIC BODY. 5 THIS DRAWING REPLACES OBSOLETE CASE OUTLINE 620−10. F E N K C SEATING PLANE A M 0.25 (0.010) T M L DIM MIN MAX MIN MAX MILLIMETERS INCHES A 0.750 0.785 19.05 19.93 B 0.240 0.295 6.10 7.49 C −−− 0.200 −−− 5.08 D 0.015 0.020 0.39 0.50 E 0.050 BSC 1.27 BSC F 0.055 0.065 1.40 1.65 G 0.100 BSC 2.54 BSC H 0.008 0.015 0.21 0.38 K 0.125 0.170 3.18 4.31 L 0.300 BSC 7.62 BSC M 0 15 0 15 N 0.020 0.040 0.51 1.01 __ __ A B A B 16 1 9 8 G 16X D B M 0.25 (0.010) T T 16X J NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 4. DIMENSION B DOES NOT INCLUDE MOLD FLASH. 5. ROUNDED CORNERS OPTIONAL. −A− B F C S H G D J L M 16 PL SEATING 18 9 16 K PLANE −T− M A M 0.25 (0.010) T DIM MIN MAX MIN MAX MILLIMETERS INCHES A 0.740 0.770 18.80 19.55 B 0.250 0.270 6.35 6.85 C 0.145 0.175 3.69 4.44 D 0.015 0.021 0.39 0.53 F 0.040 0.70 1.02 1.77 G 0.100 BSC 2.54 BSC H 0.050 BSC 1.27 BSC J 0.008 0.015 0.21 0.38 K 0.110 0.130 2.80 3.30 L 0.295 0.305 7.50 7.74 M 0 10 0 10 S 0.020 0.040 0.51 1.01 _ _ _ _ PDIP−16 P SUFFIX PLASTIC DIP PACKAGE CASE 648−08 ISSUE R |
Numéro de pièce similaire - MC10H116MEL |
|
Description similaire - MC10H116MEL |