Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC100EP139DWR2G Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce MC100EP139DWR2G
Description  3.3V / 5V ECL 첨2/4, 첨4/5/6 Clock Generation Chip
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP139DWR2G Fiches technique(HTML) 1 Page - ON Semiconductor

  MC100EP139DWR2G Datasheet HTML 1Page - ON Semiconductor MC100EP139DWR2G Datasheet HTML 2Page - ON Semiconductor MC100EP139DWR2G Datasheet HTML 3Page - ON Semiconductor MC100EP139DWR2G Datasheet HTML 4Page - ON Semiconductor MC100EP139DWR2G Datasheet HTML 5Page - ON Semiconductor MC100EP139DWR2G Datasheet HTML 6Page - ON Semiconductor MC100EP139DWR2G Datasheet HTML 7Page - ON Semiconductor MC100EP139DWR2G Datasheet HTML 8Page - ON Semiconductor MC100EP139DWR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© Semiconductor Components Industries, LLC, 2006
December, 2006 − Rev. 7
1
Publication Order Number:
MC10EP139/D
MC10EP139, MC100EP139
3.3V / 5VECL ÷2/4, ÷4/5/6
Clock Generation Chip
Description
The MC10/100EP139 is a low skew
÷2/4, ÷4/5/6 clock generation chip
designed explicitly for low skew clock generation applications. The
internal dividers are synchronous to each other, therefore, the common
output edges are all precisely aligned. The device can be driven by either
a differential or single−ended ECL or, if positive power supplies are used,
LVPECL input signals. In addition, by using the VBB output, a sinusoidal
source can be AC coupled into the device. If a single−ended input is to be
used, the VBB output should be connected to the CLK input and bypassed
to ground via a 0.01
mF capacitor.
The common enable (EN) is synchronous so that the internal dividers
will only be enabled/disabled when the internal clock is already in the
LOW state. This avoids any chance of generating a runt clock pulse on
the internal clock when the device is enabled/disabled as can happen with
an asynchronous control. The internal enable flip−flop is clocked on the
falling edge of the input clock, therefore, all associated specification
limits are referenced to the negative edge of the clock input.
Upon start−up, the internal flip−flops will attain a random state;
therefore, for systems which utilize multiple EP139s, the master reset
(MR) input must be asserted to ensure synchronization. For systems
which only use one EP139, the MR pin need not be exercised as the
internal divider design ensures synchronization between the
÷2/4 and the
÷4/5/6 outputs of a single device. All VCC and VEE pins must be
externally connected to power supply to guarantee proper operation.
The 100 Series contains temperature compensation.
Features
Maximum Frequency > 1.0 GHz Typical
50 ps Output−to−Output Skew
PECL Mode Operating Range: VCC = 3.0 V to 5.5 V
with VEE = 0 V
NECL Mode Operating Range: VCC = 0 V
with VEE = −3.0 V to −5.5 V
Open Input Default State
Safety Clamp on Inputs
Synchronous Enable/Disable
Master Reset for Synchronization of Multiple Chips
VBB Output
Pb−Free Packages are Available
MARKING
DIAGRAMS*
HEP
= MC10EP
KEP
= MC100EP
XXX
= 10 or 100
A
= Assembly Location
L,WL
= Wafer Lot
Y, YY
= Year
W, WW = Work Week
G or G = Pb−Free Package
*For additional marking information, refer to
Application Note AND8002/D.
TSSOP−20
DT SUFFIX
CASE 948E
SOIC−20
DW SUFFIX
CASE 751D
1
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 11 of this data sheet.
ORDERING INFORMATION
20
1
MCXXXEP139
AWLYYWWG
XXXX
EP139
ALYWG
G
1
20
QFN−20
MN SUFFIX
CASE 485E
HEP or KEP
139
ALYWG
G
1
(Note: Microdot may be in either location)


Numéro de pièce similaire - MC100EP139DWR2G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC100EP139DWR2G ONSEMI-MC100EP139DWR2G Datasheet
218Kb / 14P
   Clock Generation Chip
August, 2016 ??Rev. 14
More results

Description similaire - MC100EP139DWR2G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC100EL38 ONSEMI-MC100EL38_06 Datasheet
122Kb / 7P
   5V ECL 첨2, 첨4/6 Clock Generation Chip
October, 2006 ??Rev. 7
MC100EL39 ONSEMI-MC100EL39 Datasheet
120Kb / 7P
   5V ECL 첨2/4, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 6
MC100LVEL38 ONSEMI-MC100LVEL38_06 Datasheet
123Kb / 7P
   3.3V ECL 첨2, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 8
MC100LVEL39 ONSEMI-MC100LVEL39 Datasheet
120Kb / 6P
   3.3V ECL 첨2/4, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 9
logo
Micrel Semiconductor
SY10EL38 MICREL-SY10EL38 Datasheet
73Kb / 6P
   5V/3.3V 첨2, 첨4/6 CLOCK GENERATION CHIP
logo
ON Semiconductor
MC10EL34 ONSEMI-MC10EL34_06 Datasheet
133Kb / 8P
   5V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 10
MC100EL34 ONSEMI-MC100EL34 Datasheet
69Kb / 8P
   5V ECL 첨2, 첨4, 첨8 Clock Generation Chip
October, 2000 ??Rev. 3
MC100LVEL34 ONSEMI-MC100LVEL34_06 Datasheet
145Kb / 10P
   3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 2
MC100LVEL34 ONSEMI-MC100LVEL34 Datasheet
145Kb / 10P
   3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 2
logo
Micrel Semiconductor
SY100S839V MICREL-SY100S839V Datasheet
68Kb / 5P
   첨2/4, 첨4/5/6 CLOCK GENERATION CHIP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com