Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC100EP445FAR2G Fiches technique(PDF) 9 Page - ON Semiconductor

No de pièce MC100EP445FAR2G
Description  3.3V/5V ECL 8?묪it Serial/Parallel Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP445FAR2G Fiches technique(HTML) 9 Page - ON Semiconductor

Back Button MC100EP445FAR2G Datasheet HTML 5Page - ON Semiconductor MC100EP445FAR2G Datasheet HTML 6Page - ON Semiconductor MC100EP445FAR2G Datasheet HTML 7Page - ON Semiconductor MC100EP445FAR2G Datasheet HTML 8Page - ON Semiconductor MC100EP445FAR2G Datasheet HTML 9Page - ON Semiconductor MC100EP445FAR2G Datasheet HTML 10Page - ON Semiconductor MC100EP445FAR2G Datasheet HTML 11Page - ON Semiconductor MC100EP445FAR2G Datasheet HTML 12Page - ON Semiconductor MC100EP445FAR2G Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
MC10EP445, MC100EP445
http://onsemi.com
9
APPLICATION INFORMATION
The MC10/100EP445 is an integrated 1:8 serial to parallel
converter with two modes of operation selected by
CKSEL (Pin 7). CKSEL HIGH mode only latches data on
the rising edge of the input CLK and CKSEL LOW mode
latches data on both the rising and falling edge of the input
CLK. CKSEL LOW is the open default state. Either of the
two differential input serial data path provided for this
device, SINA and SINB, can be chosen with the SINSEL pin
(pin 25). SINA is the default input path when SINSEL pin
is left floating. Because of internal pull−downs on the input
pins, all input pins will default to logic low when left open.
The two selectable serial data paths can be used for
loop−back testing as well as the bit error testing.
Upon power−up, the internal flip−flops will attain a
random state. To synchronize multiple flip–flops in the
device, the Reset (pin 1) must be asserted. The reset pin will
disable the internal clock signal irrespective of the CKEN
state (CKEN disables the internal clock circuitry). The
device will grab the first stream of data after the falling edge
of RESET
À, followed by the falling edge of CLKÁ, on
second rising edge of CLK
 in either CKSEL modes. (See
Figure 6)
CLK
RESET
PCLK
RESET
(Asynchronous Reset)
RESET
(Synchronous ENABLE)
Figure 6. Reset Timing Diagram
À
Á
Â


Numéro de pièce similaire - MC100EP445FAR2G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC100EP445FAR2G ONSEMI-MC100EP445FAR2G Datasheet
151Kb / 19P
   ECL 8-Bit Serial/Parallel Converter
June, 2014 ??Rev. 16
More results

Description similaire - MC100EP445FAR2G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC100EP445 ONSEMI-MC100EP445 Datasheet
115Kb / 16P
   3.3V/5V ECL 8-Bit Serial/Parallel Converter
November, 2002 - Rev. 7
MC10EP016 ONSEMI-MC10EP016_06 Datasheet
199Kb / 14P
   3.3V / 5V ECL 8?묪it Synchronous Binary Up Counter
January, 2006 ??Rev. 11
MC10E445 ONSEMI-MC10E445_06 Datasheet
156Kb / 13P
   5V ECL 4-Bit Serial/Parallel Converter
November, 2006 ??Rev. 12
MC10E446 ONSEMI-MC10E446_06 Datasheet
147Kb / 12P
   5V ECL 4-Bit Parallel/Serial Converter
November, 2006 ??Rev. 8
MC10EP446 ONSEMI-MC10EP446 Datasheet
173Kb / 20P
   3.3V/5V 8짯Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter
June, 2004 ??Rev. 5
MC10EP445 ONSEMI-MC10EP445_14 Datasheet
151Kb / 19P
   ECL 8-Bit Serial/Parallel Converter
June, 2014 ??Rev. 16
MC10EP451 ONSEMI-MC10EP451_06 Datasheet
124Kb / 10P
   3.3V / 5V ECL 6?묪it Differential Register with Master Reset
March, 2006 ??Rev. 8
MC74HC164A ONSEMI-MC74HC164A_06 Datasheet
184Kb / 11P
   8?묪it Serial?묲nput/Parallel?뭀utput Shift Register
October, 2006 ??Rev. 4
MC10EP446 ONSEMI-MC10EP446_14 Datasheet
191Kb / 20P
   8?륛it CMOS/ECL/TTL Data Input Parallel/Serial Converter
June, 2014 ??Rev. 11
MC10E155 ONSEMI-MC10E155_06 Datasheet
126Kb / 8P
   5V ECL 6?묪it 2:1 Mux?묹atch
November, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com