Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC100EP56MNG Fiches technique(PDF) 2 Page - ON Semiconductor

No de pièce MC100EP56MNG
Description  3.3V / 5V ECL Dual Differential 2:1 Multiplexer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP56MNG Fiches technique(HTML) 2 Page - ON Semiconductor

  MC100EP56MNG Datasheet HTML 1Page - ON Semiconductor MC100EP56MNG Datasheet HTML 2Page - ON Semiconductor MC100EP56MNG Datasheet HTML 3Page - ON Semiconductor MC100EP56MNG Datasheet HTML 4Page - ON Semiconductor MC100EP56MNG Datasheet HTML 5Page - ON Semiconductor MC100EP56MNG Datasheet HTML 6Page - ON Semiconductor MC100EP56MNG Datasheet HTML 7Page - ON Semiconductor MC100EP56MNG Datasheet HTML 8Page - ON Semiconductor MC100EP56MNG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MC10EP56, MC100EP56
http://onsemi.com
2
D0b
D0b
D1a
VBBO
17
18
16
15
14
13
12
4
3
56
78
9
Q0
11
10
SEL0
SEL1
VCC
Q1
Q1
VEE
D0a
19
20
2
1
VCC
Q0
D1a
D0a
VBB1
D1b
D1b
10
1
0
Table 1. PIN DESCRIPTION
PIN
D0a* − D1a*
D0a* − D1a*
ECL Input Data a Invert
FUNCTION
ECL Input Data a
D0b* − D1b*
D0b* − D1b*
ECL Input Data b Invert
ECL Input Data b
SEL0* − SEL1*
COM_SEL*
ECL Common Select Input
ECL Indiv. Select Input
VBB0, VBB1
Q0 − Q1
ECL True Outputs
Output Reference Voltage
Q0 − Q1
ECL Inverted Outputs
VCC
Positive Supply
VEE
Negative Supply
SEL0
X
L
L
H
H
Table 2. TRUTH TABLE
Q0,
Q0
a
b
b
a
a
SEL1
X
L
H
H
L
COM_SEL
H
L
L
L
L
Q1,
Q1
a
b
a
a
b
Warning: All VCC and VEE pins must be externally connected
to Power Supply to guarantee proper operation.
Figure 1. 20−Lead Package (Top View) and Logic Diagram
* Pins will default LOW when left open.
EP
Exposed Pad
1
2
3
4
5
15
14
13
12
11
67
8
9
10
20
19
18
17
16
Figure 1. QFN−20 Pinout (Top View)
Q0
SEL0
COM_SEL
D0a
Q0
VCC
SEL1
VCC
Q1
Q1
VEE
D0b
D0b
D1a
D0a
VBB0
D1a
VBB1 D1b D1b
Exposed Pad
NOTE: The Exposed Pad (EP) on package bottom must be attached to a heat−sinking conduit.
The Exposed Pad may only be electrically connected to VEE.
MC10/100EP56


Numéro de pièce similaire - MC100EP56MNG

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC100EP56MNG ONSEMI-MC100EP56MNG Datasheet
127Kb / 11P
   ECL Dual Differential 2:1 Multiplexer
April, 2014 ??Rev. 17
More results

Description similaire - MC100EP56MNG

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NB100LVEP56 ONSEMI-NB100LVEP56 Datasheet
153Kb / 14P
   2.5V / 3.3V / 5V ECL Dual Differential 2:1 Multiplexer
December, 2004 ??Rev. 5
MC100EL56 ONSEMI-MC100EL56_06 Datasheet
117Kb / 6P
   5V ECL Dual Differential 2:1 Multiplexer
November, 2006 ??Rev. 7
MC100EL56 ONSEMI-MC100EL56 Datasheet
153Kb / 6P
   5V ECL Dual Differential 2:1 Multiplexer
July, 2016 ??Rev. 9
logo
Micrel Semiconductor
SY100EP56V MICREL-SY100EP56V Datasheet
478Kb / 8P
   3.3V/5V PECL/ECL 3GHz DUAL DIFFERENTIAL 2:1 MULTIPLEXER
logo
ON Semiconductor
MC100LVEL56 ONSEMI-MC100LVEL56_06 Datasheet
120Kb / 7P
   3.3V ECL Dual Differential 2:1 Multiplexer
November, 2006 ??Rev. 11
MC10EP57 ONSEMI-MC10EP57_06 Datasheet
169Kb / 11P
   3.3V / 5V ECL 4:1 Differential Multiplexer
December, 2006 ??Rev. 12
MC10EP58 ONSEMI-MC10EP58_06 Datasheet
157Kb / 11P
   3.3V / 5V ECL 2:1 Multiplexer
December, 2006 ??Rev. 6
MC100EP58 ONSEMI-MC100EP58 Datasheet
69Kb / 8P
   3.3V / 5V ECL 2:1 Multiplexer
June, 2001 ??Rev. 4
MC100EP57 ONSEMI-MC100EP57 Datasheet
77Kb / 10P
   3.3V / 5V ECL 4:1 Differential Multiplexer
October, 2004 ??Rev. 9
logo
Micrel Semiconductor
SY100EL56V MICREL-SY100EL56V Datasheet
55Kb / 4P
   5V/3.3V DUAL DIFFERENTIAL 2:1 MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com