Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC100EP56 Fiches technique(PDF) 5 Page - ON Semiconductor

No de pièce MC100EP56
Description  3.3V / 5V ECL Dual Differential 2:1 Multiplexer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP56 Fiches technique(HTML) 5 Page - ON Semiconductor

  MC100EP56 Datasheet HTML 1Page - ON Semiconductor MC100EP56 Datasheet HTML 2Page - ON Semiconductor MC100EP56 Datasheet HTML 3Page - ON Semiconductor MC100EP56 Datasheet HTML 4Page - ON Semiconductor MC100EP56 Datasheet HTML 5Page - ON Semiconductor MC100EP56 Datasheet HTML 6Page - ON Semiconductor MC100EP56 Datasheet HTML 7Page - ON Semiconductor MC100EP56 Datasheet HTML 8Page - ON Semiconductor MC100EP56 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MC10EP56, MC100EP56
http://onsemi.com
5
Table 7. 10EP DC CHARACTERISTICS, NECL VCC = 0 V, VEE = −5.5 V to −3.0 V (Note 8)
−40°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
50
61
75
50
63
75
55
65
78
mA
VOH
Output HIGH Voltage (Note 9)
−1135 −1010
−885
−1070
−945
−820
−1010
−885
−760
mV
VOL
Output LOW Voltage (Note 9)
−1935 −1810 −1685 −1870 −1745 −1620 −1810 −1685 −1560
mV
VIH
Input HIGH Voltage (Single−Ended)
−1210
−885
−1145
−820
−1085
−760
mV
VIL
Input LOW Voltage (Single−Ended)
−1935
−1610 −1870
−1545 −1810
−1485
mV
VBB
Output Voltage Reference
−1510 −1410 −1310 −1445 −1345 −1245 −1385 −1285 −1185
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential Configuration)
(Note 10)
VEE+2.0
0.0
VEE+2.0
0.0
VEE+2.0
0.0
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
−150
−150
−150
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
8. Input and output parameters vary 1:1 with VCC.
9. All loading with 50 W to VCC − 2.0 V.
10.VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.
100EP DC CHARACTERISTICS, PECL VCC = 3.3 V, VEE = 0 V (Note 11)
−40°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
50
61
75
50
63
77
55
66
80
mA
VOH
Output HIGH Voltage (Note 12)
2155
2280
2405
2155
2280
2405
2155
2280
2405
mV
VOL
Output LOW Voltage (Note 12)
1355
1480
1605
1355
1480
1605
1355
1480
1605
mV
VIH
Input HIGH Voltage (Single−Ended)
2075
2420
2075
2420
2075
2420
mV
VIL
Input LOW Voltage (Single−Ended)
1355
1675
1355
1675
1355
1675
mV
VBB
Output Voltage Reference
1775
1875
1975
1775
1875
1975
1775
1875
1975
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential Configuration)
(Note 13)
2.0
3.3
2.0
3.3
2.0
3.3
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
−150
−150
−150
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
11. Input and output parameters vary 1:1 with VCC. VEE can vary +0.3 V to −2.2 V.
12.All loading with 50 W to VCC − 2.0 V.
13.VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.


Numéro de pièce similaire - MC100EP56

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC100EP56 ONSEMI-MC100EP56 Datasheet
91Kb / 10P
   3.3V / 5VECL Dual Differential 2:1 Multiplexer
January, 2004 ??Rev. 12
MC100EP56DT ONSEMI-MC100EP56DT Datasheet
91Kb / 10P
   3.3V / 5VECL Dual Differential 2:1 Multiplexer
January, 2004 ??Rev. 12
MC100EP56DTG ONSEMI-MC100EP56DTG Datasheet
127Kb / 11P
   ECL Dual Differential 2:1 Multiplexer
April, 2014 ??Rev. 17
MC100EP56DTR2 ONSEMI-MC100EP56DTR2 Datasheet
91Kb / 10P
   3.3V / 5VECL Dual Differential 2:1 Multiplexer
January, 2004 ??Rev. 12
MC100EP56DTR2G ONSEMI-MC100EP56DTR2G Datasheet
127Kb / 11P
   ECL Dual Differential 2:1 Multiplexer
April, 2014 ??Rev. 17
More results

Description similaire - MC100EP56

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NB100LVEP56 ONSEMI-NB100LVEP56 Datasheet
153Kb / 14P
   2.5V / 3.3V / 5V ECL Dual Differential 2:1 Multiplexer
December, 2004 ??Rev. 5
MC100EL56 ONSEMI-MC100EL56_06 Datasheet
117Kb / 6P
   5V ECL Dual Differential 2:1 Multiplexer
November, 2006 ??Rev. 7
MC100EL56 ONSEMI-MC100EL56 Datasheet
153Kb / 6P
   5V ECL Dual Differential 2:1 Multiplexer
July, 2016 ??Rev. 9
logo
Micrel Semiconductor
SY100EP56V MICREL-SY100EP56V Datasheet
478Kb / 8P
   3.3V/5V PECL/ECL 3GHz DUAL DIFFERENTIAL 2:1 MULTIPLEXER
logo
ON Semiconductor
MC100LVEL56 ONSEMI-MC100LVEL56_06 Datasheet
120Kb / 7P
   3.3V ECL Dual Differential 2:1 Multiplexer
November, 2006 ??Rev. 11
MC10EP57 ONSEMI-MC10EP57_06 Datasheet
169Kb / 11P
   3.3V / 5V ECL 4:1 Differential Multiplexer
December, 2006 ??Rev. 12
MC10EP58 ONSEMI-MC10EP58_06 Datasheet
157Kb / 11P
   3.3V / 5V ECL 2:1 Multiplexer
December, 2006 ??Rev. 6
MC100EP58 ONSEMI-MC100EP58 Datasheet
69Kb / 8P
   3.3V / 5V ECL 2:1 Multiplexer
June, 2001 ??Rev. 4
MC100EP57 ONSEMI-MC100EP57 Datasheet
77Kb / 10P
   3.3V / 5V ECL 4:1 Differential Multiplexer
October, 2004 ??Rev. 9
logo
Micrel Semiconductor
SY100EL56V MICREL-SY100EL56V Datasheet
55Kb / 4P
   5V/3.3V DUAL DIFFERENTIAL 2:1 MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com