Moteur de recherche de fiches techniques de composants électroniques |
|
MC10EP35DR2 Fiches technique(PDF) 2 Page - ON Semiconductor |
|
MC10EP35DR2 Fiches technique(HTML) 2 Page - ON Semiconductor |
2 / 11 page MC10EP35, MC100EP35 http://onsemi.com 2 1 2 3 45 6 7 8 Q VEE VCC Figure 1. 8−Lead Pinout (Top View) and Logic Diagram K Q CLK RESET J J K R Flip Flop Table 1. PIN DESCRIPTION PIN CLK* J*, K* ECL Signal Inputs FUNCTION ECL Clock Inputs RESET* ECL Asynchronous Reset Q, Q ECL Data Outputs Table 2. TRUTH TABLE J L- L- H- H- X K L- H L H X RESET L L L L H CLK Z Z Z Z X Qn+1 Qn L H Qn L Z = LOW to HIGH Transition VCC Positive Supply VEE Negative Supply * Pins will default LOW when left open. EP Exposed pad must be connected to a sufficient thermal conduit. Electrically connect to the most negative supply or leave floating open. Table 3. ATTRIBUTES Characteristics Value Internal Input Pulldown Resistor 75 kW Internal Input Pullup Resistor N/A ESD Protection Human Body Model Machine Model Charged Device Model > 4 kV > 200 V > 2 kV Moisture Sensitivity, Indefinite Time Out of Drypack (Note 1) Pb Pkg Pb−Free Pkg SOIC−8 TSSOP−8 DFN8 Level 1 Level 1 Level 1 Level 1 Level 3 Level 1 Flammability Rating Oxygen Index: 28 to 34 UL−94 V−0 @ 0.125 in Transistor Count 77 Devices Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test 1. For additional information, see Application Note AND8003/D. |
Numéro de pièce similaire - MC10EP35DR2 |
|
Description similaire - MC10EP35DR2 |