Moteur de recherche de fiches techniques de composants électroniques |
|
TDA2030 Fiches technique(PDF) 10 Page - STMicroelectronics |
|
TDA2030 Fiches technique(HTML) 10 Page - STMicroelectronics |
10 / 12 page Figure 20. Output power and dr ai n cu rre nt vs. case temperature (RL = 4 Ω) Figure 21. Output power and d rai n c urr en t vs. ca se temperature (RL = 8 Ω) Fi g ure 22. M aximum allowable power dissipation vs. ambient temperature Figure 23. Example of heat-sink Dimension : suggestion. The following table shows the length that the heatsink in fig. 23 must have for several values of Ptot and Rth. Ptot (W) 12 8 6 Length of heatsink (mm) 60 40 30 Rth of heatsink ( ° C/W) 4.2 6.2 8.3 TDA2030 10/12 |
Numéro de pièce similaire - TDA2030 |
|
Description similaire - TDA2030 |