Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC10EP33DR2 Fiches technique(PDF) 5 Page - ON Semiconductor

No de pièce MC10EP33DR2
Description  3.3V / 5V ECL 첨4 Divider
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP33DR2 Fiches technique(HTML) 5 Page - ON Semiconductor

  MC10EP33DR2 Datasheet HTML 1Page - ON Semiconductor MC10EP33DR2 Datasheet HTML 2Page - ON Semiconductor MC10EP33DR2 Datasheet HTML 3Page - ON Semiconductor MC10EP33DR2 Datasheet HTML 4Page - ON Semiconductor MC10EP33DR2 Datasheet HTML 5Page - ON Semiconductor MC10EP33DR2 Datasheet HTML 6Page - ON Semiconductor MC10EP33DR2 Datasheet HTML 7Page - ON Semiconductor MC10EP33DR2 Datasheet HTML 8Page - ON Semiconductor MC10EP33DR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MC10EP33, MC100EP33
http://onsemi.com
5
Table 8. 100EP DC CHARACTERISTICS, PECL VCC = 3.3 V, VEE = 0 V (Note 11)
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IEE
Power Supply Current
18
26
40
23
26
45
23
26
45
mA
VOH
Output HIGH Voltage (Note 12)
2155
2280
2405
2155
2280
2405
2155
2280
2405
mV
VOL
Output LOW Voltage (Note 12)
1355
1480
1605
1355
1480
1605
1355
1480
1605
mV
VIH
Input HIGH Voltage (Single−Ended)
2075
2420
2075
2420
2075
2420
mV
VIL
Input LOW Voltage (Single−Ended)
1355
1675
1355
1675
1355
1675
mV
VBB
Output Voltage Reference
1775
1875
1975
1775
1875
1975
1775
1875
1975
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential Configuration)
(Note 13)
2.0
3.3
2.0
3.3
2.0
3.3
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
0.5
0.5
0.5
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
11. Input and output parameters vary 1:1 with VCC. VEE can vary +0.3 V to −2.2 V.
12.All loading with 50 W to VCC − 2.0 V.
13.VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.
Table 9. 100EP DC CHARACTERISTICS, PECL VCC = 5.0 V, VEE = 0 V (Note 14)
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IEE
Power Supply Current
18
26
40
23
26
45
23
26
45
mA
VOH
Output HIGH Voltage (Note 15)
3855
3980
4105
3855
3980
4105
3855
3980
4105
mV
VOL
Output LOW Voltage (Note 15)
3055
3180
3305
3055
3180
3305
3055
3180
3305
mV
VIH
Input HIGH Voltage (Single−Ended)
3775
4120
3775
4120
3775
4120
mV
VIL
Input LOW Voltage (Single−Ended)
3055
3375
3055
3375
3055
3375
mV
VBB
Output Voltage Reference
3475
3575
3675
3475
3575
3675
3475
3575
3675
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential Configuration)
(Note 16)
2.0
5.0
2.0
5.0
2.0
5.0
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
0.5
0.5
0.5
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
14.Input and output parameters vary 1:1 with VCC. VEE can vary +2.0 V to −0.5 V.
15.All loading with 50 W to VCC − 2.0 V.
16.VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.


Numéro de pièce similaire - MC10EP33DR2

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10EP33DR2 ONSEMI-MC10EP33DR2 Datasheet
89Kb / 8P
   첨4 Divider
December, 1999 ??Rev. 1
MC10EP33DR2 ONSEMI-MC10EP33DR2 Datasheet
79Kb / 12P
   3.3V 5VECL / 4 Divider
September, 2002 ??Rev. 5
MC10EP33DR2G ONSEMI-MC10EP33DR2G Datasheet
192Kb / 11P
   Divider
August, 2016 ??Rev. 11
More results

Description similaire - MC10EP33DR2

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10EL33 ONSEMI-MC10EL33_06 Datasheet
155Kb / 10P
   5V ECL 첨4 Divider
December, 2006 ??Rev. 9
MC10EL33 ONSEMI-MC10EL33_08 Datasheet
152Kb / 10P
   5V ECL 첨4 Divider
August, 2008 ??Rev. 10
MC100LVEL33 ONSEMI-MC100LVEL33_06 Datasheet
140Kb / 8P
   3.3V ECL 첨4 Divider
December, 2006 ??Rev. 4
logo
Arizona Microtek, Inc
AZ100LVEL33 AZM-AZ100LVEL33_11 Datasheet
113Kb / 8P
   ECL/PECL 첨4 Divider
AZ10LVEL33 AZM-AZ10LVEL33 Datasheet
127Kb / 10P
   ECL/PECL 첨4 Divider
logo
ON Semiconductor
MC10EP32 ONSEMI-MC10EP32_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL 첨2 Divider
December, 2006 ??Rev. 10
MC100EP32 ONSEMI-MC100EP32 Datasheet
85Kb / 10P
   3.3V 5V ECL / 2 Divider
June, 2004 ??Rev. 7
logo
Micrel Semiconductor
SY10EP33V MICREL-SY10EP33V_10 Datasheet
232Kb / 11P
   5V/3.3V, 4GHz, 첨4 PECL/LVPECL Divider
logo
ON Semiconductor
MC10EL32 ONSEMI-MC10EL32_08 Datasheet
152Kb / 9P
   5V ECL 첨2 Divider
December, 2008 ??Rev. 8
MC10EL32 ONSEMI-MC10EL32_06 Datasheet
155Kb / 9P
   5V ECL 첨2 Divider
December, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com