Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC100EP16T Fiches technique(PDF) 2 Page - ON Semiconductor

No de pièce MC100EP16T
Description  3.3V / 5V ECL Differential Receiver/Driver with Internal Termination
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP16T Fiches technique(HTML) 2 Page - ON Semiconductor

  MC100EP16T Datasheet HTML 1Page - ON Semiconductor MC100EP16T Datasheet HTML 2Page - ON Semiconductor MC100EP16T Datasheet HTML 3Page - ON Semiconductor MC100EP16T Datasheet HTML 4Page - ON Semiconductor MC100EP16T Datasheet HTML 5Page - ON Semiconductor MC100EP16T Datasheet HTML 6Page - ON Semiconductor MC100EP16T Datasheet HTML 7Page - ON Semiconductor MC100EP16T Datasheet HTML 8Page - ON Semiconductor MC100EP16T Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MC10EP16T, MC100EP16T
http://onsemi.com
2
1
2
3
45
6
7
8
Q
VEE
VCC
Figure 1. 8−Lead Pinout (Top View) and Logic Diagram
D
Q
D
VT
VT
D, D
ECL Data Inputs
Q, Q
ECL Data Outputs
VCC
Positive Supply
VEE
Negative Supply
VT
50 W Termination Resistor to D
VT
50 W Termination Resistor to D
EP
Table 1. PIN DESCRIPTION
50 W
50 W
PIN
FUNCTION
Exposed pad must be connected
to a sufficient thermal conduit.
Electrically connect to the most
negative supply or leave floating
open.
Table 2. ATTRIBUTES
Characteristics
Value
Internal Input Pulldown Resistor
N/A
Internal Input Pullup Resistor
N/A
ESD Protection
Human Body Model
Machine Model
Charged Device Model
> 4 kV
> 200 V
> 2 kV
Moisture Sensitivity, Indefinite Time Out of Drypack (Note 1)
Pb Pkg
Pb−Free Pkg
SOIC−8
TSSOP−8
DFN8
Level 1
Level 1
Level 1
Level 1
Level 3
Level 1
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
Transistor Count
167 Devices
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
1. For additional information, see Application Note AND8003/D.


Numéro de pièce similaire - MC100EP16T

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC100EP16TD ONSEMI-MC100EP16TD Datasheet
75Kb / 8P
   3.3V / 5V ECL Differential Receiver/Driver with Internal Termination
September, 2002 ??Rev. 3
MC100EP16TD ONSEMI-MC100EP16TD Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC100EP16TDG ONSEMI-MC100EP16TDG Datasheet
191Kb / 11P
   ECL Differential Receiver/Driver
July, 2016 ??Rev. 7
MC100EP16TDR2 ONSEMI-MC100EP16TDR2 Datasheet
75Kb / 8P
   3.3V / 5V ECL Differential Receiver/Driver with Internal Termination
September, 2002 ??Rev. 3
MC100EP16TDR2G ONSEMI-MC100EP16TDR2G Datasheet
191Kb / 11P
   ECL Differential Receiver/Driver
July, 2016 ??Rev. 7
More results

Description similaire - MC100EP16T

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10EP16T ONSEMI-MC10EP16T Datasheet
75Kb / 8P
   3.3V / 5V ECL Differential Receiver/Driver with Internal Termination
September, 2002 ??Rev. 3
MC100EP16VT ONSEMI-MC100EP16VT Datasheet
171Kb / 12P
   3.3V / 5V ECL Differential Receiver/Driver with Variable Output Swing and Internal Input Termination
December, 2006 ??Rev. 3
MC10EP16 ONSEMI-MC10EP16_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver
December, 2006 ??Rev. 5
MC100EP52 ONSEMI-MC100EP52 Datasheet
83Kb / 10P
   3.3V / 5V ECL Differential Receiver/Driver with Internal Termination Data and Clock D Flip-Flop
June, 2004 ??Rev. 3
MC10EP17 ONSEMI-MC10EP17_06 Datasheet
179Kb / 11P
   3.3V / 5V ECL Quad Differential Driver/Receiver
December, 2006 ??Rev. 7
MC10EP17 ONSEMI-MC10EP17 Datasheet
83Kb / 8P
   3.3V / 5V ECL Quad Differential Driver/Receiver
September, 2002 ??Rev. 4
logo
Micrel Semiconductor
SY100EP16V MICREL-SY100EP16V Datasheet
514Kb / 12P
   3.3V/5V Precision ECL Differential Receiver/Driver
logo
ON Semiconductor
MC10EP16VA ONSEMI-MC10EP16VA_06 Datasheet
167Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver with High Gain
December, 2006 ??Rev. 8
MC10EP16VA ONSEMI-MC10EP16VA Datasheet
77Kb / 8P
   3.3V / 5VECL Differential Receiver/Driver with High Gain
September, 2002 ??Rev. 4
MC100EP16F ONSEMI-MC100EP16F Datasheet
150Kb / 10P
   3.3V / 5V ECL Differential Receiver/Driver With Reduced Output Swing
December, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com