Moteur de recherche de fiches techniques de composants électroniques |
|
MC100EP16 Fiches technique(PDF) 5 Page - ON Semiconductor |
|
MC100EP16 Fiches technique(HTML) 5 Page - ON Semiconductor |
5 / 11 page MC10EP16, MC100EP16 http://onsemi.com 5 Table 7. 100EP DC CHARACTERISTICS, PECL VCC = 3.3 V, VEE = 0 V (Note 11) −40°C 25°C 85°C Symbol Characteristic Min Typ Max Min Typ Max Min Typ Max Unit IEE Power Supply Current 17 25 36 17 25 36 22 26 38 mA VOH Output HIGH Voltage (Note 12) 2155 2280 2405 2155 2280 2405 2155 2280 2405 mV VOL Output LOW Voltage (Note 12) 1355 1480 1605 1355 1480 1605 1355 1480 1605 mV VIH Input HIGH Voltage (Single−Ended) 2075 2420 2075 2420 2075 2420 mV VIL Input LOW Voltage (Single−Ended) 1355 1675 1355 1675 1355 1675 mV VBB Output Voltage Reference 1775 1875 1975 1775 1875 1975 1775 1875 1975 mV VIHCMR Input HIGH Voltage Common Mode Range (Differential Configuration) (Note 13) 2.0 3.3 2.0 3.3 2.0 3.3 V IIH Input HIGH Current 150 150 150 mA IIL Input LOW Current D D 0.5 −150 0.5 −150 0.5 −150 mA NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 11. Input and output parameters vary 1:1 with VCC. VEE can vary +0.3 V to −2.2 V. 12.All loading with 50 W to VCC − 2.0 V. 13.VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential input signal. Table 8. 100EP DC CHARACTERISTICS, PECL VCC = 5.0 V, VEE = 0 V (Note 14) −40°C 25°C 85°C Symbol Characteristic Min Typ Max Min Typ Max Min Typ Max Unit IEE Power Supply Current 17 25 36 17 25 36 22 26 38 mA VOH Output HIGH Voltage (Note 15) 3855 3980 4105 3855 3980 4105 3855 3980 4105 mV VOL Output LOW Voltage (Note 15) 3055 3180 3305 3055 3180 3305 3055 3180 3305 mV VIH Input HIGH Voltage (Single−Ended) 3775 4120 3775 4120 3775 4120 mV VIL Input LOW Voltage (Single−Ended) 3055 3375 3055 3375 3055 3375 mV VBB Output Voltage Reference 3475 3575 3675 3475 3575 3675 3475 3575 3675 mV VIHCMR Input HIGH Voltage Common Mode Range (Differential Configuration) (Note16) 2.0 5.0 2.0 5.0 2.0 5.0 V IIH Input HIGH Current 150 150 150 mA IIL Input LOW Current D D 0.5 −150 0.5 −150 0.5 −150 mA NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 14.Input and output parameters vary 1:1 with VCC. VEE can vary +2.0 V to −0.5 V. 15.All loading with 50 W to VCC − 2.0 V. 16.VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential input signal. |
Numéro de pièce similaire - MC100EP16 |
|
Description similaire - MC100EP16 |