Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MJE802G Fiches technique(PDF) 4 Page - ON Semiconductor

No de pièce MJE802G
Description  4.0 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 40 WATT 50 WATT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJE802G Fiches technique(HTML) 4 Page - ON Semiconductor

  MJE802G Datasheet HTML 1Page - ON Semiconductor MJE802G Datasheet HTML 2Page - ON Semiconductor MJE802G Datasheet HTML 3Page - ON Semiconductor MJE802G Datasheet HTML 4Page - ON Semiconductor MJE802G Datasheet HTML 5Page - ON Semiconductor MJE802G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MJE700, MJE702, MJE703 (PNP) − MJE800, MJE802, MJE803 (NPN)
http://onsemi.com
4
IC, COLLECTOR CURRENT (AMP)
PNP
MJE700 Series
NPN
MJE800 Series
Figure 7. DC Current Gain
Figure 8. Collector Saturation Region
Figure 9. “On” Voltages
0.04
IC, COLLECTOR CURRENT (AMP)
300
0.06
0.2
2.0 k
800
4.0 k
VCE = 3.0 V
TJ = 125°C
3.0 k
0.1
0.6
25
°C
−55
°C
1.0 k
0.4
1.0
6.0 k
400
600
2.0
4.0
0.04
300
0.06
0.2
2.0 k
800
4.0 k
3.0 k
0.1
0.6
1.0 k
0.4
1.0
6.0 k
400
600
2.0
4.0
3.4
IB, BASE CURRENT (mA)
2.6
2.2
1.8
1.4
0.6
0.1
0.2
0.5
10
2.0
5.0
IC =
0.5 A
1.0 A
1.0
TJ = 25°C
3.0
1.0
0.04
IC, COLLECTOR CURRENT (AMP)
1.4
1.0
2.2
1.8
0.6
0.2
0.06
0.2
2.0
0.1
0.6
0.4
1.0
4.0
0.04
IC, COLLECTOR CURRENT (AMP)
1.4
1.0
2.2
1.8
0.6
0.2
0.06
0.2
2.0
0.1
0.6
0.4
1.0
4.0
20
50
100
3.4
IB, BASE CURRENT (mA)
2.6
2.2
1.8
1.4
0.6
0.1
0.2
0.5
10
2.0
5.0
1.0
3.0
1.0
20
50
100
VBE(sat) @ IC/IB = 250
VBE @ VCE = 3.0 V
VCE(sat) @ IC/IB = 250
2.0 A
4.0 A
TJ = 25°C
VCE = 3.0 V
TJ = 125°C
25
°C
−55
°C
IC =
0.5 A
1.0 A
TJ = 25°C
2.0 A
4.0 A
VBE(sat) @ IC/IB = 250
VBE @ VCE = 3.0 V
VCE(sat) @ IC/IB = 250
TJ = 25°C


Numéro de pièce similaire - MJE802G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MJE802G ONSEMI-MJE802G Datasheet
140Kb / 6P
   Plastic Darlington Complementary Silicon Power Transistors
December, 2013 ??Rev. 12
logo
Tiger Electronic Co.,Lt...
MJE802G TGS-MJE802G Datasheet
214Kb / 1P
   NPN Epitaxial Silicon Darlington Transistor
More results

Description similaire - MJE802G

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MJE700 MOTOROLA-MJE700 Datasheet
256Kb / 6P
   4.0 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 40 WATT 50 WATT
TIP100 MOTOROLA-TIP100 Datasheet
218Kb / 6P
   DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
TIP120 MOTOROLA-TIP120 Datasheet
251Kb / 6P
   DARLINGTON 5 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
logo
List of Unclassifed Man...
MJ2501 ETC1-MJ2501 Datasheet
485Kb / 4P
   10 Ampere Darlington Power Transistors Complementary Silicon
logo
Motorola, Inc
TIP140 MOTOROLA-TIP140 Datasheet
234Kb / 6P
   10 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
TIP110 MOTOROLA-TIP110 Datasheet
269Kb / 6P
   DARLINGTON 2 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
D45C MOTOROLA-D45C Datasheet
94Kb / 4P
   4.0 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80 VOLTS
MJ11028 MOTOROLA-MJ11028 Datasheet
153Kb / 4P
   50 AMPERE COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS 60.120 VOLTS 300 WATTS
logo
ON Semiconductor
MJH11017 ONSEMI-MJH11017_06 Datasheet
86Kb / 6P
   15 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150??50 VOLTS, 150 WATTS
July, 2006 ??Rev. 6
MPSW45 ONSEMI-MPSW45 Datasheet
228Kb / 6P
   One Watt Darlington Transistors(NPN Silicon)
1996
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com