Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC10E1652L Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce MC10E1652L
Description  5V, ??V ECL Dual ECL Output Comparator with Latch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E1652L Fiches technique(HTML) 3 Page - ON Semiconductor

  MC10E1652L Datasheet HTML 1Page - ON Semiconductor MC10E1652L Datasheet HTML 2Page - ON Semiconductor MC10E1652L Datasheet HTML 3Page - ON Semiconductor MC10E1652L Datasheet HTML 4Page - ON Semiconductor MC10E1652L Datasheet HTML 5Page - ON Semiconductor MC10E1652L Datasheet HTML 6Page - ON Semiconductor MC10E1652L Datasheet HTML 7Page - ON Semiconductor MC10E1652L Datasheet HTML 8Page - ON Semiconductor MC10E1652L Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MC10E1652
http://onsemi.com
3
Table 3. MAXIMUM RATINGS
Symbol
Parameter
Condition 1
Condition 2
Rating
Units
VSUP
Total Supply Voltage
|VEE| + |VCC|
12.0
V
VPP
Differential Input Voltage
|V1 − V2|
3.7
V
VI
Input Voltage
VEE v VI v VCC
V
Iout
Output Current
Continuous
Surge
50
100
mA
mA
IBB
VBB Sink/Source
± 0.5
mA
TA
Operating Temperature Range
0 to +85
°C
Tstg
Storage Temperature Range
−65 to +150
°C
qJA
Thermal Resistance (Junction to Ambient)
0 LFPM
500 LFPM
28 PLCC
28 PLCC
63.5
43.5
°C/W
°C/W
qJC
Thermal Resistance (Junction to Case)
std bd
28 PLCC
22 to 26
°C/W
VEE
Operating Range
GND = 0 V
−4.2 to −5.7
V
Tsol
Wave Solder
v 3 sec @ 248°C
265
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
Table 4. DC CHARACTERISTICS VCC = +5.0 V ±5%; VEE = −5.2 V ±5%, VCC = 0 V (Note 1)
0°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
VOH
Output HIGH Voltage (Note 2)
−1020
−840
−980
−810
−920
−735
mV
VOL
Output Low Voltage (Note 2)
−1950
−1630 −1950
−1630 −1950
−1600
mV
VIL
Input LOW Voltage (LEN)
−1.95
−1.48
−1.95
−1.48
−1.95
−1.45
mV
VIH
Input HIGH Voltage (LEN)
−1.17
−0.84
−1.13
−0.81
−1.07
−0.735
mV
II
IIH
Input Current (V1, V2)
Input HIGH Current (LEN)
65
150
65
150
65
150
mA
ICC
IEE
Positive Supply Current
Negative Supply Current
50
−55
50
−55
50
−55
mA
VCMR
Common Mode Range (Note 3)
−2.0
3.0
−2.0
3.0
−2.0
3.0
V
Hys
Hysteresis (Note 4)
27
27
30
mV
Vskew
Hysteresis Skew (Note 5)
−1.0
−1.0
0
mV
Cin
Input Capacitance
DIP
PLCC
3
2
3
2
3
2
pF
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. Input VIL and VIH parameters vary 1:1 with VCC. Output VOH and VOL parameters vary 1:1 with GND.
2. Outputs are terminated through a 50 ohm resistor to GND−2 volts.
3. VCMR Min varies 1:1 with VEE; Max varies 1:1 with VCC.
4. The HYS pin programming characterization information is shown in Figure 2. The hysteresis values indicated in the data sheet are for the
condition in which the voltage on the HYS pin is set to VEE.
5. Hysteresis skew (Vskew) is provided to indicate the offset of the hysteresis window. For example, at 25°C the nominal hysteresis value is
27 mV and the Vskew value indicates that the hysteresis was skewed from the reference level by 1 mV in the negative direction. Hence the
hysteresis window ranged from 14 mV below the reference level to 13 mV above the reference level. All hysteresis measurements were
determined using a reference voltage of 0 mV. The hysteresis skew values apply over the programming range shown in Figure 2.


Numéro de pièce similaire - MC10E1652L

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10E1652 ONSEMI-MC10E1652 Datasheet
140Kb / 7P
   DUAL ECL OUTPUT COMPARATOR WITH LATCH
REV 1
MC10E1652FNG ONSEMI-MC10E1652FNG Datasheet
129Kb / 9P
   Dual ECL Output Comparator with Latch
April, 2013 ??Rev. 10
MC10E1652FNR2G ONSEMI-MC10E1652FNR2G Datasheet
129Kb / 9P
   Dual ECL Output Comparator with Latch
April, 2013 ??Rev. 10
MC10E1652 ONSEMI-MC10E1652_13 Datasheet
129Kb / 9P
   Dual ECL Output Comparator with Latch
April, 2013 ??Rev. 10
More results

Description similaire - MC10E1652L

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10E1651 ONSEMI-MC10E1651_06 Datasheet
136Kb / 10P
   5V, ??V Dual ECL Output Comparator with Latch
November, 2006 ??Rev. 8
MC10E1652 ONSEMI-MC10E1652_13 Datasheet
129Kb / 9P
   Dual ECL Output Comparator with Latch
April, 2013 ??Rev. 10
MC10E1652 ONSEMI-MC10E1652 Datasheet
140Kb / 7P
   DUAL ECL OUTPUT COMPARATOR WITH LATCH
REV 1
MC10E1651 ONSEMI-MC10E1651_13 Datasheet
125Kb / 9P
   Dual ECL Output Comparator with Latch
April, 2013 ??Rev. 10
MC10E1651 ONSEMI-MC10E1651 Datasheet
133Kb / 7P
   DUAL ECL OUTPUT COMPARATOR WITH LATCH
1996 REV 1
logo
Maxim Integrated Produc...
MAX9685 MAXIM-MAX9685 Datasheet
68Kb / 8P
   Ultra-Fast ECL-Output Comparator with Latch Enable
Rev 1; 7/93
MAX9687 MAXIM-MAX9687 Datasheet
44Kb / 4P
   Dual, Ultra-Fast ECL-Output Comparator
Rev 1; 7/93
logo
ON Semiconductor
MC10E175 ONSEMI-MC10E175_06 Datasheet
81Kb / 8P
   5V ECL 9-Bit Latch With Parity
December, 2006 ??Rev. 9
MC10E166 ONSEMI-MC10E166_06 Datasheet
123Kb / 7P
   5V ECL 9-Bit Magnitude Comparator
November, 2006 ??Rev. 8
logo
Maxim Integrated Produc...
MAX9690 MAXIM-MAX9690 Datasheet
28Kb / 4P
   Ultra-Fast ECL-Output Comparator
Rev 3; 3/97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com