Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC10E211FNR2G Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce MC10E211FNR2G
Description  5V ECL 1:6 Differential Clock Distribution Chip
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E211FNR2G Fiches technique(HTML) 1 Page - ON Semiconductor

  MC10E211FNR2G Datasheet HTML 1Page - ON Semiconductor MC10E211FNR2G Datasheet HTML 2Page - ON Semiconductor MC10E211FNR2G Datasheet HTML 3Page - ON Semiconductor MC10E211FNR2G Datasheet HTML 4Page - ON Semiconductor MC10E211FNR2G Datasheet HTML 5Page - ON Semiconductor MC10E211FNR2G Datasheet HTML 6Page - ON Semiconductor MC10E211FNR2G Datasheet HTML 7Page - ON Semiconductor MC10E211FNR2G Datasheet HTML 8Page - ON Semiconductor MC10E211FNR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2006
November, 2006 − Rev. 12
1
Publication Order Number:
MC10E211/D
MC10E211, MC100E211
5VECL 1:6 Differential
Clock Distribution Chip
Description
The MC10E/100E211 is a low skew 1:6 fanout device designed
explicitly for low skew clock distribution applications.
The E211 features a multiplexed clock input to allow for the
distribution of a lower speed scan or test clock along with the high
speed system clock. When LOW (or left open in which case it will be
pulled LOW by the input pulldown resistor) the SEL pin will select the
differential clock input.
Both a common enable and individual output enables are provided.
When asserted the positive output will go LOW on the next negative
transition of the CLK (or SCLK) input. The enabling function is
synchronous so that the outputs will only be enabled/disabled when
the outputs are already in the LOW state. In this way the problem of
runt pulse generation during the disable operation is avoided. Note that
the internal flip flop is clocked on the falling edge of the input clock
edge, therefore all associated specifications are referenced to the
negative edge of the CLK input.
The output transitions of the E211 are faster than the standard
ECLinPS edge rates. This feature provides a means of distributing
higher frequency signals than capable with the E111 device. Because
of these edge rates and the tight skew limits guaranteed in the
specification, there are certain termination guidelines which must be
followed. For more details on the recommended termination schemes
please refer to the applications information section of this data sheet.
The VBB pin, an internally generated voltage supply, is available to
this device only. For single−ended input conditions, the unused
differential input is connected to VBB as a switching reference voltage.
VBB may also rebias AC coupled inputs. When used, decouple VBB
and VCC via a 0.01 mF capacitor and limit current sourcing or sinking
to 0.5 mA. When not used, VBB should be left open.
The 100 Series contains temperature compensation.
Features
Guaranteed Low Skew Specification
Synchronous Enabling/Disabling
Multiplexed Clock Inputs
VBB Output for Single−Ended Use
Common and Individual Enable/Disable Control
High Bandwidth Output Transistors
PECL Mode Operating Range: VCC = 4.2 V to 5.7 V
with VEE = 0 V
NECL Mode Operating Range: VCC = 0 V with VEE =
−4.2 V to −5.7 V
Internal Input 75 kW Pulldown Resistors
ESD Protection: Human Body Model; > 2 kV,
Machine Model; > 100 V
Meets or Exceeds JEDEC Spec EIA/JESD78 IC
Latchup Test
Moisture Sensitivity Level: Pb = 1; Pb−Free = 3
For Additional Information, see Application Note
AND8003/D
Flammability Rating: UL 94 V−0 @ 0.125 in,
Oxygen Index: 28 to 34
Transistor Count = 457 devices
Pb−Free Packages are Available*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
MARKING DIAGRAM*
xxx
= 10 or 100
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb−Free Package
PLCC−28
FN SUFFIX
CASE 776
MCxxxE211FNG
AWLYYWW
1
http://onsemi.com
*For additional marking information, refer to
Application Note AND8002/D.
See detailed ordering and shipping information in the package
dimensions section on page 9 of this data sheet.
ORDERING INFORMATION


Numéro de pièce similaire - MC10E211FNR2G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10E211 ONSEMI-MC10E211 Datasheet
123Kb / 7P
   1:6 DIFFERENTIAL CLOCK DISTRIBUTION CHIP
1996 REV 3
More results

Description similaire - MC10E211FNR2G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10EL15 ONSEMI-MC10EL15_05 Datasheet
147Kb / 8P
   5V ECL 1:4 Clock Distribution Chip
August, 2005 ??Rev. 5
MC100EL14 ONSEMI-MC100EL14_06 Datasheet
122Kb / 8P
   5V ECL 1:5 Clock Distribution Chip
October, 2006 ??Rev. 7
logo
Pericom Semiconductor C...
PI90LV211 PERICOM-PI90LV211 Datasheet
185Kb / 9P
   1:6 Differential Clock Distribution Chip
logo
ON Semiconductor
MC10E211 ONSEMI-MC10E211 Datasheet
123Kb / 7P
   1:6 DIFFERENTIAL CLOCK DISTRIBUTION CHIP
1996 REV 3
MC10E111 ONSEMI-MC10E111_16 Datasheet
174Kb / 9P
   5V ECL 1:9 Differential Clock Driver
July, 2016 ??Rev. 17
MC10E111 ONSEMI-MC10E111_06 Datasheet
143Kb / 10P
   5V ECL 1:9 Differential Clock Driver
November, 2006 ??Rev. 16
MC100LVEL14 ONSEMI-MC100LVEL14_06 Datasheet
127Kb / 6P
   3.3V ECL 1:5 Clock Distribution Chip
November, 2006 ??Rev. 8
MC100EL38 ONSEMI-MC100EL38_06 Datasheet
122Kb / 7P
   5V ECL 첨2, 첨4/6 Clock Generation Chip
October, 2006 ??Rev. 7
MC10E451 ONSEMI-MC10E451_06 Datasheet
134Kb / 9P
   5V ECL 6?묪it D Register Differential Data and Clock
November, 2006 ??Rev. 9
MC10EL15 ONSEMI-MC10EL15_16 Datasheet
163Kb / 8P
   5V ECL 1:4 Clock Distribution Chip
July, 2016 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com