Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC10E211FN Fiches technique(PDF) 2 Page - ON Semiconductor

No de pièce MC10E211FN
Description  5V ECL 1:6 Differential Clock Distribution Chip
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E211FN Fiches technique(HTML) 2 Page - ON Semiconductor

  MC10E211FN Datasheet HTML 1Page - ON Semiconductor MC10E211FN Datasheet HTML 2Page - ON Semiconductor MC10E211FN Datasheet HTML 3Page - ON Semiconductor MC10E211FN Datasheet HTML 4Page - ON Semiconductor MC10E211FN Datasheet HTML 5Page - ON Semiconductor MC10E211FN Datasheet HTML 6Page - ON Semiconductor MC10E211FN Datasheet HTML 7Page - ON Semiconductor MC10E211FN Datasheet HTML 8Page - ON Semiconductor MC10E211FN Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MC10E211, MC100E211
http://onsemi.com
2
EN1
EN4 EN5 VCC0 Q5
Q5
Q4
Q4
Q3
Q3
VCC
Q2
Q2
Q1
Q1
Q0
Q0
VCC0
EN0
EN2
CEN
VBB
CLK
CLK
VEE
SCLK
SEL
EN3
4
3
2
1
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
7
8
6
5
Figure 1. Pinout: PLCC−28 (Top View)
Warning: All VCC, VCCO, and VEE pins must be externally
connected to Power Supply to guarantee proper operation.
*All VCC and VCCO pins are tied together on the die.
VBB
SEL
0
1
CEN
EN5
EN1−4
SCLK
CLK
CLK
EN0
BITS 1−4
Q5
Q5
Q1−4
Q1−4
Q0
Q0
Q
D
Q
D
Q
D
Figure 2. Logic Diagram
Table 1. PIN DESCRIPTION
PIN
FUNCTION
EN0−EN5
SEL
SCLK
CLK, CLK
CEN
Q0−Q5, Q0−Q5
VBB
VCC, VCCO
VEE
NC
ECL Enable
ECL Select (Clock)
ECL Single Clock
ECL Differential Clock
ECL Common Enable
ECL Differential Outputs
Reference Voltage Output
Positive Supply
Negative Supply
No Connect
Table 2. FUNCTION TABLE
CLK
SCLK
SEL
ENx
Q
H/L
X
Z*
X
H/L
Z*
L
H
X
L
L
H
CLK
SCLK
L
*Z = Negative transition of CLK or SCLK


Numéro de pièce similaire - MC10E211FN

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10E211 ONSEMI-MC10E211 Datasheet
123Kb / 7P
   1:6 DIFFERENTIAL CLOCK DISTRIBUTION CHIP
1996 REV 3
More results

Description similaire - MC10E211FN

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10EL15 ONSEMI-MC10EL15_05 Datasheet
147Kb / 8P
   5V ECL 1:4 Clock Distribution Chip
August, 2005 ??Rev. 5
MC100EL14 ONSEMI-MC100EL14_06 Datasheet
122Kb / 8P
   5V ECL 1:5 Clock Distribution Chip
October, 2006 ??Rev. 7
logo
Pericom Semiconductor C...
PI90LV211 PERICOM-PI90LV211 Datasheet
185Kb / 9P
   1:6 Differential Clock Distribution Chip
logo
ON Semiconductor
MC10E211 ONSEMI-MC10E211 Datasheet
123Kb / 7P
   1:6 DIFFERENTIAL CLOCK DISTRIBUTION CHIP
1996 REV 3
MC10E111 ONSEMI-MC10E111_16 Datasheet
174Kb / 9P
   5V ECL 1:9 Differential Clock Driver
July, 2016 ??Rev. 17
MC10E111 ONSEMI-MC10E111_06 Datasheet
143Kb / 10P
   5V ECL 1:9 Differential Clock Driver
November, 2006 ??Rev. 16
MC100LVEL14 ONSEMI-MC100LVEL14_06 Datasheet
127Kb / 6P
   3.3V ECL 1:5 Clock Distribution Chip
November, 2006 ??Rev. 8
MC100EL38 ONSEMI-MC100EL38_06 Datasheet
122Kb / 7P
   5V ECL 첨2, 첨4/6 Clock Generation Chip
October, 2006 ??Rev. 7
MC10E451 ONSEMI-MC10E451_06 Datasheet
134Kb / 9P
   5V ECL 6?묪it D Register Differential Data and Clock
November, 2006 ??Rev. 9
MC10EL15 ONSEMI-MC10EL15_16 Datasheet
163Kb / 8P
   5V ECL 1:4 Clock Distribution Chip
July, 2016 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com