Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC10E197 Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce MC10E197
Description  5V ECL Data Separator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E197 Fiches technique(HTML) 3 Page - ON Semiconductor

  MC10E197 Datasheet HTML 1Page - ON Semiconductor MC10E197 Datasheet HTML 2Page - ON Semiconductor MC10E197 Datasheet HTML 3Page - ON Semiconductor MC10E197 Datasheet HTML 4Page - ON Semiconductor MC10E197 Datasheet HTML 5Page - ON Semiconductor MC10E197 Datasheet HTML 6Page - ON Semiconductor MC10E197 Datasheet HTML 7Page - ON Semiconductor MC10E197 Datasheet HTML 8Page - ON Semiconductor MC10E197 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MC10E197
http://onsemi.com
3
MAXIMUM RATINGS (Note 1)
Symbol
Parameter
Condition 1
Condition 2
Rating
Units
VCC
PECL Mode Power Supply
VEE = 0 V
8
V
VEE
NECL Mode Power Supply
VCC = 0 V
−8
V
VI
PECL Mode Input Voltage
NECL Mode Input Voltage
VEE = 0 V
VCC = 0 V
VI  VCC
VI  VEE
6
−6
V
V
Iout
Output Current
Continuous
Surge
50
100
mA
mA
TA
Operating Temperature Range
0 to +85
°C
Tstg
Storage Temperature Range
−65 to +150
°C
θJA
Thermal Resistance (Junction to Ambient)
0 LFPM
500 LFPM
28 PLCC
28 PLCC
63.5
43.5
°C/W
°C/W
θJC
Thermal Resistance (Junction to Case)
std bd
28 PLCC
22 to 26
°C/W
VEE
PECL Operating Range
NECL Operating Range
4.2 to 5.7
−5.7 to −4.2
V
V
Tsol
Wave Solder
<2 to 3 sec @ 248°C
265
°C
1. Maximum Ratings are those values beyond which device damage may occur.
10E SERIES PECL DC CHARACTERISTICS VCCx= 5.0 V; VEE= 0.0 V (Note 1)
0°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
90
150
180
90
150
180
90
150
180
mA
VOH
Output HIGH Voltage (Note 2)
3980
4070
4160
4020
4105
4190
4090
4185
4280
mV
VOL
Output LOW Voltage (Note 2)
3050
3210
3370
3050
3210
3370
3050
3227
3405
mV
VIH
Input HIGH Voltage
3830
3995
4160
3870
4030
4190
3940
4110
4280
mV
VIL
Input LOW Voltage
3050
3285
3520
3050
3285
3520
3050
3302
3555
mV
IIH
Input HIGH Current
150
150
150
μA
IIL
Input LOW Current
0.5
0.3
0.5
0.25
0.3
0.2
μA
NOTE: Devices are designed to meet the DC specifications shown in the above table, after thermal equilibrium has been established. The
circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 lfpm is maintained.
1. Input and output parameters vary 1:1 with VCC. VEE can vary +0.46 V / −0.06 V.
2. Outputs are terminated through a 50 ohm resistor to VCC−2 volts.
10E SERIES NECL DC CHARACTERISTICS VCCx= 0.0 V; VEE= −5.0 V (Note 1)
0°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
90
150
180
90
150
180
90
150
180
mA
VOH
Output HIGH Voltage (Note 2)
−1020
−930
−840
−980
−895
−810
−910
−815
−720
mV
VOL
Output LOW Voltage (Note 2)
−1950 −1790 −1630 −1950 −1790 −1630 −1950 −1773 −1595
mV
VIH
Input HIGH Voltage
−1170 −1005
−840
−1130
−970
−810
−1060
−890
−720
mV
VIL
Input LOW Voltage
−1950 −1715 −1480 −1950 −1715 −1480 −1950 −1698 −1445
mV
IIH
Input HIGH Current
150
150
150
μA
IIL
Input LOW Current
0.5
0.3
0.5
0.065
0.3
0.2
μA
NOTE: Devices are designed to meet the DC specifications shown in the above table, after thermal equilibrium has been established. The
circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 lfpm is maintained.
1. Input and output parameters vary 1:1 with VCC. VEE can vary +0.46 V / −0.06 V.
2. Outputs are terminated through a 50 ohm resistor to VCC−2 volts.


Numéro de pièce similaire - MC10E197

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10E197 ONSEMI-MC10E197 Datasheet
217Kb / 16P
   DATA SEPARATOR
1996 REV 2
More results

Description similaire - MC10E197

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10E197 ONSEMI-MC10E197 Datasheet
217Kb / 16P
   DATA SEPARATOR
1996 REV 2
logo
List of Unclassifed Man...
FDC9216B ETC-FDC9216B Datasheet
191Kb / 4P
   FLOPPY DISK DATA SEPARATOR FDDS
logo
ON Semiconductor
MC10EL52 ONSEMI-MC10EL52_06 Datasheet
153Kb / 9P
   5V ECL Differential Data and Clock D Flip-Flop
December, 2006 ??Rev. 5
MC10EL33 ONSEMI-MC10EL33_06 Datasheet
155Kb / 10P
   5V ECL 첨4 Divider
December, 2006 ??Rev. 9
MC10EL33 ONSEMI-MC10EL33_08 Datasheet
152Kb / 10P
   5V ECL 첨4 Divider
August, 2008 ??Rev. 10
logo
Fairchild Semiconductor
100EL16 FAIRCHILD-100EL16 Datasheet
138Kb / 5P
   5V ECL Differential Receiver
logo
ON Semiconductor
MC10EL32 ONSEMI-MC10EL32_08 Datasheet
152Kb / 9P
   5V ECL 첨2 Divider
December, 2008 ??Rev. 8
MC10EL32 ONSEMI-MC10EL32_06 Datasheet
155Kb / 9P
   5V ECL 첨2 Divider
December, 2006 ??Rev. 6
MC10E112 ONSEMI-MC10E112_06 Datasheet
126Kb / 8P
   5V ECL Quad Driver
November, 2006 ??Rev. 8
logo
List of Unclassifed Man...
SED9420CAC ETC1-SED9420CAC Datasheet
157Kb / 4P
   CMOS DATA SEPARATOR FOR FDD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com