Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC10E175FN Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce MC10E175FN
Description  5V ECL 9-Bit Latch With Parity
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E175FN Fiches technique(HTML) 1 Page - ON Semiconductor

  MC10E175FN Datasheet HTML 1Page - ON Semiconductor MC10E175FN Datasheet HTML 2Page - ON Semiconductor MC10E175FN Datasheet HTML 3Page - ON Semiconductor MC10E175FN Datasheet HTML 4Page - ON Semiconductor MC10E175FN Datasheet HTML 5Page - ON Semiconductor MC10E175FN Datasheet HTML 6Page - ON Semiconductor MC10E175FN Datasheet HTML 7Page - ON Semiconductor MC10E175FN Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2006
December, 2006 − Rev. 9
1
Publication Order Number:
MC10E175/D
MC10E175, MC100E175
5VECL 9-Bit Latch With
Parity
Description
The MC10E/100E175 is a 9-bit latch. It also features a tenth latched
output, ODDPAR, which is formed as the odd parity of the nine data
inputs (ODDPAR is HIGH if an odd number of the inputs are HIGH).
The E175 can also be used to generate byte parity by using D8 as the
parity-type select (L = even parity, H = odd parity), and using
ODDPAR as the byte parity output.
The LEN pin latches the data when asserted with a logical high and
makes the latch transparent when placed at a logic low level.
Features
9-Bit Latch
Parity Detection/Generation
800 ps Max. D to Output
Reset
PECL Mode Operating Range: VCC = 4.2 V to 5.5 V
with VEE = 0 V
NECL Mode Operating Range: VCC = 0 V
with VEE = −4.2 V to −5.5 V
Internal Input 50 kW Pulldown Resistors
ESD Protection: Human Body Model; > 2 kV,
Machine Model; > 200 V
Charged Device MOdel; > 2 kV
Meets or Exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
Moisture Sensitivity Level:
Pb = 1
Pb−Free = 3
For Additional Information, see Application Note AND8003/D
Flammability Rating: UL 94 V−0 @ 0.125 in,
Oxygen Index: 28 to 34
Transistor Count = 416 devices
Pb−Free Packages are Available*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
MARKING DIAGRAM*
xxx
= 10 or 100
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb−Free Package
PLCC−28
FN SUFFIX
CASE 776
MCxxxE175FNG
AWLYYWW
1
http://onsemi.com
*For additional marking information, refer to
Application Note AND8002/D.
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
ORDERING INFORMATION


Numéro de pièce similaire - MC10E175FN

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10E175 ONSEMI-MC10E175 Datasheet
106Kb / 4P
   9-BIT LATCH WITH PARITY
REV 2
More results

Description similaire - MC10E175FN

FabricantNo de pièceFiches techniqueDescription
logo
Micrel Semiconductor
SY10E175 MICREL-SY10E175_06 Datasheet
62Kb / 4P
   9-BIT LATCH WITH PARITY
logo
ON Semiconductor
MC10E175 ONSEMI-MC10E175 Datasheet
106Kb / 4P
   9-BIT LATCH WITH PARITY
REV 2
logo
Micrel Semiconductor
SY10E175 MICREL-SY10E175 Datasheet
60Kb / 4P
   9-BIT LATCH WITH PARITY
logo
ON Semiconductor
MC10E160 ONSEMI-MC10E160_06 Datasheet
191Kb / 8P
   5V ECL 12-Bit Parity Generator/Checker
June, 2006 ??Rev. 6
MC10E122 ONSEMI-MC10E122_06 Datasheet
121Kb / 8P
   5V ECL 9-Bit Buffer
November, 2006 ??Rev. 7
MC10E150 ONSEMI-MC10E150_06 Datasheet
79Kb / 8P
   5V ECL 6-Bit D Latch
December, 2006 ??Rev. 10
MC10H602 ONSEMI-MC10H602 Datasheet
86Kb / 4P
   9-Bit Latch TTL/ECL Translator
1996 REV 5
MC10H603 ONSEMI-MC10H603 Datasheet
89Kb / 5P
   9-Bit Latch ECL/TTL Translator
1996 REV 5
MC10E142 ONSEMI-MC10E142_06 Datasheet
150Kb / 8P
   5V ECL 9-Bit Shift Register
February, 2006 ??Rev. 7
MC10E166 ONSEMI-MC10E166_06 Datasheet
123Kb / 7P
   5V ECL 9-Bit Magnitude Comparator
November, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com