Moteur de recherche de fiches techniques de composants électroniques |
|
MC10E116FN Fiches technique(PDF) 2 Page - ON Semiconductor |
|
MC10E116FN Fiches technique(HTML) 2 Page - ON Semiconductor |
2 / 9 page MC10E116, MC100E116 http://onsemi.com 2 VCCO D1 D3 Q1 VCCO Q0 Q0 D3 D2 D2 VEE VBB D0 D0 26 27 28 2 3 4 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 567 8 9 10 D4 D4 VCCO Q4 Q4 VCCO Q3 Q3 VCC Q2 Q2 VCCO Q1 D1 1 Pinout: 28-Lead PLCC (Top View) * All VCC and VCCO pins are tied together on the die. Warning: All VCC, VCCO, and VEE pins must be externally connected to Power Supply to guarantee proper operation. Figure 1. Pinout Assignment Figure 2. Logic Diagram D0 D0 D1 D1 D2 D2 D3 D3 D4 D4 VBB Q0 Q0 Q1 Q1 Q2 Q2 Q3 Q3 Q4 Q4 Table 1. PIN DESCRIPTION PIN FUNCTION D0, D0 − D4, D4 ECL Differential Input Pairs Q0, Q0 − Q4, Q4 ECL Differential Output Pairs VBB Reference Voltage Output. VCC, VCCO Positive Supply VEE Negative Supply Table 2. MAXIMUM RATINGS Symbol Parameter Condition 1 Condition 2 Rating Unit VCC PECL Mode Power Supply VEE = 0 V 8 V VEE NECL Mode Power Supply VCC = 0 V −6 V VI PECL Mode Input Voltage NECL Mode Input Voltage VEE = 0 V VCC = 0 V VI v VCC VI w VEE 6 −6 V V Iout Output Current Continuous Surge 50 100 mA mA IBB VBB Sink/Source ± 0.5 mA TA Operating Temperature Range 0 to +85 °C Tstg Storage Temperature Range −65 to +150 °C qJA Thermal Resistance (Junction−to−Ambient) 0 lfpm 500 lfpm PLCC−28 PLCC−28 63.5 43.5 °C/W °C/W qJC Thermal Resistance (Junction−to−Case) Standard Board PLCC−28 22 to 26 °C/W Tsol Wave Solder Pb Pb−Free 265 265 °C Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. |
Numéro de pièce similaire - MC10E116FN |
|
Description similaire - MC10E116FN |