Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BUK7508-55 Fiches technique(PDF) 1 Page - NXP Semiconductors

No de pièce BUK7508-55
Description  TrenchMOS transistor Standard level FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK7508-55 Fiches technique(HTML) 1 Page - NXP Semiconductors

  BUK7508-55 Datasheet HTML 1Page - NXP Semiconductors BUK7508-55 Datasheet HTML 2Page - NXP Semiconductors BUK7508-55 Datasheet HTML 3Page - NXP Semiconductors BUK7508-55 Datasheet HTML 4Page - NXP Semiconductors BUK7508-55 Datasheet HTML 5Page - NXP Semiconductors BUK7508-55 Datasheet HTML 6Page - NXP Semiconductors BUK7508-55 Datasheet HTML 7Page - NXP Semiconductors BUK7508-55 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Philips Semiconductors
Product specification
TrenchMOS
™ transistor
BUK7508-55
Standard level FET
GENERAL DESCRIPTION
QUICK REFERENCE DATA
N-channel
enhancement
mode
SYMBOL
PARAMETER
MAX.
UNIT
standard level field-effect power
transistor in a plastic envelope using
V
DS
Drain-source voltage
55
V
’trench’ technology. The device
I
D
Drain current (DC)
75
A
features very low on-state resistance
P
tot
Total power dissipation
187
W
and has integral zener diodes giving
T
j
Junction temperature
175
˚C
ESD protection up to 2kV. It is
R
DS(ON)
Drain-source on-state
8
m
intended for use in automotive and
resistance
V
GS = 10 V
general
purpose
switching
applications.
PINNING - TO220AB
PIN CONFIGURATION
SYMBOL
PIN
DESCRIPTION
1
gate
2
drain
3
source
tab
drain
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134)
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
DS
Drain-source voltage
-
-
55
V
V
DGR
Drain-gate voltage
R
GS = 20 kΩ
-55
V
±V
GS
Gate-source voltage
-
-
16
V
I
D
Drain current (DC)
T
mb = 25 ˚C
-
75
A
I
D
Drain current (DC)
T
mb = 100 ˚C
-
65
A
I
DM
Drain current (pulse peak value)
T
mb = 25 ˚C
-
240
A
P
tot
Total power dissipation
T
mb = 25 ˚C
-
187
W
T
stg, Tj
Storage & operating temperature
-
- 55
175
˚C
ESD LIMITING VALUE
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
C
Electrostatic discharge capacitor
Human body model
-
2
kV
voltage, all pins
(100 pF, 1.5 k
Ω)
THERMAL RESISTANCES
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
R
th j-mb
Thermal resistance junction to
-
-
0.8
K/W
mounting base
R
th j-a
Thermal resistance junction to
in free air
60
-
K/W
ambient
d
g
s
12 3
tab
February 1997
1
Rev 1.000


Numéro de pièce similaire - BUK7508-55

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BUK7508-55 PHILIPS-BUK7508-55 Datasheet
62Kb / 8P
   TrenchMOS transistor Standard level FET
February 1997 Rev 1.000
logo
Inchange Semiconductor ...
BUK7508-55 ISC-BUK7508-55 Datasheet
305Kb / 2P
   isc N-Channel MOSFET Transistor
logo
NXP Semiconductors
BUK7508-55A PHILIPS-BUK7508-55A Datasheet
130Kb / 14P
   TrenchMOS standard level FET
Rev. 02-17 January 2002
logo
Inchange Semiconductor ...
BUK7508-55A ISC-BUK7508-55A Datasheet
305Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
BUK7508-55A NEXPERIA-BUK7508-55A Datasheet
312Kb / 15P
   N-channel TrenchMOS standard level FET
Rev. 03 - 14 June 2010
More results

Description similaire - BUK7508-55

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BUK7524-60 PHILIPS-BUK7524-60 Datasheet
22Kb / 5P
   TrenchMOS transistor Standard level FET
March 1997 Rev 1.000
BUK7675-55 PHILIPS-BUK7675-55 Datasheet
68Kb / 8P
   TrenchMOS transistor Standard level FET
April 1998 Rev 1.100
PHB80N06T PHILIPS-PHB80N06T Datasheet
70Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.100
PHB87N03T PHILIPS-PHB87N03T Datasheet
65Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.200
PHP125N06T PHILIPS-PHP125N06T Datasheet
63Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.100
PHP130N03T PHILIPS-PHP130N03T Datasheet
59Kb / 8P
   TrenchMOS transistor Standard level FET
September 1997 Rev 1.100
BUK7618-30 PHILIPS-BUK7618-30 Datasheet
51Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.100
PHP60N06T PHILIPS-PHP60N06T Datasheet
64Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.100
PHP65N06T PHILIPS-PHP65N06T Datasheet
64Kb / 8P
   TrenchMOS transistor Standard level FET
November 1997 Rev 1.100
PHP87N03T PHILIPS-PHP87N03T Datasheet
59Kb / 8P
   TrenchMOS transistor Standard level FET
September 1997 Rev 1.100
PHB125N06T PHILIPS-PHB125N06T Datasheet
67Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.100
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com