Moteur de recherche de fiches techniques de composants électroniques |
|
LM285Z-2.5RA Fiches technique(PDF) 7 Page - ON Semiconductor |
|
LM285Z-2.5RA Fiches technique(HTML) 7 Page - ON Semiconductor |
7 / 9 page LM285, LM385B http://onsemi.com 7 ORDERING INFORMATION Device Shipping† Package Reverse Break−Down Voltage Operating Temperature Range LM385BZ−2.5 TA = 0°C to +70°C 2.500 V TO−92 2000 Units / Bag LM385BZ−2.5G TO−92 (Pb−Free) 2000 Units / Bag LM385BZ−2.5RA TO−92 2000 / Tape & Reel LM385BZ−2.5RAG TO−92 (Pb−Free) 2000 / Tape & Reel LM385D−1.2 1.235 V SOIC−8 98 Units / Rail LM385D−1.2G SOIC−8 (Pb−Free) 98 Units / Rail LM385D−1.2R2 SOIC−8 2500 / Tape & Reel LM385D−1.2R2G SOIC−8 (Pb−Free) 2500 / Tape & Reel LM385D−2.5 2.500 V SOIC−8 98 Units / Rail LM385D−2.5G SOIC−8 (Pb−Free) 98 Units / Rail LM385D−2.5R2 SOIC−8 2500 / Tape & Reel LM385D−2.5R2G SOIC−8 (Pb−Free) 2500 / Tape & Reel LM385Z−1.2 1.235 V TO−92 2000 Units / Bag LM385Z−1.2G TO−92 (Pb−Free) 2000 Units / Bag LM385Z−1.2RA TO−92 2000 / Tape & Reel LM385Z−1.2RAG TO−92 (Pb−Free) 2000 / Tape & Reel LM385Z−1.2RP TO−92 2000 / Ammo Box LM385Z−1.2RPG TO−92 (Pb−Free) 2000 / Ammo Box LM385Z−2.5 2.500 V TO−92 2000 Units / Bag LM385Z−2.5G TO−92 (Pb−Free) 2000 Units / Bag LM385Z−2.5RP TO−92 2000 / Ammo Box LM385Z−2.5RPG TO−92 (Pb−Free) 2000 / Ammo Box †For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. |
Numéro de pièce similaire - LM285Z-2.5RA |
|
Description similaire - LM285Z-2.5RA |