Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS51311 Fiches technique(PDF) 9 Page - ON Semiconductor

No de pièce CS51311
Description  Synchronous CPU Buck Controller for 12 V and 5.0 V Applications
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51311 Fiches technique(HTML) 9 Page - ON Semiconductor

Back Button CS51311 Datasheet HTML 5Page - ON Semiconductor CS51311 Datasheet HTML 6Page - ON Semiconductor CS51311 Datasheet HTML 7Page - ON Semiconductor CS51311 Datasheet HTML 8Page - ON Semiconductor CS51311 Datasheet HTML 9Page - ON Semiconductor CS51311 Datasheet HTML 10Page - ON Semiconductor CS51311 Datasheet HTML 11Page - ON Semiconductor CS51311 Datasheet HTML 12Page - ON Semiconductor CS51311 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
CS51311
http://onsemi.com
9
relation to the crossover frequency, since transient response
is handled by the ramp signal loop. The main purpose of this
“slow” feedback loop is to provide DC accuracy. Noise
immunity is significantly improved, since the error
amplifier bandwidth can be rolled off at a low frequency.
Enhanced noise immunity improves remote sensing of the
output voltage, since the noise associated with long
feedback traces can be effectively filtered. The COMP pin
is the output of the error amplifier and a capacitor to GND
compensates the error amplifier loop. Additionally, through
the built−in offset on the PWM Comparator non−inverting
input, the COMP pin provides the hiccup timing for the
Overcurrent Protection, the Soft Start function that
minimizes inrush currents during regulator power−up and
switcher output enable.
Startup
The CS51311 provides a controlled startup of regulator
output voltage and features Programmable Soft Start
implemented through the Error Amp and external
Compensation Capacitor. This feature, combined with
overcurrent protection, prevents stress to the regulator
power components and overshoot of the output voltage
during startup.
As power is applied to the regulator, the CS51311
Undervoltage Lockout circuit (UVL) monitors the IC’s
supply voltage (VCC) which is typically connected to the
+12 V output of the AC−DC power supply. The UVL circuit
prevents the NFET gates from being activated until VCC
exceeds the 8.4 V (typ) threshold. Hysteresis of 300 mV
(typ) is provided for noise immunity. The Error Amp
Capacitor connected to the COMP pin is charged by a 30 μA
current source. This capacitor must be charged to 1.1 V (typ)
so that it exceeds the PWM comparator’s offset before the
V2 PWM control loop permits switching to occur.
When VCC has exceeded 8.4 V and COMP has charged to
1.1 V, the upper Gate driver (GATE(H)) is activated, turning
on the upper FET. This causes current to flow through the
output inductor and into the output capacitors and load
according to the following equation:
I + (VIN * VOUT)
T
L
GATE(H) and the upper NFET remain on and inductor
current ramps up until the initial pulse is terminated by either
the PWM control loop or the overcurrent protection. This
initial surge of in−rush current minimizes startup time, but
avoids overstressing of the regulator’s power components.
The PWM comparator will terminate the initial pulse if
the regulator output exceeds the voltage on the COMP pin
plus the 1.1 V PWM comparator offset prior to the drop
across the current sense resistor exceeding the current limit
threshold. In this case, the PWM control loop has achieved
regulation and the initial pulse is then followed by a constant
off time as programmed by the COFF capacitor. The COMP
capacitor will continue to slowly charge and the regulator
output voltage will follow it, less the 1.1 V PWM offset, until
it achieves the voltage programmed by the DAC’s VID
input. The Error Amp will then source or sink current to the
COMP cap as required to maintain the correct regulator DC
output voltage. Since the rate of increase of the COMP pin
voltage is typically set much slower than the regulator’s slew
capability, inrush current, output voltage, and duty cycle all
gradually increase from zero. (See Figures 9, 10, and 11).
Figure 9. Normal Startup (2.0 ms/div)
Channel 1 − Regulator Output Voltage (1.0 V/div)
Channel 2 − COMP Pin (1.0 V/div)
Channel 3 − VCC (10 V/div)
Channel 4 − Regulator Input Voltage (5.0 V/div)
Figure 10. Normal Startup Showing Initial Pulse
Followed by Soft Start (20 ms/div)
Channel 1 − Regulator Output Voltage (1.0 V/div)
Channel 2 − Inductor Switching Node (5.0 V/div)
Channel 3 − VCC (10 V/div)
Channel 4 − Regulator Input Voltage (5.0 V/div)


Numéro de pièce similaire - CS51311

FabricantNo de pièceFiches techniqueDescription
logo
Cherry Semiconductor Co...
CS51311 CHERRY-CS51311 Datasheet
239Kb / 19P
   Synchronous CPU Buck Controller for 12V and 5V Applications
CS51311GD14 CHERRY-CS51311GD14 Datasheet
239Kb / 19P
   Synchronous CPU Buck Controller for 12V and 5V Applications
CS51311GDR14 CHERRY-CS51311GDR14 Datasheet
239Kb / 19P
   Synchronous CPU Buck Controller for 12V and 5V Applications
More results

Description similaire - CS51311

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CS51312 ONSEMI-CS51312 Datasheet
552Kb / 22P
   Synchronous CPU Buck Controller for 12 V Only Applications
July, 2006 ??Rev. 3
logo
Cherry Semiconductor Co...
CS51311 CHERRY-CS51311 Datasheet
239Kb / 19P
   Synchronous CPU Buck Controller for 12V and 5V Applications
CS51312 CHERRY-CS51312 Datasheet
276Kb / 18P
   Synchronous CPU Buck Controller for 12V Only Applications
logo
ON Semiconductor
ADP3207 ONSEMI-ADP3207 Datasheet
398Kb / 29P
   CPU Synchronous Buck Controller
February 2008 ??Rev. 1
ADP3207A ONSEMI-ADP3207A Datasheet
396Kb / 28P
   CPU Synchronous Buck Controller
February 2008 ??Rev. 1
NCP3020A ONSEMI-NCP3020A_V01 Datasheet
910Kb / 25P
   Synchronous Buck Controller, 28 V
December, 2018 - Rev. 7
logo
Cherry Semiconductor Co...
CS5157 CHERRY-CS5157 Datasheet
316Kb / 14P
   CPU 5-Bit Synchronous Buck Controller
logo
ON Semiconductor
CS5161 ONSEMI-CS5161 Datasheet
589Kb / 18P
   CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 12
CS5165H ONSEMI-CS5165H Datasheet
722Kb / 21P
   5?묪it Synchronous CPU Buck Controller
July, 2006 ??Rev. 5
logo
Cherry Semiconductor Co...
CS5150 CHERRY-CS5150 Datasheet
236Kb / 14P
   CPU 4-Bit Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com