Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS51221ED16 Fiches technique(PDF) 7 Page - ON Semiconductor

No de pièce CS51221ED16
Description  Enhanced Voltage Mode PWM Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51221ED16 Fiches technique(HTML) 7 Page - ON Semiconductor

Back Button CS51221ED16 Datasheet HTML 3Page - ON Semiconductor CS51221ED16 Datasheet HTML 4Page - ON Semiconductor CS51221ED16 Datasheet HTML 5Page - ON Semiconductor CS51221ED16 Datasheet HTML 6Page - ON Semiconductor CS51221ED16 Datasheet HTML 7Page - ON Semiconductor CS51221ED16 Datasheet HTML 8Page - ON Semiconductor CS51221ED16 Datasheet HTML 9Page - ON Semiconductor CS51221ED16 Datasheet HTML 10Page - ON Semiconductor CS51221ED16 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
CS51221
http://onsemi.com
7
VCC
+
+
+
VREF = 3.3 V
UV Lockout
Start/Stop
UVL
ENABLE
VREF OK
3.1 V
3.3 V
Thermal
Shutdown
2.0 mA (maximum load current)
Low Sat
Gate Driver
13.5 V
S
R
Q
Q
G1
OSC
G2
+
VBG
(1.263 V)
EAMP
+
3.0 V
2.0 V to 1.0 V Trip Points
+
Max Duty Cycle
(Sat Sense)
+
PWM
Comp
Soft−Start Clamp
SS to 1.8 V Max
FF Discharge
G3
+
150 ns
Blank
DISABLE
ILIM
+
Max SS
Det
(Sat Sense)
VREF
50
mA
G4
3.0 V
+
Latching
Discharge
+
1.0 V
2.0 V
OV Monitor
UV Monitor
5.0
mA
VREF
VC
GATE
PGND
LGND
SS
OV
UV
SYNC
RTCT
VFB
COMP
FF
ISENSE
ISET
VO Off
ON
Figure 2. Block Diagram


Numéro de pièce similaire - CS51221ED16

FabricantNo de pièceFiches techniqueDescription
logo
Cherry Semiconductor Co...
CS51221ED16 CHERRY-CS51221ED16 Datasheet
164Kb / 12P
   Enhanced Voltage Mode PWM Controller
logo
ON Semiconductor
CS51221ED16 ONSEMI-CS51221ED16 Datasheet
178Kb / 14P
   Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
CS51221ED16 ONSEMI-CS51221ED16 Datasheet
178Kb / 14P
   Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
CS51221ED16G ONSEMI-CS51221ED16G Datasheet
178Kb / 14P
   Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
CS51221ED16G ONSEMI-CS51221ED16G Datasheet
178Kb / 14P
   Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
More results

Description similaire - CS51221ED16

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CS51221 ONSEMI-CS51221 Datasheet
178Kb / 14P
   Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
CS51221 ONSEMI-CS51221_09 Datasheet
178Kb / 14P
   Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
NCP1294 ONSEMI-NCP1294 Datasheet
229Kb / 13P
   Enhanced Voltage Mode PWM Controller
July, 2009 ??Rev. 0
logo
Cherry Semiconductor Co...
CS51221 CHERRY-CS51221 Datasheet
164Kb / 12P
   Enhanced Voltage Mode PWM Controller
logo
ON Semiconductor
CS51021A ONSEMI-CS51021A Datasheet
130Kb / 11P
   Enhanced Current Mode PWM Controller
February, 2006 ??Rev. 8
logo
Cherry Semiconductor Co...
CS51021 CHERRY-CS51021 Datasheet
170Kb / 9P
   Enhanced Current Mode PWM Controller
logo
Semtech Corporation
SC1103 SEMTECH-SC1103 Datasheet
97Kb / 8P
   VOLTAGE MODE PWM CONTROLLER
logo
Shaoxing Devechip Micro...
SDC7500 SDC-SDC7500 Datasheet
308Kb / 10P
   Voltage Mode PWM Controller
logo
Taiwan Semiconductor Co...
TS494 TSC-TS494 Datasheet
138Kb / 7P
   Voltage Mode PWM Controller
logo
List of Unclassifed Man...
AP494 ETC-AP494 Datasheet
175Kb / 8P
   VOLTAGE MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com