Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC327-25 Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce BC327-25
Description  Amplifier Transistors PNP Silicon
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC327-25 Fiches technique(HTML) 3 Page - ON Semiconductor

  BC327-25 Datasheet HTML 1Page - ON Semiconductor BC327-25 Datasheet HTML 2Page - ON Semiconductor BC327-25 Datasheet HTML 3Page - ON Semiconductor BC327-25 Datasheet HTML 4Page - ON Semiconductor BC327-25 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BC327, BC327−16, BC327−25, BC327−40
http://onsemi.com
3
−1000
−10
−100
−1.0
−3.0
−10
−30
VCE, COLLECTOR−EMITTER VOLTAGE
Figure 2. Active Region − Safe Operating Area
IC, COLLECTOR CURRENT (mA)
Figure 3. DC Current Gain
−100
1000
10
−1000
−0.1
−10
−100
100
−1.0
CURRENT LIMIT
THERMAL LIMIT
SECOND BREAKDOWN LIMIT
1.0 ms
1.0 s
TJ = 135°C
100 ms
VCE = −1.0 V
TA = 25°C
TA = 25°C
TC = 25°C
dc
dc
(APPLIES BELOW RATED VCEO)
IB, BASE CURRENT (mA)
Figure 4. Saturation Region
IC, COLLECTOR CURRENT (mA)
Figure 5. “On” Voltages
100
10
1.0
VR, REVERSE VOLTAGE (VOLTS)
Figure 6. Temperature Coefficients
+1.0
IC, COLLECTOR CURRENT
Figure 7. Capacitances
−0.1
−1.0
−1.0
−10
−100
−1000
−2.0
−1.0
0
−1.0
−0.8
−0.6
−0.4
−0.2
0
−0.01
−0.1
−10
−100
−1.0
−1.0
−0.8
−0.6
−0.4
−0.2
0
−1.0
−10
−1000
−100
−10
−100
TJ = 25°C
IC = −10 mA
IC = −100 mA
IC = −300 mA
IC =
−500 mA
TA = 25°C
VBE(sat) @ IC/IB = 10
VBE(on) @ VCE = −1.0 V
VCE(sat) @ IC/IB = 10
qVC for VCE(sat)
qVB for VBE
Cob
Cib


Numéro de pièce similaire - BC327-25

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
BC327-25 MOTOROLA-BC327-25 Datasheet
160Kb / 4P
   Amplifier Transistors(PNP)
logo
NXP Semiconductors
BC327-25 PHILIPS-BC327-25 Datasheet
242Kb / 19P
   45 V, 500 mA PNP general-purpose transistors
Rev. 06-17 November 2009
BC327-25 PHILIPS-BC327-25 Datasheet
47Kb / 8P
   PNP general purpose transistor
1999 Apr 15
logo
List of Unclassifed Man...
BC327-25 ETC2-BC327-25 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Siemens Semiconductor G...
BC327-25 SIEMENS-BC327-25 Datasheet
143Kb / 6P
   PNP Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
More results

Description similaire - BC327-25

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
BC251 MOTOROLA-BC251 Datasheet
161Kb / 5P
   AMPLIFIER TRANSISTORS PNP SILICON
logo
ON Semiconductor
BC556 ONSEMI-BC556 Datasheet
158Kb / 6P
   Amplifier Transistors(PNP Silicon)
1996
logo
Motorola, Inc
BCX78-7 MOTOROLA-BCX78-7 Datasheet
113Kb / 3P
   AMPLIFIER TRANSISTORS PNP SILICON
logo
New Jersey Semi-Conduct...
2N3727 NJSEMI-2N3727 Datasheet
128Kb / 1P
   PNP SILICON AMPLIFIER TRANSISTORS
logo
Motorola, Inc
BC16116 MOTOROLA-BC16116 Datasheet
199Kb / 8P
   Amplifier Transistors PNP Silicon
logo
ON Semiconductor
BC212B ONSEMI-BC212B Datasheet
60Kb / 4P
   Amplifier Transistors PNP Silicon
March, 2007 ??Rev. 4
logo
Leshan Radio Company
L2N5401 LRC-L2N5401 Datasheet
99Kb / 4P
   Amplifier Transistors PNP Silicon
logo
ON Semiconductor
2N5400 ONSEMI-2N5400 Datasheet
83Kb / 6P
   Amplifier Transistors PNP Silicon
December, 2005 ??Rev. 1
LA733P ONSEMI-LA733P Datasheet
56Kb / 4P
   Amplifier Transistors (PNP Silicon)
August, 2001 ??Rev. 1
BC307B ONSEMI-BC307B Datasheet
54Kb / 4P
   Amplifier Transistors PNP Silicon
March, 2007 ??Rev. 4
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com