Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC237C Fiches technique(PDF) 2 Page - ON Semiconductor

No de pièce BC237C
Description  Amplifier Transistors NPN Silicon
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC237C Fiches technique(HTML) 2 Page - ON Semiconductor

  BC237C Datasheet HTML 1Page - ON Semiconductor BC237C Datasheet HTML 2Page - ON Semiconductor BC237C Datasheet HTML 3Page - ON Semiconductor BC237C Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BC237, BC237B, BC237C, BC239C
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector −Emitter Breakdown Voltage
BC237
(IC = 2.0 mA, IB = 0)
BC239
V(BR)CEO
45
25
V
Emitter −Base Breakdown Voltage
BC237
(IE = 100 mA, IC = 0)
BC239
V(BR)EBO
6.0
5.0
V
Collector Cutoff Current
(VCE = 30 V, VBE = 0)
BC239
(VCE = 50 V, VBE = 0)
BC237
(VCE = 30 V, VBE = 0) TA = 125°C
BC239
(VCE = 50 V, VBE = 0) TA = 125°C
BC237
ICES
0.2
0.2
0.2
0.2
15
15
4.0
4.0
nA
mA
ON CHARACTERISTICS
DC Current Gain
(IC = 10 mA, VCE = 5.0 V)
BC237B
BC237C/239C
(IC = 2.0 mA, VCE = 5.0 V)
BC237
BC237B
BC237C/239C
(IC = 100 mA, VCE = 5.0 V)
BC237B
BC237C/239C
hFE
120
200
380
150
270
290
500
180
300
800
460
800
Collector −Emitter On Voltage
(IC = 10 mA, IB = 0.5 mA)
BC237/BC239
(IC = 100 mA, IB = 5.0 mA)
BC237/BC239
VCE(sat)
0.07
0.2
0.2
0.6
V
Base −Emitter Saturation Voltage
(IC = 10 mA, IB = 0.5 mA)
(IC = 100 mA, IB = 5.0 mA)
VBE(sat)
0.6
0.83
1.05
V
Base−Emitter On Voltage
(IC = 100 mA, VCE = 5.0 V)
(IC = 2.0 mA, VCE = 5.0 V)
(IC = 100 mA, VCE = 5.0 V)
VBE(on)
0.55
0.5
0.62
0.83
0.7
V
DYNAMIC CHARACTERISTICS
Current −Gain — Bandwidth Product
(IC = 0.5 mA, VCE = 3.0 V, f = 100 MHz)
BC237
BC239
(IC = 10 mA, VCE = 5.0 V, f = 100 MHz)
BC237
BC239
fT
150
150
100
140
200
280
MHz
Collector−Base Capacitance
(VCB = 10 V, IC = 0, f = 1.0 MHz)
Cobo
4.5
pF
Emitter−Base Capacitance
(VEB = 0.5 V, IC = 0, f = 1.0 MHz)
Cibo
8.0
pF
Noise Figure
(IC = 0.2 mA, VCE = 5.0 V, RS = 2.0 kW, f = 1.0 kHz)
BC239
(IC = 0.2 mA, VCE = 5.0 V, RS = 2.0 kW, f = 1.0 kHz, Df = 200 Hz)
BC237
BC239
NF
2.0
2.0
2.0
4.0
10
4.0
dB
Figure 1.


Numéro de pièce similaire - BC237C

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
BC237C MOTOROLA-BC237C Datasheet
112Kb / 4P
   Amplifier Transistors
logo
ON Semiconductor
BC237C ONSEMI-BC237C Datasheet
83Kb / 4P
   Amplifier Transistors(NPN Silicon)
1996 REV 1
logo
Fairchild Semiconductor
BC237C FAIRCHILD-BC237C Datasheet
45Kb / 4P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
SHENZHEN YONGERJIA INDU...
BC237C WINNERJOIN-BC237C Datasheet
157Kb / 2P
   TRANSISTOR (NPN)
logo
Continental Device Indi...
BC237C CDIL-BC237C Datasheet
359Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
More results

Description similaire - BC237C

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MPS918 ONSEMI-MPS918 Datasheet
62Kb / 4P
   Amplifier Transistors(NPN Silicon)
1996
2N5088 ONSEMI-2N5088_07 Datasheet
83Kb / 5P
   Amplifier Transistors NPN Silicon
March, 2007 ??Rev. 4
2N5550 ONSEMI-2N5550_07 Datasheet
88Kb / 6P
   Amplifier Transistors NPN Silicon
March, 2007 ??Rev. 5
logo
New Jersey Semi-Conduct...
MPSU06F NJSEMI-MPSU06F Datasheet
83Kb / 1P
   NPN Silicon Amplifier Transistors
logo
Leshan Radio Company
MMBT6428LT1 LRC-MMBT6428LT1 Datasheet
209Kb / 4P
   Amplifier Transistors(NPN Silicon)
logo
ON Semiconductor
MBT6429DW1T1 ONSEMI-MBT6429DW1T1_05 Datasheet
79Kb / 5P
   Amplifier Transistors NPN Silicon
December, 2005 ??Rev. 2
BC237 ONSEMI-BC237 Datasheet
83Kb / 4P
   Amplifier Transistors(NPN Silicon)
1996 REV 1
logo
Motorola, Inc
BD525 MOTOROLA-BD525 Datasheet
82Kb / 2P
   NPN SILICON AMPLIFIER TRANSISTORS
logo
ON Semiconductor
MPS918 ONSEMI-MPS918_06 Datasheet
46Kb / 3P
   Amplifier Transistors NPN Silicon
January, 2006 ??Rev. 3
2N5209 ONSEMI-2N5209 Datasheet
277Kb / 6P
   Amplifier Transistors(NPN Silicon)
1996
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com