Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS8129YDW16 Fiches technique(PDF) 10 Page - ON Semiconductor

No de pièce CS8129YDW16
Description  5.0 V, 750 mA Low Dropout Linear Regulator with Lower RESET Threshold
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8129YDW16 Fiches technique(HTML) 10 Page - ON Semiconductor

Back Button CS8129YDW16 Datasheet HTML 3Page - ON Semiconductor CS8129YDW16 Datasheet HTML 4Page - ON Semiconductor CS8129YDW16 Datasheet HTML 5Page - ON Semiconductor CS8129YDW16 Datasheet HTML 6Page - ON Semiconductor CS8129YDW16 Datasheet HTML 7Page - ON Semiconductor CS8129YDW16 Datasheet HTML 8Page - ON Semiconductor CS8129YDW16 Datasheet HTML 9Page - ON Semiconductor CS8129YDW16 Datasheet HTML 10Page - ON Semiconductor CS8129YDW16 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
CS8129
http://onsemi.com
10
PACKAGE DIMENSIONS
TO−220
TVA SUFFIX
CASE 314K−01
ISSUE O
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION D DOES NOT INCLUDE
INTERCONNECT BAR (DAMBAR) PROTRUSION.
DIMENSION D INCLUDING PROTRUSION SHALL
NOT EXCEED 10.92 (0.043) MAXIMUM.
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.560
0.590
14.22
14.99
B
0.385
0.415
9.78
10.54
C
0.160
0.190
4.06
4.83
D
0.027
0.037
0.69
0.94
E
0.045
0.055
1.14
1.40
F
0.530
0.545
13.46
13.84
G
0.067 BSC
1.70 BSC
J
0.014
0.022
0.36
0.56
K
0.785
0.800
19.94
20.32
L
0.321
0.337
8.15
8.56
M
0.063
0.078
1.60
1.98
Q
0.146
0.156
3.71
3.96
S
0.146
0.196
3.71
4.98
U
0.460
0.475
11.68
12.07
W
55
°°
R
0.271
0.321
6.88
8.15
A
U
D
G
B
T
M
0.356 (0.014)
M
Q
5 PL
−Q−
K
F
J
C
E
−T−
S
L
12
34
5
SEATING
PLANE
R
M
W
TO−220
THA SUFFIX
CASE 314A−03
ISSUE E
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION D DOES NOT INCLUDE
INTERCONNECT BAR (DAMBAR) PROTRUSION.
DIMENSION D INCLUDING PROTRUSION SHALL
NOT EXCEED 0.043 (1.092) MAXIMUM.
DIM
A
MIN
MAX
MIN
MAX
MILLIMETERS
0.572
0.613 14.529 15.570
INCHES
B
0.390
0.415
9.906 10.541
C
0.170
0.180
4.318
4.572
D
0.025
0.038
0.635
0.965
E
0.048
0.055
1.219
1.397
F
0.570
0.585 14.478 14.859
G
0.067 BSC
1.702 BSC
J
0.015
0.025
0.381
0.635
K
0.730
0.745 18.542 18.923
L
0.320
0.365
8.128
9.271
Q
0.140
0.153
3.556
3.886
S
0.210
0.260
5.334
6.604
U
0.468
0.505 11.888 12.827
−T− SEATING
PLANE
L
S
E
C
F
K
J
OPTIONAL
CHAMFER
5X
D
5X
M
P
M
0.014 (0.356)
T
G
A
U
B
Q
−P−


Numéro de pièce similaire - CS8129YDW16

FabricantNo de pièceFiches techniqueDescription
logo
Cherry Semiconductor Co...
CS8129YDW16 CHERRY-CS8129YDW16 Datasheet
188Kb / 8P
   5V, 750mA Low Dropout Linear Regulator with Lower RESET Threshold
More results

Description similaire - CS8129YDW16

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CS8126 ONSEMI-CS8126 Datasheet
121Kb / 12P
   5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
February, 2006 ??Rev. 16
CS8126 ONSEMI-CS8126_09 Datasheet
167Kb / 9P
   5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
October, 2009 ??Rev. 18
CS8122 ONSEMI-CS8122 Datasheet
100Kb / 10P
   2.0% 5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
June, 2006 ??Rev. 7
logo
Cherry Semiconductor Co...
CS8129 CHERRY-CS8129 Datasheet
188Kb / 8P
   5V, 750mA Low Dropout Linear Regulator with Lower RESET Threshold
logo
ON Semiconductor
CS8101 ONSEMI-CS8101_09 Datasheet
149Kb / 11P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
September, 2008 ??Rev. 19
CS8101 ONSEMI-CS8101 Datasheet
127Kb / 13P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
February, 2006 ??Rev. 18
CS8151 ONSEMI-CS8151 Datasheet
174Kb / 14P
   5.0 V, 100 mA Low Dropout Linear Regulator with Watchdog, RESET, and Wake Up
October, 2008 ??Rev. 18
NCV4275A ONSEMI-NCV4275A Datasheet
170Kb / 19P
   5.0 V, 3.3 V 450 mA Low-Dropout Voltage Regulator with Reset
April, 2010 ??Rev. 3
CS8321 ONSEMI-CS8321 Datasheet
145Kb / 6P
   Micropower 5.0 V, 150 mA Low Dropout Linear Regulator
October, 2005 ??Rev. 7
CS8221 ONSEMI-CS8221 Datasheet
75Kb / 7P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator
February, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com