Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS8120YDR14 Fiches technique(PDF) 2 Page - ON Semiconductor

No de pièce CS8120YDR14
Description  5.0 V, 300 mA Linear Regulator with RESET and ENABLE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8120YDR14 Fiches technique(HTML) 2 Page - ON Semiconductor

  CS8120YDR14 Datasheet HTML 1Page - ON Semiconductor CS8120YDR14 Datasheet HTML 2Page - ON Semiconductor CS8120YDR14 Datasheet HTML 3Page - ON Semiconductor CS8120YDR14 Datasheet HTML 4Page - ON Semiconductor CS8120YDR14 Datasheet HTML 5Page - ON Semiconductor CS8120YDR14 Datasheet HTML 6Page - ON Semiconductor CS8120YDR14 Datasheet HTML 7Page - ON Semiconductor CS8120YDR14 Datasheet HTML 8Page - ON Semiconductor CS8120YDR14 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
CS8120
http://onsemi.com
2
PIN CONNECTIONS
SO−14
Tab = GND
Pin 1. VIN
2. ENABLE
3. GND
4. RESET
5. VOUT
1
TO−220−5
NC
NC
NC
NC
RESET
ENABLE
NC
NC
114
SENSE
NC
GND
NC
VOUT
VIN
1
8
GND
SENSE
RESET
NC
VOUT
VIN
NC
ENABLE
1
Pin 1. VIN
2. ENABLE
3. GND
4. RESET
5. VOUT
DIP−8
D2PAK−5
ENABLE
+
Bandgap
Supply
+
GND
RESET
VOUT
Error
Amplifier
Figure 1. Block Diagram − TO−220−5
VIN
Over Voltage
Shutdown
Thermal
Protection
Reset
Comparator
+
Bandgap
Reference
Output
Current
Limit
ENABLE
Comparator
To VOUT
VREF
ABSOLUTE MAXIMUM RATINGS*
Rating
Value
Unit
DC Input Voltage
−0.7 to 26
V
Load Dump
60
V
Output Current
Internally Limited
Electrostatic Discharge (Human Body Model)
2.0
kV
Operating Temperature
−40 to +125
°C
Junction Temperature
−40 to +150
°C
Storage Temperature Range
−55 to +150
°C
Lead Temperature Soldering:
Wave Solder (through hole styles only) (Note 1)
Reflow (SMD styles only) (Note 2)
260 peak
230 peak
°C
°C
1. 10 second maximum.
2. 60 second maximum above 183
°C.
*The maximum package power dissipation must be observed.


Numéro de pièce similaire - CS8120YDR14

FabricantNo de pièceFiches techniqueDescription
logo
Cherry Semiconductor Co...
CS8120YDR14 CHERRY-CS8120YDR14 Datasheet
198Kb / 8P
   5V, 300mA Linear Regulator with and ENABLE RESET
More results

Description similaire - CS8120YDR14

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NCV8141 ONSEMI-NCV8141_06 Datasheet
116Kb / 14P
   5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
December, 2006 ??Rev. 10
NCV8141 ONSEMI-NCV8141 Datasheet
89Kb / 12P
   5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
August, 2004 ??Rev. 5
CS8101 ONSEMI-CS8101_09 Datasheet
149Kb / 11P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
September, 2008 ??Rev. 19
CS8101 ONSEMI-CS8101 Datasheet
127Kb / 13P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
February, 2006 ??Rev. 18
CS5112 ONSEMI-CS5112 Datasheet
121Kb / 13P
   1.4 A Switching Regulator with 5.0 V, 100 mA Linear Regulator with Watchdog, RESET and ENABLE
October, 2005 ??Rev. 7
CS2001 ONSEMI-CS2001 Datasheet
77Kb / 8P
   1.2 A Switching Regulator, and 5.0 V, 100 mA Linear Regulator with RESET
December, 2000 ??Rev. 5
CS8126 ONSEMI-CS8126 Datasheet
121Kb / 12P
   5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
February, 2006 ??Rev. 16
CS8126 ONSEMI-CS8126_09 Datasheet
167Kb / 9P
   5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
October, 2009 ??Rev. 18
logo
Texas Instruments
LP3996-Q1 TI1-LP3996-Q1 Datasheet
1Mb / 20P
[Old version datasheet]   Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
LP3996-Q1 TI1-LP3996-Q1_15 Datasheet
1Mb / 20P
[Old version datasheet]   Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com