Moteur de recherche de fiches techniques de composants électroniques |
|
CS5174GDR8G Fiches technique(PDF) 2 Page - ON Semiconductor |
|
CS5174GDR8G Fiches technique(HTML) 2 Page - ON Semiconductor |
2 / 21 page CS5171, CS5172, CS5173, CS5174 http://onsemi.com 2 + 1 2 3 45 6 7 8 VOUT L1 5 V C3 22 mF VC FB Test SS VCC AGND PGND VSW + MBRS120T3 D1 22 mH C2 22 mF R3 1.28 k 3.72 k R2 C1 SS 3.3 V R1 5 k 0.01 mF Figure 1. Applications Diagram MAXIMUM RATINGS Rating Value Unit Junction Temperature Range, TJ −40 to +150 °C Storage Temperature Range, TSTORAGE −65 to +150 °C Package Thermal Resistance, Junction−to−Case, RqJC Junction−to−Ambient, RqJA 45 165 °C/W °C/W Lead Temperature Soldering: Reflow (Note 1) 230 Peak °C ESD, Human Body Model 1.2 kV Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. 1. 60 second maximum above 183 °C. MAXIMUM RATINGS Pin Name Pin Symbol VMAX VMIN ISOURCE ISINK IC Power Input VCC 35 V −0.3 V N/A 200 mA Shutdown/Sync SS 30 V −0.3 V 1.0 mA 1.0 mA Loop Compensation VC 6.0 V −0.3 V 10 mA 10 mA Voltage Feedback Input FB (CS5171/3 only) 10 V −0.3 V 1.0 mA 1.0 mA Negative Feedback Input (transient, 10 ms) NFB (CS5172/4 only) −10 V 10 V 1.0 mA 1.0 mA Test Pin Test 6.0 V −0.3 V 1.0 mA 1.0 mA Power Ground PGND 0.3 V −0.3 V 4 A 10 mA Analog Ground AGND 0 V 0 V N/A 10 mA Switch Input VSW 40 V −0.3 V 10 mA 3.0 A |
Numéro de pièce similaire - CS5174GDR8G |
|
Description similaire - CS5174GDR8G |