Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS5201-3 Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce CS5201-3
Description  1.0 A, 3.3 V Fixed Linear Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5201-3 Fiches technique(HTML) 3 Page - ON Semiconductor

  CS5201-3 Datasheet HTML 1Page - ON Semiconductor CS5201-3 Datasheet HTML 2Page - ON Semiconductor CS5201-3 Datasheet HTML 3Page - ON Semiconductor CS5201-3 Datasheet HTML 4Page - ON Semiconductor CS5201-3 Datasheet HTML 5Page - ON Semiconductor CS5201-3 Datasheet HTML 6Page - ON Semiconductor CS5201-3 Datasheet HTML 7Page - ON Semiconductor CS5201-3 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CS5201−3
http://onsemi.com
3
Figure 2. Block Diagram
+
Thermal
Shutdown
Bandgap
Reference
Output
Current
Limit
Error
Amplifier
VIN
VOUT
GND
TYPICAL PERFORMANCE CHARACTERISTICS
200
IOUT (mA)
TJ (°C)
Figure 3. Dropout Voltage vs. Output
Current
Figure 4. Reference Voltage vs.
Temperature
Output Current (A)
Figure 5. Load Regulation vs. Output
Current
0.10
10
0.100
0
1.00
0.95
0.90
0.85
0.80
0.75
0
400
600
800
1000
0.08
0.06
0.04
0.02
0.00
−0.02
−0.04
−0.06
−0.08
−0.10
−0.12
0
20 30 40 50 60 70 80 90 100 110 120 130
0.075
0.050
0.025
0.000
12
TCASE = 0°C
TCASE = 125°C
TCASE = 25°C
TCASE = 125°C
TCASE = 25°C
TCASE = 0°C
Frequency (Hz)
Figure 6. Ripple Rejection vs. Frequency
85
101
75
65
55
45
35
25
15
102
103
104
105
106
TCASE = 25°C
IOUT = 1.0 A
(VIN − VOUT) = 3.0 V
VRIPPLE = 1.0 VPP


Numéro de pièce similaire - CS5201-3

FabricantNo de pièceFiches techniqueDescription
logo
Cherry Semiconductor Co...
CS5201-3 CHERRY-CS5201-3 Datasheet
158Kb / 6P
   1A, 3.3V Fixed Linear Regulator
CS5201-3GDP3 CHERRY-CS5201-3GDP3 Datasheet
158Kb / 6P
   1A, 3.3V Fixed Linear Regulator
CS5201-3GDPR3 CHERRY-CS5201-3GDPR3 Datasheet
158Kb / 6P
   1A, 3.3V Fixed Linear Regulator
CS5201-3GST3 CHERRY-CS5201-3GST3 Datasheet
158Kb / 6P
   1A, 3.3V Fixed Linear Regulator
CS5201-3GSTR3 CHERRY-CS5201-3GSTR3 Datasheet
158Kb / 6P
   1A, 3.3V Fixed Linear Regulator
More results

Description similaire - CS5201-3

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CS5203-3 ONSEMI-CS5203-3 Datasheet
172Kb / 6P
   3.0 A, 3.3 V Fixed Linear Regulator
September, 2006 ??Rev. 7
CS52015-3 ONSEMI-CS52015-3 Datasheet
217Kb / 8P
   1.5 A, 3.3 V Fixed Linear Regulator
September, 2006 ??Rev. 8
NCP1086 ONSEMI-NCP1086 Datasheet
102Kb / 14P
   1.5 A Adjustable and 3.3 V Fixed Output Linear Regulator
July, 2004 ??Rev. 4
NCP1086 ONSEMI-NCP1086_05 Datasheet
121Kb / 14P
   1.5 A Adjustable and 3.3 V Fixed Output Linear Regulator
May, 2005 ??Rev. 6
logo
Infineon Technologies A...
TLE4275V33 INFINEON-TLE4275V33 Datasheet
319Kb / 12P
   Linear Voltage Regulator 3.3 V Fixed Output Voltage
Rev. 1.0, 2006-09-22
logo
ON Semiconductor
CS5205-2 ONSEMI-CS5205-2 Datasheet
56Kb / 8P
   5.0 A, 1.5 V Fixed Linear Regulator
January, 2004 ??Rev. 8
CS5204-2 ONSEMI-CS5204-2_06 Datasheet
196Kb / 7P
   4.0 A, 1.5 V Fixed Linear Regulator
September, 2006 ??Rev. 10
CS5207-2 ONSEMI-CS5207-2 Datasheet
179Kb / 6P
   7.0 A, 1.5 V Fixed Linear Regulator
September, 2006 ??Rev. 8
CS5204-2 ONSEMI-CS5204-2 Datasheet
56Kb / 8P
   4.0 A, 1.5 V Fixed Linear Regulator
January, 2004 ??Rev. 9
CS5201-1 ONSEMI-CS5201-1 Datasheet
213Kb / 9P
   1.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com