Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS5112YDWFR24 Fiches technique(PDF) 6 Page - ON Semiconductor

No de pièce CS5112YDWFR24
Description  1.4 A Switching Regulator with 5.0 V, 100 mA Linear Regulator with Watchdog, RESET and ENABLE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5112YDWFR24 Fiches technique(HTML) 6 Page - ON Semiconductor

Back Button CS5112YDWFR24 Datasheet HTML 2Page - ON Semiconductor CS5112YDWFR24 Datasheet HTML 3Page - ON Semiconductor CS5112YDWFR24 Datasheet HTML 4Page - ON Semiconductor CS5112YDWFR24 Datasheet HTML 5Page - ON Semiconductor CS5112YDWFR24 Datasheet HTML 6Page - ON Semiconductor CS5112YDWFR24 Datasheet HTML 7Page - ON Semiconductor CS5112YDWFR24 Datasheet HTML 8Page - ON Semiconductor CS5112YDWFR24 Datasheet HTML 9Page - ON Semiconductor CS5112YDWFR24 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
CS5112
http://onsemi.com
6
CIRCUIT DESCRIPTION
VREG
+
Bandgap
Reference
1.25 V
IBIAS
RBIAS
64.9 k
W
CDelay
WDI
RESET &
Watchdog Timer
Over
Temperature
Current
Limit
Linear
Error
Amplifier
R1
Q2
Q1
Q3
R2
R3
R4
R5
VLIN
COUT = 100 mF
ESR < 8.0
W
RESET
Figure 6. Block Diagram of 5.0 V Linear Regulator Portion of the CS5112
5.0 V LINEAR REGULATOR
The 5.0 V linear regulator consists of an error amplifier,
bandgap voltage reference, and a composite pass transistor.
The 5.0 V linear regulator circuitry is shown in Figure 6.
When an unregulated voltage greater than 6.6 V is applied
to the VREG input, a 5.0 V regulated DC voltage will be
present at VLIN. For proper operation of the 5.0 V linear
regulator, the IBIAS lead must have a 64.9 kW pull down
resistor to ground. A 100
mF or larger capacitor with an ESR
< 8.0
W must be connected between VLIN and ground. To
operate the 5.0 V linear regulator as an independent
regulator (i.e. separate from the switching supply), the input
voltage must be tied to the VREG lead.
As the voltage at the VREG input is increased, Q1 is turned
on. Q1 provides base drive for Q2 which in turn provides
base current for Q3. As Q3 is turned on, the output voltage,
VLIN, begins to rise as Q3’s output current charges the output
capacitor, COUT. Once VLIN rises to a certain level, the error
amplifier becomes biased and provides the appropriate
amount of base current to Q1. The error amplifier monitors
the scaled output voltage via an internal voltage divider, R2
through R5, and compares it to the bandgap voltage
reference. The error amplifier output or error signal is an
output current equal to the error amplifier’s input
differential voltage times the transconductance of the
amplifier. Therefore, the error amplifier varies the base
current to Q1, which provides bias to Q2 and Q3, based on the
difference between the reference voltage and the scaled
VLIN output voltage.
CONTROL FUNCTIONS
The watchdog timer circuitry monitors an input signal
(WDI) from the microprocessor. It responds to the falling
edge of this watchdog signal which it expects to see within
an externally programmable time (see Figure 7).
The watchdog time is given by:
tWDI + 1.353
CDelayRBIAS
Using CDelay = 0.1 mF and RBIAS = 64.9 kW gives a time
ranging from 6.25 ms to 11 ms assuming ideal components.
Based on this, the software must be written so that the
watchdog arrives at least every 6.25 ms. In practice, the
tolerance of CDelay and RBIAS must be taken into account
when calculating the minimum watchdog time (tWDI).
RESET
VREG
WDI
VLIN
Normal Operation
tPOR
Figure 7. Timing Diagram for Normal
Regulator Operation
If a correct watchdog signal is not received within the
specified time a reset pulse train is issued until the correct
watchdog signal is received. The nominal reset signal in this
case is a 5 volt square wave with a 50% duty cycle as shown
in Figure 8.


Numéro de pièce similaire - CS5112YDWFR24

FabricantNo de pièceFiches techniqueDescription
logo
Cherry Semiconductor Co...
CS5112 CHERRY-CS5112 Datasheet
199Kb / 10P
   1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
logo
ON Semiconductor
CS5112 ONSEMI-CS5112 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
logo
Cherry Semiconductor Co...
CS5112EDWF24 CHERRY-CS5112EDWF24 Datasheet
199Kb / 10P
   1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
CS5112EDWFR24 CHERRY-CS5112EDWFR24 Datasheet
199Kb / 10P
   1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
More results

Description similaire - CS5112YDWFR24

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NCV8141 ONSEMI-NCV8141 Datasheet
89Kb / 12P
   5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
August, 2004 ??Rev. 5
NCV8141 ONSEMI-NCV8141_06 Datasheet
116Kb / 14P
   5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
December, 2006 ??Rev. 10
CS2001 ONSEMI-CS2001 Datasheet
77Kb / 8P
   1.2 A Switching Regulator, and 5.0 V, 100 mA Linear Regulator with RESET
December, 2000 ??Rev. 5
CS8120 ONSEMI-CS8120 Datasheet
121Kb / 14P
   5.0 V, 300 mA Linear Regulator with RESET and ENABLE
January, 2004 ??Rev. 8
CS8101 ONSEMI-CS8101_09 Datasheet
149Kb / 11P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
September, 2008 ??Rev. 19
CS8101 ONSEMI-CS8101 Datasheet
127Kb / 13P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
February, 2006 ??Rev. 18
logo
Cherry Semiconductor Co...
CS5112 CHERRY-CS5112 Datasheet
199Kb / 10P
   1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
logo
ON Semiconductor
CS8151 ONSEMI-CS8151 Datasheet
174Kb / 14P
   5.0 V, 100 mA Low Dropout Linear Regulator with Watchdog, RESET, and Wake Up
October, 2008 ??Rev. 18
logo
Cherry Semiconductor Co...
CS5111 CHERRY-CS5111 Datasheet
188Kb / 10P
   1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
CS8140 CHERRY-CS8140 Datasheet
214Kb / 12P
   5V, 500mA Linear Regulator with ENABLE, , and Watchdog RESET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com