Moteur de recherche de fiches techniques de composants électroniques |
|
CS4124YN16 Fiches technique(PDF) 4 Page - ON Semiconductor |
|
CS4124YN16 Fiches technique(HTML) 4 Page - ON Semiconductor |
4 / 12 page CS4124 http://onsemi.com 4 ELECTRICAL CHARACTERISTICS (continued) (4.0 V ≤ VCC ≤ 26 V; –40°C < TJ < 125°C; unless otherwise specified.) Characteristic Unit Max Typ Min Test Conditions External Drive (OUTPUT) (continued) Output Sink Current 4.0 V ≤ VCC < 7.0 V: RGATE = 6.0 Ω, CGATE = 5.0 nF 7.0 V ≤ VCC ≤ 26 V: RGATE = 6.0 Ω, CGATE = 5.0 nF – – 150 300 – – mA mA Output Source Current 4.0 V ≤ VCC < 7.0 V: RGATE = 6.0 Ω, CGATE = 5.0 nF 7.0 V ≤ VCC ≤ 26 V: RGATE = 6.0 Ω, CGATE = 5.0 nF – – 150 300 – – mA mA Output High Voltage IOUT = 1.0 mA VBOOST = 1.7 – – V Output Low Voltage IOUT = –1.0 mA – – 1.3 V Charge Pump (DRV) Boost Voltage – VCC + 6.4 – – V PIN FUNCTION DESCRIPTION PACKAGE PIN # 16 Lead PDIP PIN SYMBOL FUNCTION 1 OUTPUT MOSFET gate drive. 2 BOOST Boost voltage. 3 FLT Fault time out capacitor. 4 ROSC Oscillator resistor. 5 COSC Oscillator capacitor. 6 CTL Pulse width control input. 7 PGND Power ground for on chip clamp. 8 VCC Positive power supply input. 9 VREG 5.0 V linear regulator. 10 SNI Sense inductor current. 11 PMP Collector of boost power transistor. 12 ISENSE– Current sense minus. 13 ISENSE+ Current sense plus. 14 IADj Current limit adjust. 15 INH Output Inhibit. 16 GND Ground. |
Numéro de pièce similaire - CS4124YN16 |
|
Description similaire - CS4124YN16 |