Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STP12IE90F4 Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce STP12IE90F4
Description  Emitter Switched Bipolar Transistor ESBT 900 V - 12A - 0.083 ohm
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP12IE90F4 Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button STP12IE90F4 Datasheet HTML 3Page - STMicroelectronics STP12IE90F4 Datasheet HTML 4Page - STMicroelectronics STP12IE90F4 Datasheet HTML 5Page - STMicroelectronics STP12IE90F4 Datasheet HTML 6Page - STMicroelectronics STP12IE90F4 Datasheet HTML 7Page - STMicroelectronics STP12IE90F4 Datasheet HTML 8Page - STMicroelectronics STP12IE90F4 Datasheet HTML 9Page - STMicroelectronics STP12IE90F4 Datasheet HTML 10Page - STMicroelectronics STP12IE90F4 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
STP12IE90F4
11/11
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries (“ST”) reserve the
right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any
time, without notice.
All ST products are sold pursuant to ST’s terms and conditions of sale.
Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no
liability whatsoever relating to the choice, selection or use of the ST products and services described herein.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this
document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products
or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such
third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST’S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED
WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED
WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS
OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT.
UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZE REPRESENTATIVE OF ST, ST PRODUCTS ARE NOT
RECOMMENDED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING
APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS, WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY,
DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS “AUTOMOTIVE
GRADE” MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER’S OWN RISK.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void
any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any
liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries.
Information in this document supersedes and replaces all information previously supplied.
The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
© 2007 STMicroelectronics - All rights reserved
STMicroelectronics group of companies
Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan -
Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America
www.st.com


Numéro de pièce similaire - STP12IE90F4

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STP12IE95F4 STMICROELECTRONICS-STP12IE95F4 Datasheet
275Kb / 11P
   Emitter Switched Bipolar Transistor ESBT 950 V - 12A - 0.083 ohm
More results

Description similaire - STP12IE90F4

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STC12IE90HV STMICROELECTRONICS-STC12IE90HV Datasheet
242Kb / 11P
   Emitter Switched Bipolar Transistor ESBT 900 V - 12A - 0.083 ohm
STP12IE95F4 STMICROELECTRONICS-STP12IE95F4 Datasheet
275Kb / 11P
   Emitter Switched Bipolar Transistor ESBT 950 V - 12A - 0.083 ohm
STC08IE120HV STMICROELECTRONICS-STC08IE120HV Datasheet
268Kb / 11P
   Emitter Switched Bipolar Transistor ESBT 1200 V - 8A - 0.10 ohm
STP08IE120F4 STMICROELECTRONICS-STP08IE120F4 Datasheet
278Kb / 11P
   Emitter Switched Bipolar Transistor ESBT 1200 V - 8A - 0.10 ohm
STC08IE120HP STMICROELECTRONICS-STC08IE120HP Datasheet
295Kb / 11P
   Emitter Switched Bipolar Transistor ESBT 1200 V - 8A - 0.10 ohm
STC08IE150HV STMICROELECTRONICS-STC08IE150HV Datasheet
120Kb / 7P
   Emitter Switched Bipolar Transistor ESBT 1500 V - 8A - 0.10 ohm
STC05IE150HV STMICROELECTRONICS-STC05IE150HV Datasheet
118Kb / 7P
   Emitter Switched Bipolar Transistor ESBT 1500 V - 5 A - 0.12 ohm
November 2006 Rev 2
STC05DE150 STMICROELECTRONICS-STC05DE150 Datasheet
165Kb / 4P
   HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1500 V - 5 A - 0.10 ohm
STC03DE170HV STMICROELECTRONICS-STC03DE170HV Datasheet
288Kb / 9P
   HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1700 V - 3 A - 0.55 OHM
STC08DE150 STMICROELECTRONICS-STC08DE150 Datasheet
264Kb / 9P
   HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1500 V - 8 A - 0.075 OHM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com