Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STP08IE120F4 Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce STP08IE120F4
Description  Emitter Switched Bipolar Transistor ESBT 1200 V - 8A - 0.10 ohm
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP08IE120F4 Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button STP08IE120F4 Datasheet HTML 3Page - STMicroelectronics STP08IE120F4 Datasheet HTML 4Page - STMicroelectronics STP08IE120F4 Datasheet HTML 5Page - STMicroelectronics STP08IE120F4 Datasheet HTML 6Page - STMicroelectronics STP08IE120F4 Datasheet HTML 7Page - STMicroelectronics STP08IE120F4 Datasheet HTML 8Page - STMicroelectronics STP08IE120F4 Datasheet HTML 9Page - STMicroelectronics STP08IE120F4 Datasheet HTML 10Page - STMicroelectronics STP08IE120F4 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Package mechanical data
STP08IE120F4
8/11
3
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com


Numéro de pièce similaire - STP08IE120F4

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STP08C596 STMICROELECTRONICS-STP08C596 Datasheet
553Kb / 16P
   8-BIT CONSTANT CURRENT LED SINK DRIVER
STP08C596B1 STMICROELECTRONICS-STP08C596B1 Datasheet
553Kb / 16P
   8-BIT CONSTANT CURRENT LED SINK DRIVER
STP08C596M STMICROELECTRONICS-STP08C596M Datasheet
553Kb / 16P
   8-BIT CONSTANT CURRENT LED SINK DRIVER
STP08C596MTR STMICROELECTRONICS-STP08C596MTR Datasheet
553Kb / 16P
   8-BIT CONSTANT CURRENT LED SINK DRIVER
STP08C596TTR STMICROELECTRONICS-STP08C596TTR Datasheet
553Kb / 16P
   8-BIT CONSTANT CURRENT LED SINK DRIVER
More results

Description similaire - STP08IE120F4

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STC08IE120HV STMICROELECTRONICS-STC08IE120HV Datasheet
268Kb / 11P
   Emitter Switched Bipolar Transistor ESBT 1200 V - 8A - 0.10 ohm
STC08IE120HP STMICROELECTRONICS-STC08IE120HP Datasheet
295Kb / 11P
   Emitter Switched Bipolar Transistor ESBT 1200 V - 8A - 0.10 ohm
STC08IE150HV STMICROELECTRONICS-STC08IE150HV Datasheet
120Kb / 7P
   Emitter Switched Bipolar Transistor ESBT 1500 V - 8A - 0.10 ohm
STC05DE150 STMICROELECTRONICS-STC05DE150 Datasheet
165Kb / 4P
   HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1500 V - 5 A - 0.10 ohm
STC08DE150HV STMICROELECTRONICS-STC08DE150HV Datasheet
270Kb / 11P
   Hybrid emitter switched bipolar transistor ESBT 1500V - 8A - 0.075 ohm
STC08DE150HP STMICROELECTRONICS-STC08DE150HP Datasheet
297Kb / 11P
   Hybrid emitter switched bipolar transistor ESBT 1500V - 8A - 0.075 ohm
October 2006 Rev 1
STC08IE150HV STMICROELECTRONICS-STC08IE150HV_07 Datasheet
276Kb / 11P
   Emitter switched bipolar transistor ESBT 1500V - 8A - 0.08?
STC12IE90HV STMICROELECTRONICS-STC12IE90HV Datasheet
242Kb / 11P
   Emitter Switched Bipolar Transistor ESBT 900 V - 12A - 0.083 ohm
STP12IE90F4 STMICROELECTRONICS-STP12IE90F4 Datasheet
274Kb / 11P
   Emitter Switched Bipolar Transistor ESBT 900 V - 12A - 0.083 ohm
STP12IE95F4 STMICROELECTRONICS-STP12IE95F4 Datasheet
275Kb / 11P
   Emitter Switched Bipolar Transistor ESBT 950 V - 12A - 0.083 ohm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com