Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2231PWRG4 Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS2231PWRG4
Description  ExpressCard TM POWER INTERFACE SWITCH
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS2231PWRG4 Fiches technique(HTML) 4 Page - Texas Instruments

  TPS2231PWRG4 Datasheet HTML 1Page - Texas Instruments TPS2231PWRG4 Datasheet HTML 2Page - Texas Instruments TPS2231PWRG4 Datasheet HTML 3Page - Texas Instruments TPS2231PWRG4 Datasheet HTML 4Page - Texas Instruments TPS2231PWRG4 Datasheet HTML 5Page - Texas Instruments TPS2231PWRG4 Datasheet HTML 6Page - Texas Instruments TPS2231PWRG4 Datasheet HTML 7Page - Texas Instruments TPS2231PWRG4 Datasheet HTML 8Page - Texas Instruments TPS2231PWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
www.ti.com
TPS2231
TPS2236
SLVS536E – JULY 2004 – REVISED SEPTEMBER 2006
ELECTRICAL CHARACTERISTICS (continued)
T
J = 25°C, VI(3.3VIN) = VI(AUXIN) = 3.3 V, VI(1.5VIN) = 1.5 V, VI(/SHDNx), VI(/STBYx) = 3.3 V, VI(/CPPEx) = VI(/CPUSBx) = 0 V,
V
I(/SYSRST) = 3.3 V, OCx and RCLKENx and PERSTx are open, all voltage outputs unloaded (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
II(AUXIN)
125
200
Normal operation
II(3.3VIN)
17.5
25
µA
of TPS2236
Outputs are unloaded,
II(1.5VIN)
5.5
15
Operation input
TJ [–40, 120°C] (does not include
II
quiescent current
CPPEx and CPUSBx logic pullup
II(AUXIN)
85
150
currents)
Normal operation
II(3.3VIN)
10
15
µA
of TPS2231
II(1.5VIN)
2.5
10
II(AUXIN)
200
320
Normal operation
II(3.3VIN)
17.5
25
µA
of TPS2236
Outputs are unloaded, TJ[–40,
II(1.5VIN)
5.5
15
120°C] (include CPPEx and CPUSBx
II(AUXIN)
120
210
logic pullup currents)
Normal operation
II(3.3VIN)
10
15
µA
of TPS2231
II(1.5VIN)
2.5
10
Total input
II
quiescent current
II(AUXIN)
250
440
Shutdown mode of
II(3.3VIN)
3.5
20
µA
CPUSB = CPPE = 0 V SHDN = 0 V
TPS2236
(discharge FETs are on) (include
II(1.5VIN)
0.1
20
CPPEx and CPUSBx logic pullup
II(AUXIN)
144
270
currents and SHDN pullup current)
Shutdown mode of
TJ [–40, 120°C]
II(3.3VIN)
3.5
10
µA
TPS2231
II(1.5VIN)
0.5
10
II(AUXIN)
40
100
SHDN = 3.3 V,
TPS2236
II(3.3VIN)
0.1
100
µA
CPUSB = CPPE = 3.3 V (no card
II(1.5VIN)
0.1
100
Forward leakage
present, discharge FETs are on);
Ilkg(FWD)
current
current measured at input pins
II(AUXIN)
20
50
TJ = 120°C, includes RCLKEN
TPS2231
II(3.3VIN)
0.1
50
µA
pullup current
II(1.5VIN)
0.1
50
TJ = 25°C
0.1
10
II(AUXOUT)
µA
TJ = 120°C
50
VO(AUXOUT) = VO(3.3VOUT)= 3.3 V;
Reverse leakage
TJ = 25°C
0.1
10
VO(1.5VOUT) = 1.5 V; All voltage inputs
Ilkg(RVS)
current (TPS2236 II(3.3VOUT)
µA
are grounded (current measured
TJ = 120°C
50
and TPS2231)
from output pins going in)
TJ = 25°C
0.1
10
II(1.5VOUT)
µA
TJ = 120°C
50
LOGIC SECTION (SYSRST, SHDNx, STBYx, PERSTx, RCLKENx, OCx, CPUSBx, CPPEx)
SYSRST = 3.6 V, sinking
0
1
I(/SYSRST)
Input
µA
SYSRST = 0 V, sourcing
10
30
SHDNx = 3.6 V, sinking
0
1
I(/SHDNx)
Input
µA
SHDNx = 0 V, sourcing
10
30
Logic input
STBYx = 3.6 V, sinking
0
1
supply current
I(/STBYx)
Input
µA
STBYx = 0 V, sourcing
10
30
I(RCLKENx)
Input
RCLKENx = 0 V, sourcing
10
30
µA
CPUSB or CPPE = 0 V, sinking
0
1
I(/CPUSBx) or
Inputs
µA
I(/CPPEx)
CPUSB or CPPE = 3.6 V, sourcing
10
30
High level
2
Logic input
V
voltage
Low level
0.8
RCLEN output low voltage
Output
IO(RCLKEN) = 60 µA
0.4
V
4
Submit Documentation Feedback


Numéro de pièce similaire - TPS2231PWRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2231PWRG4 TI1-TPS2231PWRG4 Datasheet
1Mb / 43P
[Old version datasheet]   ExpressCard POWER INTERFACE SWITCH
More results

Description similaire - TPS2231PWRG4

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
W83L351YG NUVOTON-W83L351YG Datasheet
632Kb / 33P
   ExpressCard??Power Interface Switch
W83L351 NUVOTON-W83L351 Datasheet
632Kb / 33P
   ExpressCard??Power Interface Switch
logo
Texas Instruments
TPS2236 TI-TPS2236 Datasheet
953Kb / 26P
[Old version datasheet]   ExpressCard POWER INTERFACE SWITCH
logo
Winbond
W83L351 WINBOND-W83L351 Datasheet
1Mb / 33P
   ExpressCard??Power Interface Switch
logo
Texas Instruments
TPS2231MRGPR-2 TI1-TPS2231MRGPR-2 Datasheet
1Mb / 43P
[Old version datasheet]   ExpressCard POWER INTERFACE SWITCH
logo
Rohm
BD4153EFV ROHM-BD4153EFV Datasheet
295Kb / 6P
   Power switch for ExpressCard
BD4154FV ROHM-BD4154FV Datasheet
381Kb / 6P
   Power switch for ExpressCard
BD4153FV ROHM-BD4153FV Datasheet
275Kb / 6P
   Power switch for ExpressCard
BD4155FV ROHM-BD4155FV Datasheet
399Kb / 6P
   Power switch for ExpressCard
BD4153FV ROHM-BD4153FV_10 Datasheet
664Kb / 18P
   Power Switch ICs for ExpressCard
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com