Moteur de recherche de fiches techniques de composants électroniques |
|
TPS2231MRGPT Fiches technique(PDF) 3 Page - Texas Instruments |
|
TPS2231MRGPT Fiches technique(HTML) 3 Page - Texas Instruments |
3 / 35 page www.ti.com RECOMMENDED OPERATING CONDITIONS ELECTRICAL CHARACTERISTICS TPS2231 TPS2236 SLVS536E – JULY 2004 – REVISED SEPTEMBER 2006 DISSIPATION RATINGS (Thermal Resistance = °C/W) (continued) TA ≤ 25°C DERATING FACTOR TA = 70°C TA = 85°C PACKAGE POWER RATING ABOVE TA = 25°C POWER RATING POWER RATING RGP (20) (2) 3277.5 mW 34.5 mW/°C 1725 mW 1207.3 mW DAP (32) (1) 993.4 mW 10.46 mW/°C 522.8 mW 366 mW PowerPAD not soldered down DAP (32)(1) 4040.8 mW 42.55 mW/°C 2126.8 mW 1488.7 mW (2) Tis device is mounted on a JEDEC JESO51.5 high-k board (2 signal, 2 plane). The values assume a maxium junction temperature of 120°C. MIN MAX UNIT VI(3.3VIN) 3.3VIN is only required for its respective functions 3 3.6 VI(1.5VIN) Input voltage 1.5VIN is only required for its respective functions 1.35 1.65 V VI(AUXIN) AUXIN is required for all circuit operations 3 3.6 IO(3.3VOUT) 0 1.3 A IO(1.5VOUT) Continuous output current TJ = 120°C 0 650 mA IO(AUXOUT) 0 275 mA TJ Operating virtual junction temperature –40 120 °C T J = 25°C, VI(3.3VIN) = VI(AUXIN) = 3.3 V, VI(1.5VIN) = 1.5 V, VI(/SHDNx), VI(/STBYx) = 3.3 V, VI(/CPPEx) = VI(/CPUSBx) = 0 V, V I(/SYSRST) = 3.3 V, OCx and RCLKENx and PERSTx are open, all voltage outputs unloaded (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT POWER SWITCH TJ = 25°C, I = 1300 mA each 45 3.3VIN to 3.3VOUT with two m Ω switches on for dual TJ = 100°C, I = 1300 mA each 68 TJ = 25°C, I = 650 mA each 46 Power switch 1.5VIN to 1.5VOUT With two m Ω resistance switches on for dual TJ = 100°C, I = 650 mA each 70 TJ = 25°C, I = 275 mA each 120 AUXIN to AUXOUT with two m Ω switches on for dual TJ = 100°C, I = 275 mA each 200 R(DIS_FET) Discharge resistance on 3.3V/1.5V/AUX outputs VI(/SHDNx) = 0 V, I(discharge) = 1 mA 100 500 Ω IOS(3.3VOUT) (steady-state value) 1.35 2 2.5 A Short-circuit TJ (–40, 120°C]. Output powered into IOS IOS(1.5VOUT) (steady-state value) 0.67 1 1.3 A output current(1) a short IOS(AUXOUT)(steady-state value) 275 450 600 mA Rising temperature, not in 155 165 overcurrent condition Trip point, TJ °C Thermal shutdown Overcurrent condition 120 130 Hysteresis 10 VO(3.3VOUT) with 100-mΩ short 43 100 VO(1.5VOUT) with 100-mΩ short, 100 140 From short to the 1st threshold TPS2231 Current-limit within 1.1 times of final current µs response time VO(1.5VOUT) with 100-mΩ short, limit, TJ = 25°C 110 150 TPS2236 VO(AUXOUT) with 100-mΩ short 38 100 (1) Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account separately. 3 Submit Documentation Feedback |
Numéro de pièce similaire - TPS2231MRGPT |
|
Description similaire - TPS2231MRGPT |