Moteur de recherche de fiches techniques de composants électroniques |
|
TPS2231 Fiches technique(PDF) 11 Page - Texas Instruments |
|
|
TPS2231 Fiches technique(HTML) 11 Page - Texas Instruments |
11 / 35 page www.ti.com DETAILED PIN DESCRIPTIONS CPPE CPUSB SHDN STBY RCLKEN PERST TPS2231 TPS2236 SLVS536E – JULY 2004 – REVISED SEPTEMBER 2006 A logic low level on this input indicates that the card present supports PCI Express functions. CPPE connects to the AUXIN input through an internal pullup. When a card is inserted, CPPE is physically connected to ground if the card supports PCI Express functions. A logic low level on this input indicates that the card present supports USB functions. CPUSB connects to the AUXIN input through an internal pullup. When a card is inserted, CPUSB is physically connected to ground if the card supports USB functions. When asserted (logic low), this input instructs the power switch to turn off all voltage outputs and the discharge FETs are activated. SHDN has an internal pullup connected to AUXIN. When asserted (logic low) after the card is inserted, this input places the power switch in standby mode by turning off the 3.3-V and 1.5-V power switches and keeping the AUX switch on. If asserted prior to the card being present, STBY places the power switch in OFF Mode by turning off the AUX, 3.3-V, and 1.5-V power switches. STBY has an internal pullup connected to AUXIN. This pin serves as both an input and an output. On power up, a discharge FET keeps this signal at a low state as long as any of the output power rails are out of their tolerance range. Once all output power rails are within tolerance, the switch releases RCLKEN allowing it to transition to a high state (internally pulled up to AUXIN). The transition of RCLKEN from a low to a high state starts an internal timer for the purpose of deasserting PERST. As an input, RCLKEN can be kept low to delay the start of the PERST internal timer. Because RCLKEN is internally connected to a discharge FET, this pin can only be driven low and should never be driven high as a logic input. When an external circuit drives this pin low, RCLKEN becomes an input; otherwise, this pin is an output. RCLKEN can be used by the host system to enable a clock driver. On power up, this output remains asserted (logic level low) until all power rails are within tolerance. Once all power rails are within tolerance and RCLKEN has been released (logic high), PERST is deasserted (logic high) after a time delay as shown in the parametric table. On power down, this output is asserted whenever any of the power rails drop below their voltage tolerance. The PERST signal is an output from the host system and an input to the ExpressCard module. This signal is only used by PCI Express-based modules and its function is to place the ExpressCard module in a reset state. During power up, power down, or whenever power to the ExpressCard module is not stable or not within voltage tolerance limits, the ExpressCard standard requires that PERST be asserted. As a result, this signal also serves as a power-good indicator to the ExpressCard module, and the relationship between the power rails and PERST are explicitly defined in the ExpressCard standard. The host can also place the ExpressCard module in a reset state by asserting a system reset SYSRST. This system reset generates a PERST to the ExpressCard module without disrupting the voltage rails. This is what is normally called a warm reset. However, in a cold start situation, the system reset can also be used to extend the length of time that PERST is asserted. 11 Submit Documentation Feedback |
Numéro de pièce similaire - TPS2231 |
|
Description similaire - TPS2231 |