Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74LV164ANSR Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74LV164ANSR
Description  8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74LV164ANSR Fiches technique(HTML) 7 Page - Texas Instruments

Back Button SN74LV164ANSR Datasheet HTML 3Page - Texas Instruments SN74LV164ANSR Datasheet HTML 4Page - Texas Instruments SN74LV164ANSR Datasheet HTML 5Page - Texas Instruments SN74LV164ANSR Datasheet HTML 6Page - Texas Instruments SN74LV164ANSR Datasheet HTML 7Page - Texas Instruments SN74LV164ANSR Datasheet HTML 8Page - Texas Instruments SN74LV164ANSR Datasheet HTML 9Page - Texas Instruments SN74LV164ANSR Datasheet HTML 10Page - Texas Instruments SN74LV164ANSR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
SN54LV164A, SN74LV164A
8BIT PARALLELOUT SERIAL SHIFT REGISTERS
SCLS403H − APRIL 1998 − REVISED APRIL 2005
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54LV164A
SN74LV164A
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
CL = 15 pF
80*
155*
65*
65
MHz
fmax
CL = 50 pF
50
120
45
45
MHz
tpd
CLK
Q
CL = 15 pF
6.4*
12.8*
1*
15*
1
15
ns
tPHL
CLR
Q
CL = 15 pF
6*
12.8*
1*
15*
1
15
ns
tpd
CLK
Q
CL = 50 pF
8.3
16.3
1
18.5
1
18.5
ns
tPHL
CLR
Q
CL = 50 pF
7.9
16.3
1
18.5
1
18.5
ns
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
switching
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54LV164A
SN74LV164A
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
CL = 15 pF
125*
220*
105*
105
MHz
fmax
CL = 50 pF
85
165
75
75
MHz
tpd
CLK
Q
CL = 15 pF
4.5*
9*
1*
10.5*
1
10.5
ns
tPHL
CLR
Q
CL = 15 pF
4.2*
8.6*
1*
10*
1
10
ns
tpd
CLK
Q
CL = 50 pF
6
11
1
12.5
1
12.5
ns
tPHL
CLR
Q
CL = 50 pF
5.8
10.6
1
12.5
1
12.5
ns
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
noise characteristics, VCC = 3.3 V, CL = 50 pF, TA = 25°C (see Note 6)
PARAMETER
SN74LV164A
UNIT
PARAMETER
MIN
TYP
MAX
UNIT
VOL(P)
Quiet output, maximum dynamic VOL
0.28
0.8
V
VOL(V)
Quiet output, minimum dynamic VOL
−0.22
−0.8
V
VOH(V)
Quiet output, minimum dynamic VOH
3.09
V
VIH(D)
High-level dynamic input voltage
2.31
V
VIL(D)
Low-level dynamic input voltage
0.99
V
NOTE 6: Characteristics are for surface-mount packages only.
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
VCC
TYP
UNIT
Cpd
Power dissipation capacitance
CL = 50 pF,
f = 10 MHz
3.3 V
48.1
pF
Cpd
Power dissipation capacitance
CL = 50 pF,
f = 10 MHz
5 V
47.5
pF
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Numéro de pièce similaire - SN74LV164ANSR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74LV164ANSR TI-SN74LV164ANSR Datasheet
464Kb / 17P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN74LV164ANSR TI-SN74LV164ANSR Datasheet
701Kb / 21P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN74LV164ANSR TI-SN74LV164ANSR Datasheet
702Kb / 21P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN74LV164ANSR TI1-SN74LV164ANSR Datasheet
1Mb / 30P
[Old version datasheet]   8-Bit Parallel-Out Serial Shift Registers
SN74LV164ANSR TI-SN74LV164ANSR Datasheet
1Mb / 36P
[Old version datasheet]   SN74LV164A 8-Bit Parallel-Out Serial Shift Registers
DECEMBER 2022
More results

Description similaire - SN74LV164ANSR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54HC164 TI-SN54HC164_03 Datasheet
593Kb / 20P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Diodes Incorporated
74AHCT164 DIODES-74AHCT164 Datasheet
541Kb / 10P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
74HC164 DIODES-74HC164 Datasheet
603Kb / 10P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Texas Instruments
SN74HC164 TI-SN74HC164_09 Datasheet
708Kb / 18P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
ARTSCHIP ELECTRONICS CO...
MC74HC164 ARTSCHIP-MC74HC164 Datasheet
744Kb / 13P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Texas Instruments
SN54HC164 TI1-SN54HC164_16 Datasheet
1Mb / 33P
[Old version datasheet]   8-Bit Parallel-Out Serial Shift Registers
SN54LV164A TI1-SN54LV164A_15 Datasheet
1Mb / 30P
[Old version datasheet]   8-Bit Parallel-Out Serial Shift Registers
SN74LV164 TI1-SN74LV164 Datasheet
162Kb / 8P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Diodes Incorporated
74AHC164 DIODES-74AHC164 Datasheet
634Kb / 11P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Texas Instruments
SN54HC164 TI-SN54HC164 Datasheet
349Kb / 14P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com