Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STGW35NB60SD Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce STGW35NB60SD
Description  N-CHANNEL 35A - 600V - TO-247 Low Drop PowerMESH TM IGBT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW35NB60SD Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button STGW35NB60SD Datasheet HTML 2Page - STMicroelectronics STGW35NB60SD Datasheet HTML 3Page - STMicroelectronics STGW35NB60SD Datasheet HTML 4Page - STMicroelectronics STGW35NB60SD Datasheet HTML 5Page - STMicroelectronics STGW35NB60SD Datasheet HTML 6Page - STMicroelectronics STGW35NB60SD Datasheet HTML 7Page - STMicroelectronics STGW35NB60SD Datasheet HTML 8Page - STMicroelectronics STGW35NB60SD Datasheet HTML 9Page - STMicroelectronics STGW35NB60SD Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
2 Electrical characteristics
STGW35NB60SD
6/13
2.1
Electrical characteristics (curves)
Figure 1.
Output Characteristics
Figure 2.
Transfer Characteristics
Figure 3.
Transconductance
Figure 4.
Normalized Collector-Emitter On
Voltage vs Temperature
Figure 5.
Collector-Emitter on Voltage vs
Collector Current
Figure 6.
Gate Threshold vs Temperature


Numéro de pièce similaire - STGW35NB60SD

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STGW35NB60S STMICROELECTRONICS-STGW35NB60S Datasheet
274Kb / 13P
   N-channel 35A - 600V - TO-247 Low drop PowerMESH??IGBT
March 2007 Rev 1
More results

Description similaire - STGW35NB60SD

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STGW35NB60S STMICROELECTRONICS-STGW35NB60S Datasheet
274Kb / 13P
   N-channel 35A - 600V - TO-247 Low drop PowerMESH??IGBT
March 2007 Rev 1
STGP10NB60SD STMICROELECTRONICS-STGP10NB60SD Datasheet
242Kb / 12P
   N-CHANNEL 10A - 600V - TO-220 Low Drop PowerMESH TM IGBT
STGW12NB60H STMICROELECTRONICS-STGW12NB60H Datasheet
86Kb / 8P
   N-CHANNEL 12A - 600V TO-247 PowerMESH IGBT
STGW30NB60HD STMICROELECTRONICS-STGW30NB60HD Datasheet
91Kb / 8P
   N-CHANNEL 30A - 600V TO-247 PowerMESH IGBT
STGW39NC60VD STMICROELECTRONICS-STGW39NC60VD_06 Datasheet
285Kb / 13P
   N-channel 40A - 600V - TO-247 Very fast switching PowerMESH TM IGBT
STGW12NB60HD STMICROELECTRONICS-STGW12NB60HD Datasheet
90Kb / 8P
   N-CHANNEL 12A - 600V TO-247 PowerMESH IGBT
STGW20NB60H STMICROELECTRONICS-STGW20NB60H Datasheet
85Kb / 8P
   N-CHANNEL 20A - 600V TO-247 PowerMESH IGBT
STGW20NB60HD STMICROELECTRONICS-STGW20NB60HD Datasheet
90Kb / 8P
   N-CHANNEL 20A - 600V TO-247 PowerMESH IGBT
STGW30NB60H STMICROELECTRONICS-STGW30NB60H Datasheet
86Kb / 8P
   N-CHANNEL 30A - 600V TO-247 PowerMESH IGBT
STGW50NB60H STMICROELECTRONICS-STGW50NB60H Datasheet
50Kb / 5P
   N-CHANNEL 50A - 600V TO-247 PowerMESH IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com