Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STGF10NB60SD Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce STGF10NB60SD
Description  N-channel 10A - 600V - TO-220FP PowerMESH TM IGBT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGF10NB60SD Fiches technique(HTML) 3 Page - STMicroelectronics

  STGF10NB60SD_06 Datasheet HTML 1Page - STMicroelectronics STGF10NB60SD_06 Datasheet HTML 2Page - STMicroelectronics STGF10NB60SD_06 Datasheet HTML 3Page - STMicroelectronics STGF10NB60SD_06 Datasheet HTML 4Page - STMicroelectronics STGF10NB60SD_06 Datasheet HTML 5Page - STMicroelectronics STGF10NB60SD_06 Datasheet HTML 6Page - STMicroelectronics STGF10NB60SD_06 Datasheet HTML 7Page - STMicroelectronics STGF10NB60SD_06 Datasheet HTML 8Page - STMicroelectronics STGF10NB60SD_06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
STGF10NB60SD
Electrical ratings
3/13
1
Electrical ratings
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCES
Collector-emitter voltage (VGS = 0)
600
V
IC
Collector current (continuous) at 25°C
20
A
IC
Collector current (continuous) at 100°C
7
A
ICM
(1)
1.
Pulse width limited by max. junction temperature.
Collector current (pulsed)
100
A
VGE
Gate-emitter voltage
± 20
V
PTOT
Total dissipation at TC = 25°C
25
W
VISO
Insulation withstand voltage A.C.(t = 1sec;Tc=25°C)
2500
V
Tstg
Operating junction temperature
– 55 to 150
°C
Tj
Storage temperature
Table 2.
Thermal resistance
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case Max
5
°C/W
Rthj-amb
Thermal resistance junction-ambient Max
62.5
°C/W


Numéro de pièce similaire - STGF10NB60SD_06

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STGF10NB60SD STMICROELECTRONICS-STGF10NB60SD Datasheet
325Kb / 8P
   N-CHANNEL 10A - 600V TO-220FP PowerMESH IGBT
More results

Description similaire - STGF10NB60SD_06

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STGP10NB60SFP STMICROELECTRONICS-STGP10NB60SFP Datasheet
316Kb / 8P
   N-CHANNEL 10A - 600V - TO-220FP PowerMesh??IGBT
STP10NB60SFP STMICROELECTRONICS-STP10NB60SFP Datasheet
318Kb / 8P
   N-CHANNEL 10A - 600V - TO-220FP PowerMesh??IGBT
STGP10NB60S STMICROELECTRONICS-STGP10NB60S_05 Datasheet
387Kb / 13P
   N-CHANNEL 10A - 600V - TO-220/TO-220FP/D2PAK PowerMESH TM IGBT
STGF10NB60SD STMICROELECTRONICS-STGF10NB60SD Datasheet
325Kb / 8P
   N-CHANNEL 10A - 600V TO-220FP PowerMESH IGBT
STGP10NB60SDFP STMICROELECTRONICS-STGP10NB60SDFP Datasheet
326Kb / 8P
   N-CHANNEL 10A - 600V - TO-220FP PowerMesh??IGBT
STGF20NB60S_0508 STMICROELECTRONICS-STGF20NB60S_0508 Datasheet
296Kb / 11P
   N-CHANNEL 13A - 600V TO-220FP PowerMESH TM IGBT
STGF7NB60SL_0409 STMICROELECTRONICS-STGF7NB60SL_0409 Datasheet
257Kb / 9P
   N-CHANNEL 7A - 600V - TO-220FP PowerMESH TM IGBT
STGF19NC60HD STMICROELECTRONICS-STGF19NC60HD Datasheet
276Kb / 14P
   N-channel 600V - 9A - TO-220FP Very fast PowerMESH TM IGBT
STGF10NC60KD STMICROELECTRONICS-STGF10NC60KD_07 Datasheet
526Kb / 17P
   N-channel 600V - 10A - D2PAK / TO-220 / TO-220FP Short circuit rated PowerMESH TM IGBT
STGB3NB60HD STMICROELECTRONICS-STGB3NB60HD_03 Datasheet
586Kb / 12P
   N-CHANNEL 3A - 600V - TO-220/TO-220FP/D2PAK PowerMESH TM IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com