Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STGP10NC60HD Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce STGP10NC60HD
Description  N-channel 600V - 10A - TO-220 - D2PAK Very fast PowerMESH TM IGBT
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP10NC60HD Fiches technique(HTML) 5 Page - STMicroelectronics

  STGP10NC60HD Datasheet HTML 1Page - STMicroelectronics STGP10NC60HD Datasheet HTML 2Page - STMicroelectronics STGP10NC60HD Datasheet HTML 3Page - STMicroelectronics STGP10NC60HD Datasheet HTML 4Page - STMicroelectronics STGP10NC60HD Datasheet HTML 5Page - STMicroelectronics STGP10NC60HD Datasheet HTML 6Page - STMicroelectronics STGP10NC60HD Datasheet HTML 7Page - STMicroelectronics STGP10NC60HD Datasheet HTML 8Page - STMicroelectronics STGP10NC60HD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
STGB10NC60HD - STGP10NC60HD
Electrical characteristics
5/15
Table 7.
Collector-emitter diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Vf
Forward on-voltage
If = 2.5A
If = 2.5A, Tj = 125°C
1.75
1.3
2.1
V
V
trr
Qrr
Irrm
Reverse recovery time
Reverse recovery charge
Reverse recovery current
If = 5A,VR = 40V,
Tj = 25°C, di/dt = 100 A/
µs
(see Figure 19)
21.5
14.2
1.32
ns
nC
A
trr
Qrr
Irrm
Reverse recovery time
Reverse recovery charge
Reverse recovery current
If = 5A,VR = 40V,
Tj =125°C, di/dt = 100A/
µs
(see Figure 19)
33
30.5
1.85
ns
nC
A


Numéro de pièce similaire - STGP10NC60HD

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STGP10NC60HD STMICROELECTRONICS-STGP10NC60HD Datasheet
410Kb / 17P
   N-channel 600V - 10A - TO-220 - D2PAK - TO-220FP very fast PowerMESH IGBT
STGP10NC60HD STMICROELECTRONICS-STGP10NC60HD Datasheet
774Kb / 19P
   600 V - 10 A - very fast IGBT
STGP10NC60HD STMICROELECTRONICS-STGP10NC60HD Datasheet
771Kb / 19P
   600 V - 10 A - very fast IGBT
Rev 5 December 2008
More results

Description similaire - STGP10NC60HD

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STGP10NC60H STMICROELECTRONICS-STGP10NC60H_06 Datasheet
272Kb / 13P
   N-channel 10A - 600V - TO-220 Very fast PowerMESH TM IGBT
STGB10NC60HD_0710 STMICROELECTRONICS-STGB10NC60HD_0710 Datasheet
410Kb / 17P
   N-channel 600V - 10A - TO-220 - D2PAK - TO-220FP very fast PowerMESH IGBT
STGP10NB60S STMICROELECTRONICS-STGP10NB60S_05 Datasheet
387Kb / 13P
   N-CHANNEL 10A - 600V - TO-220/TO-220FP/D2PAK PowerMESH TM IGBT
STGB6NC60HD STMICROELECTRONICS-STGB6NC60HD Datasheet
406Kb / 17P
   N-channel 600V - 7A - D2PAK / TO-220 / TO-220FP Very fast PowerMESH TM IGBT
STGP10NC60H STMICROELECTRONICS-STGP10NC60H Datasheet
104Kb / 9P
   N-CHANNEL 10A - 600V - TO-220 VERY FAST PowerMESH??IGBT
November 2005 Rev 1
STGP10NC60H STMICROELECTRONICS-STGP10NC60H_07 Datasheet
315Kb / 13P
   N-channel 10A - 600V - TO-220 Very fast PowerMESH IGBT
STGB6NC60H STMICROELECTRONICS-STGB6NC60H Datasheet
326Kb / 14P
   N-channel 600V - 7A - D2PAK Very fast PowerMESH TM IGBT
STGB10NC60K STMICROELECTRONICS-STGB10NC60K_07 Datasheet
599Kb / 17P
   N-channel 600V - 10A - D2PAK / TO-220 / DPAK Short circuit rated PowerMESH TM IGBT
STGF10NC60KD STMICROELECTRONICS-STGF10NC60KD_07 Datasheet
526Kb / 17P
   N-channel 600V - 10A - D2PAK / TO-220 / TO-220FP Short circuit rated PowerMESH TM IGBT
STGB3NB60HD STMICROELECTRONICS-STGB3NB60HD_03 Datasheet
586Kb / 12P
   N-CHANNEL 3A - 600V - TO-220/TO-220FP/D2PAK PowerMESH TM IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com