Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STGB6NC60HDT4 Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce STGB6NC60HDT4
Description  N-channel 600V - 7A - D2PAK / TO-220 / TO-220FP Very fast PowerMESH TM IGBT
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGB6NC60HDT4 Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button STGB6NC60HDT4 Datasheet HTML 7Page - STMicroelectronics STGB6NC60HDT4 Datasheet HTML 8Page - STMicroelectronics STGB6NC60HDT4 Datasheet HTML 9Page - STMicroelectronics STGB6NC60HDT4 Datasheet HTML 10Page - STMicroelectronics STGB6NC60HDT4 Datasheet HTML 11Page - STMicroelectronics STGB6NC60HDT4 Datasheet HTML 12Page - STMicroelectronics STGB6NC60HDT4 Datasheet HTML 13Page - STMicroelectronics STGB6NC60HDT4 Datasheet HTML 14Page - STMicroelectronics STGB6NC60HDT4 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
STGB6NC60HD - STGP6NC60HD - STGF6NC60HD
Package mechanical data
11/17
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at : www.st.com


Numéro de pièce similaire - STGB6NC60HDT4

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STGB6NC60HDT4 STMICROELECTRONICS-STGB6NC60HDT4 Datasheet
424Kb / 18P
   N-channel 600V - 7A - I2PAK / D2PAK / TO-220 / TO-220FP Very fast PowerMESH??IGBT
More results

Description similaire - STGB6NC60HDT4

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STGB6NC60HD STMICROELECTRONICS-STGB6NC60HD_07 Datasheet
424Kb / 18P
   N-channel 600V - 7A - I2PAK / D2PAK / TO-220 / TO-220FP Very fast PowerMESH??IGBT
STGB10NC60HD_0710 STMICROELECTRONICS-STGB10NC60HD_0710 Datasheet
410Kb / 17P
   N-channel 600V - 10A - TO-220 - D2PAK - TO-220FP very fast PowerMESH IGBT
STGB6NC60H STMICROELECTRONICS-STGB6NC60H Datasheet
326Kb / 14P
   N-channel 600V - 7A - D2PAK Very fast PowerMESH TM IGBT
STGP7NB60KD STMICROELECTRONICS-STGP7NB60KD Datasheet
330Kb / 12P
   N-CHANNEL 7A - 600V - TO-220/TO-220FP/D2PAK SHORT CIRCUIT RATED PowerMESH TM IGBT
STGP10NB60S STMICROELECTRONICS-STGP10NB60S_05 Datasheet
387Kb / 13P
   N-CHANNEL 10A - 600V - TO-220/TO-220FP/D2PAK PowerMESH TM IGBT
STGB10NC60HD STMICROELECTRONICS-STGB10NC60HD Datasheet
453Kb / 15P
   N-channel 600V - 10A - TO-220 - D2PAK Very fast PowerMESH TM IGBT
STGB3NB60HD STMICROELECTRONICS-STGB3NB60HD_03 Datasheet
586Kb / 12P
   N-CHANNEL 3A - 600V - TO-220/TO-220FP/D2PAK PowerMESH TM IGBT
STGF7NB60SL_0409 STMICROELECTRONICS-STGF7NB60SL_0409 Datasheet
257Kb / 9P
   N-CHANNEL 7A - 600V - TO-220FP PowerMESH TM IGBT
STGP7NB60FD STMICROELECTRONICS-STGP7NB60FD Datasheet
505Kb / 11P
   N-CHANNEL 7A - 600V TO-220 / D2PAK PowerMESH IGBT
STGF19NC60HD STMICROELECTRONICS-STGF19NC60HD Datasheet
276Kb / 14P
   N-channel 600V - 9A - TO-220FP Very fast PowerMESH TM IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com