Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STC08DE150HV Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce STC08DE150HV
Description  Hybrid emitter switched bipolar transistor ESBT 1500V - 8A - 0.075 ohm
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC08DE150HV Fiches technique(HTML) 7 Page - STMicroelectronics

Back Button STC08DE150HV Datasheet HTML 3Page - STMicroelectronics STC08DE150HV Datasheet HTML 4Page - STMicroelectronics STC08DE150HV Datasheet HTML 5Page - STMicroelectronics STC08DE150HV Datasheet HTML 6Page - STMicroelectronics STC08DE150HV Datasheet HTML 7Page - STMicroelectronics STC08DE150HV Datasheet HTML 8Page - STMicroelectronics STC08DE150HV Datasheet HTML 9Page - STMicroelectronics STC08DE150HV Datasheet HTML 10Page - STMicroelectronics STC08DE150HV Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
STC08DE150HV
Electrical characteristics
7/11
2.2
Test circuits
Figure 12. Enlargement FBSOA circuit
Table 5.
Components, values
Figure 11. Reverse biased safe
operating area
VB1 =4.16V
D1 =BA157
R1 =1Ω
R2 =100Ω
R3 =180Ω
Rg =47Ω
C1 =4700µF
C2 ≤1000pF
VCC =1500V
Vg =10V
Pulse time = 5
µs


Numéro de pièce similaire - STC08DE150HV

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STC08DE150HP STMICROELECTRONICS-STC08DE150HP Datasheet
297Kb / 11P
   Hybrid emitter switched bipolar transistor ESBT 1500V - 8A - 0.075 ohm
October 2006 Rev 1
More results

Description similaire - STC08DE150HV

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STC08DE150HP STMICROELECTRONICS-STC08DE150HP Datasheet
297Kb / 11P
   Hybrid emitter switched bipolar transistor ESBT 1500V - 8A - 0.075 ohm
October 2006 Rev 1
STC08IE150HV STMICROELECTRONICS-STC08IE150HV_07 Datasheet
276Kb / 11P
   Emitter switched bipolar transistor ESBT 1500V - 8A - 0.08?
STC08DE150 STMICROELECTRONICS-STC08DE150 Datasheet
264Kb / 9P
   HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1500 V - 8 A - 0.075 OHM
STC08IE120HV STMICROELECTRONICS-STC08IE120HV Datasheet
268Kb / 11P
   Emitter Switched Bipolar Transistor ESBT 1200 V - 8A - 0.10 ohm
STP08IE120F4 STMICROELECTRONICS-STP08IE120F4 Datasheet
278Kb / 11P
   Emitter Switched Bipolar Transistor ESBT 1200 V - 8A - 0.10 ohm
STC08IE120HP STMICROELECTRONICS-STC08IE120HP Datasheet
295Kb / 11P
   Emitter Switched Bipolar Transistor ESBT 1200 V - 8A - 0.10 ohm
STC08IE150HV STMICROELECTRONICS-STC08IE150HV Datasheet
120Kb / 7P
   Emitter Switched Bipolar Transistor ESBT 1500 V - 8A - 0.10 ohm
STC20DE90HV STMICROELECTRONICS-STC20DE90HV Datasheet
255Kb / 11P
   Hybrid emitter switched bipolar transistor ESBT 900V - 20A - 0.06 ohm
STC03DE170HV STMICROELECTRONICS-STC03DE170HV_06 Datasheet
286Kb / 11P
   Hybrid emitter switched bipolar transistor ESBT 1700V - 3A - 0.55 OHM
STC20DE90HP STMICROELECTRONICS-STC20DE90HP Datasheet
281Kb / 11P
   Hybrid emitter switched bipolar transistor ESBT 900V - 20A - 0.06 ohm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com