Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST7FLITE09 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce ST7FLITE09
Description  8-BIT MICROCONTROLLER WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
Download  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE09 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button ST7FLITE09 Datasheet HTML 5Page - STMicroelectronics ST7FLITE09 Datasheet HTML 6Page - STMicroelectronics ST7FLITE09 Datasheet HTML 7Page - STMicroelectronics ST7FLITE09 Datasheet HTML 8Page - STMicroelectronics ST7FLITE09 Datasheet HTML 9Page - STMicroelectronics ST7FLITE09 Datasheet HTML 10Page - STMicroelectronics ST7FLITE09 Datasheet HTML 11Page - STMicroelectronics ST7FLITE09 Datasheet HTML 12Page - STMicroelectronics ST7FLITE09 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 125 page
background image
ST7LITE0x, ST7LITESx
9/125
3 REGISTER & MEMORY MAP
As shown in Figure 3 and Figure 4, the MCU is ca-
pable of addressing 64K bytes of memories and I/
O registers.
The available memory locations consist of up to
128 bytes of register locations, 128 bytes of RAM,
128 bytes of data EEPROM and up to 1.5 Kbytes
of user program memory. The RAM space in-
cludes up to 64 bytes for the stack from 0C0h to
0FFh.
The highest address bytes contain the user reset
and interrupt vectors.
The size of Flash Sector 0 is configurable by Op-
tion byte.
IMPORTANT: Memory locations marked as “Re-
served” must never be accessed. Accessing a re-
served area can have unpredictable effects on the
device.
Figure 3. Memory Map (ST7LITE0x)
0000h
RAM
Flash Memory
(1.5K)
Interrupt & Reset Vectors
HW Registers
0080h
007Fh
0FFFh
(see Table 2)
1000h
107Fh
FFE0h
FFFFh
(see Table 6)
0100h
Reserved
00FFh
Short Addressing
RAM (zero page)
64 Bytes Stack
00C0h
00FFh
0080h
00BFh
(128 Bytes)
Data EEPROM
(128 Bytes)
FA00h
1080h
F9FFh
Reserved
FFDFh
1 Kbytes
0.5 Kbytes
SECTOR 1
SECTOR 0
1.5K FLASH
FFFFh
FC00h
FBFFh
FA00h
PROGRAM MEMORY
1000h
1001h
RCCR0
RCCR1
see section 7.1 on page 25
FFDEh
FFDFh
RCCR0
RCCR1
see section 7.1 on page 25
1


Numéro de pièce similaire - ST7FLITE09

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
ST7FLITE09 STMICROELECTRONICS-ST7FLITE09 Datasheet
1Mb / 122P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
August 2003 Rev. 2.4
ST7FLITE09 STMICROELECTRONICS-ST7FLITE09 Datasheet
2Mb / 124P
   8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, timers, SPI
ST7FLITE09Y0B6 STMICROELECTRONICS-ST7FLITE09Y0B6 Datasheet
1Mb / 122P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
August 2003 Rev. 2.4
ST7FLITE09Y0B6 STMICROELECTRONICS-ST7FLITE09Y0B6 Datasheet
2Mb / 124P
   8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, timers, SPI
ST7FLITE09Y0B6TR STMICROELECTRONICS-ST7FLITE09Y0B6TR Datasheet
2Mb / 124P
   8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, timers, SPI
More results

Description similaire - ST7FLITE09

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
ST7FLITE25F1B6 STMICROELECTRONICS-ST7FLITE25F1B6 Datasheet
1Mb / 166P
   8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
June 2013 Rev 5
ST7LITE2 STMICROELECTRONICS-ST7LITE2_06 Datasheet
2Mb / 133P
   8-BIT MICROCONTROLLER WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
ST7LITE0XY0 STMICROELECTRONICS-ST7LITE0XY0 Datasheet
2Mb / 124P
   8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, timers, SPI
ST7LITE0 STMICROELECTRONICS-ST7LITE0 Datasheet
1Mb / 122P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
August 2003 Rev. 2.4
ST7LITE2 STMICROELECTRONICS-ST7LITE2 Datasheet
1Mb / 131P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
August 2003 Rev. 2.0
ST7DALI STMICROELECTRONICS-ST7DALI Datasheet
2Mb / 141P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI, DALI
ST7FLIT19BF1B6 STMICROELECTRONICS-ST7FLIT19BF1B6 Datasheet
2Mb / 159P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
ST7LITE1XB STMICROELECTRONICS-ST7LITE1XB_08 Datasheet
2Mb / 159P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
ST7LITE1XB STMICROELECTRONICS-ST7LITE1XB Datasheet
2Mb / 157P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
ST7LITE1 STMICROELECTRONICS-ST7LITE1 Datasheet
1Mb / 131P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 4 TIMERS, SPI
December 2004 Rev. 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com