Moteur de recherche de fiches techniques de composants électroniques |
|
ST72C215G2M7 Fiches technique(PDF) 7 Page - STMicroelectronics |
|
ST72C215G2M7 Fiches technique(HTML) 7 Page - STMicroelectronics |
7 / 140 page ST72104G, ST72215G, ST72216G, ST72254G 7/140 2 PIN DESCRIPTION Figure 2. 28-Pin SO Package Pinout Figure 3. 32-Pin SDIP Package Pinout 15 16 17 18 19 20 28 27 26 25 24 23 22 21 1 2 3 4 5 6 7 8 9 10 11 12 13 14 RESET OSC1 AIN3/ICAP2_B/PC3 AIN4/OCMP2_B/PC4 AIN5/EXTCLK_A/PC5 ICAP1_A/PB0 OCMP1_A/PB1 ICAP2_A/PB2 OCMP2_A/PB3 MOSI/PB4 ISPDATA/MISO/PB5 ISPCLK/SCK/PB6 SS/PB7 OSC2 VDD VSS PC2/MCO/AIN2 PC1/OCMP1_B/AIN1 PC0/ICAP1_B/AIN0 PA7 (HS) PA6 (HS)/SDAI PA5 (HS) PA4 (HS)/SCLI PA3 (HS) PA2 (HS) PA1 (HS) PA0 (HS) ISPSEL ei1 ei0 ei0 or ei1 (HS) 20mA high sink capability eiX associated external interrupt vector 28 27 26 25 24 23 22 21 20 19 18 17 16 15 1 2 3 4 5 6 7 8 9 10 11 12 13 14 29 30 31 32 RESET OSC1 AIN3/ICAP2_B/PC3 AIN4/OCMP2_B/PC4 AIN5/EXTCLK_A/PC5 ICAP1_A/PB0 OCMP1_A/PB1 ICAP2_A/PB2 OCMP2_A/PB3 MOSI/PB4 ISPDATA/MISO/PB5 ISPCLK/SCK/PB6 SS/PB7 OSC2 NC NC VDD VSS PC2/MCO/AIN2 PC1/OCMP1_B/AIN1 PC0/ICAP1_B/AIN0 PA7 (HS) PA6 (HS)/SDAI PA5 (HS) PA4 (HS)/SCLI PA3 (HS) PA2 (HS) PA1 (HS) PA0 (HS) ISPSEL NC NC ei1 ei0 ei0 ei1 ei0 or ei1 (HS) 20mA high sink capability eiX associated external interrupt vector 5 |
Numéro de pièce similaire - ST72C215G2M7 |
|
Description similaire - ST72C215G2M7 |