Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BUK462-60A Fiches technique(PDF) 3 Page - NXP Semiconductors

No de pièce BUK462-60A
Description  PowerMOS transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK462-60A Fiches technique(HTML) 3 Page - NXP Semiconductors

  BUK462-60A Datasheet HTML 1Page - NXP Semiconductors BUK462-60A Datasheet HTML 2Page - NXP Semiconductors BUK462-60A Datasheet HTML 3Page - NXP Semiconductors BUK462-60A Datasheet HTML 4Page - NXP Semiconductors BUK462-60A Datasheet HTML 5Page - NXP Semiconductors BUK462-60A Datasheet HTML 6Page - NXP Semiconductors BUK462-60A Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Philips Semiconductors
Product specification
PowerMOS transistor
BUK462-60A
Fig.1. Normalised power dissipation.
PD% = 100
⋅P
D/PD 25 ˚C = f(Tmb)
Fig.2. Normalised continuous drain current.
ID% = 100
⋅I
D/ID 25 ˚C = f(Tmb); conditions: VGS ≥ 10 V
Fig.3. Safe operating area. T
mb = 25 ˚C
I
D & IDM = f(VDS); IDM single pulse; parameter tp
Fig.4. Transient thermal impedance.
Z
th j-mb = f(t); parameter D = tp/T
Fig.5. Typical output characteristics, T
j = 25 ˚C.
I
D = f(VDS); parameter VGS
Fig.6. Typical on-state resistance, T
j = 25 ˚C.
R
DS(ON) = f(ID); parameter VGS
0
20
40
60
80
100
120
140
160
180
Tmb / C
PD%
Normalised Power Derating
120
110
100
90
80
70
60
50
40
30
20
10
0
1E-07
1E-05
1E-03
1E-01
1E+01
t / s
Zth j-mb / (K/W)
1E+01
1E+00
1E-01
1E-02
0
0.5
0.2
0.1
0.05
0.02
D =
tp
tp
T
T
P
t
D
BUKX52
0
20
40
60
80
100
120
140
160
180
Tmb / C
ID%
Normalised Current Derating
120
110
100
90
80
70
60
50
40
30
20
10
0
0
2
4
6
8
10
BUK452-50A
VDS / V
ID / A
30
20
10
0
4
5
6
7
8
10
15
20
VGS / V =
1
100
VDS / V
ID / A
100
10
1
BUK452-60
10
tp = 10 us
100 us
1 ms
10 ms
100 ms
DC
A
0
4
8
12
16
20
24
28
BUK452-50A
ID / A
RDS(ON) / Ohm
0.5
0.4
0.3
0.2
0.1
0
5
6
7
8
10
20
VGS / V =
February 1996
3
Rev 1.000


Numéro de pièce similaire - BUK462-60A

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BUK462-100A PHILIPS-BUK462-100A Datasheet
60Kb / 7P
   PowerMOS transistor
April 1998 Rev 1.000
logo
Inchange Semiconductor ...
BUK462-100A ISC-BUK462-100A Datasheet
345Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Description similaire - BUK462-60A

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
PHP5N40 PHILIPS-PHP5N40 Datasheet
54Kb / 7P
   PowerMOS transistor
February 1997 Rev 1.000
PHW7N60 PHILIPS-PHW7N60 Datasheet
56Kb / 7P
   PowerMOS transistor
June 1997 Rev 1.000
PHX1N40 PHILIPS-PHX1N40 Datasheet
60Kb / 7P
   PowerMOS transistor
June 1997 1 Rev 1.000
BUK436W-200A PHILIPS-BUK436W-200A Datasheet
71Kb / 7P
   PowerMOS transistor
July 1997 Rev 1.000
BUK438W-800A PHILIPS-BUK438W-800A Datasheet
65Kb / 7P
   PowerMOS transistor
February 1998 Rev 1.000
BUK444-800A PHILIPS-BUK444-800A Datasheet
67Kb / 7P
   PowerMOS transistor
April 1993 Rev 1.100
BUK444-800A PHILIPS-BUK444-800A Datasheet
52Kb / 7P
   PowerMOS transistor
April 1993 Rev 1.100
BUK453-100A PHILIPS-BUK453-100A Datasheet
57Kb / 7P
   PowerMOS transistor
April 1998 Rev 1.100
BUK455-60H PHILIPS-BUK455-60H Datasheet
91Kb / 7P
   PowerMOS transistor
August 1994 Rev 1.000
BUK456-1000B PHILIPS-BUK456-1000B Datasheet
61Kb / 7P
   PowerMOS transistor
May 1995 Rev 1.200
BUK462-100A PHILIPS-BUK462-100A Datasheet
60Kb / 7P
   PowerMOS transistor
April 1998 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com